Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2747 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM2747
Description  Synchronous Buck Controller with Pre-Bias Startup, and Optional Clock Synchronization
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2747 Datasheet(HTML) 5 Page - Texas Instruments

  LM2747 Datasheet HTML 1Page - Texas Instruments LM2747 Datasheet HTML 2Page - Texas Instruments LM2747 Datasheet HTML 3Page - Texas Instruments LM2747 Datasheet HTML 4Page - Texas Instruments LM2747 Datasheet HTML 5Page - Texas Instruments LM2747 Datasheet HTML 6Page - Texas Instruments LM2747 Datasheet HTML 7Page - Texas Instruments LM2747 Datasheet HTML 8Page - Texas Instruments LM2747 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
LM2747
www.ti.com
SNVS370B – MARCH 2006 – REVISED MARCH 2013
ELECTRICAL CHARACTERISTICS (continued)
VCC = 3.3V unless otherwise indicated. Typicals and limits appearing in plain type apply for TA= TJ= 25°C. Limits appearing in
boldface type apply over full Operating Temperature Range. Datasheet min/max specification limits are specified by design,
test, or statistical analysis.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
LOGIC INPUTS AND OUTPUTS
VSTBY-IH
Standby High Trip Point
VFB = 0.575V, VBOOT = 3.3V
1.1
V
VSD Rising
VSTBY-IL
Standby Low Trip Point
VFB = 0.575V, VBOOT = 3.3V
0.232
V
VSD Falling
VSD-IH
SD Pin Logic High Trip Point
VSD Rising
1.3
V
VSD-IL
SD Pin Logic Low Trip Point
VSD Falling
0.8
V
VPWGD-TH-LO
PWGD Pin Trip Points
VFB Falling
0.408
0.434
0.457
V
VPWGD-TH-HI
PWGD Pin Trip Points
VFB Rising
0.677
0.710
0.742
V
VPWGD-HYS
PWGD Hysteresis
VFB Falling
60
mV
VFB Rising
90
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM2747


Similar Part No. - LM2747

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2747 NSC-LM2747 Datasheet
1,009Kb / 23P
   Synchronous Buck Controller with Pre-bias Startup, and Optional Clock Synchronization
LM2747MTC NSC-LM2747MTC Datasheet
1,009Kb / 23P
   Synchronous Buck Controller with Pre-bias Startup, and Optional Clock Synchronization
LM2747MTCX NSC-LM2747MTCX Datasheet
1,009Kb / 23P
   Synchronous Buck Controller with Pre-bias Startup, and Optional Clock Synchronization
More results

Similar Description - LM2747

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2745 NSC-LM2745 Datasheet
1Mb / 23P
   Synchronous Buck Controller with Pre-bias Startup, and Optional Clock Synchronization
LM2747 NSC-LM2747 Datasheet
1,009Kb / 23P
   Synchronous Buck Controller with Pre-bias Startup, and Optional Clock Synchronization
logo
Texas Instruments
LM2745MTCX TI-LM2745MTCX Datasheet
1Mb / 37P
[Old version datasheet]   LM2745 / LM2748 Synchronous Buck Controller with Pre-Bias Startup, and Optional Clock
LM2748MTC TI1-LM2748MTC Datasheet
1Mb / 37P
[Old version datasheet]   LM2745 / LM2748 Synchronous Buck Controller with Pre-Bias Startup
logo
International Rectifier
IR3621 IRF-IR3621 Datasheet
375Kb / 29P
   2-PHASE / DUAL SYNCHRONOUS PWM CONTROLLER WITH OSCILLATOR SYNCHRONIZATION AND PRE-BIAS STARTUP
logo
Delta Electronics, Inc.
DNL DELTA-DNL Datasheet
936Kb / 15P
   Pre-bias startup
DNT12SIP05 DELTA-DNT12SIP05 Datasheet
716Kb / 13P
   Pre-bias startup
logo
Texas Instruments
TPS40195RGYTG4 TI-TPS40195RGYTG4 Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND
TPS40195 TI-TPS40195 Datasheet
665Kb / 39P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND POWER GOOD
logo
National Semiconductor ...
LM20136 NSC-LM20136 Datasheet
543Kb / 22P
   6A, Synchronous Buck Regulator with Input Synchronization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com