Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2744 Datasheet(PDF) 11 Page - Texas Instruments

Part # LM2744
Description  Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2744 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM2744_15 Datasheet HTML 7Page - Texas Instruments LM2744_15 Datasheet HTML 8Page - Texas Instruments LM2744_15 Datasheet HTML 9Page - Texas Instruments LM2744_15 Datasheet HTML 10Page - Texas Instruments LM2744_15 Datasheet HTML 11Page - Texas Instruments LM2744_15 Datasheet HTML 12Page - Texas Instruments LM2744_15 Datasheet HTML 13Page - Texas Instruments LM2744_15 Datasheet HTML 14Page - Texas Instruments LM2744_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
VOUT2 = VOUT1
RT1
RT1 + RT2
5V
1.8V
VOUT1
VOUT2
VREF + 0.05 =
RT1
RT1 + RT2
Master Power
Supply
VOUT1 = 5V
SS/TRACK
LM2744
RT2
1 k:
RT1
150:
RFB2
10 k:
RFB1
5 k:
FB
VOUT2 = 1.8V
VSS = 0.65V
VFB
LM2744
www.ti.com
SNVS292F – SEPTEMBER 2004 – REVISED MARCH 2013
Figure 21. Tracking Circuit
One way to use the tracking feature is to design the tracking resistor divider so that the master supply’s output
voltage (VOUT1) and the LM2744’s output voltage (represented symbolically in Figure 21 as VOUT2, i.e. without
explicitly showing the power components) both rise together and reach their target values at the same time. For
this case, the equation governing the values of the tracking divider resistors RT1 and RT2 is:
(4)
The current through RT1 should be about 3-4 mA for precise tracking. The final voltage of the SS/TRACK pin
should be set slightly higher than the reference voltage (say about 50mV higher as in the above equation). If the
master supply voltage was 5V and the LM2744 output voltage was 1.8V, for example, then the value of RT1
needed to give the two supplies identical soft-start times would be 150
Ω if VREF was set to 0.6V. A timing
diagram for the equal soft-start time case is shown in Figure 22.
Figure 22. Tracking with Equal Soft-Start Time
TRACKING A VOLTAGE SLEW RATE
The tracking feature can alternatively be used not to make both rails reach regulation at the same time but rather
to have similar rise rates (in terms of output dV/dt). This method ensures that the output voltage of the LM2744
always reaches regulation before the output voltage of the master supply. In this case, the tracking resistors can
be determined based on the following equation:
(5)
For the example case of VOUT1 = 5V and VOUT2 = 1.8V, with RT1 set to 150Ω as before, RT2 is calculated from the
above equation to be 267
Ω. A timing diagram for the case of equal slew rates is shown in Figure 23.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM2744


Similar Part No. - LM2744_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2744 NSC-LM2744 Datasheet
663Kb / 22P
   Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
logo
Texas Instruments
LM2744 TI1-LM2744 Datasheet
1Mb / 32P
[Old version datasheet]   Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
More results

Similar Description - LM2744_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2744 TI1-LM2744 Datasheet
1Mb / 32P
[Old version datasheet]   Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
logo
National Semiconductor ...
LM2744 NSC-LM2744 Datasheet
663Kb / 22P
   Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
LM2746 NSC-LM2746 Datasheet
1Mb / 24P
   Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
logo
Texas Instruments
LM2743 TI1-LM2743_14 Datasheet
1Mb / 37P
[Old version datasheet]   Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
LM2743 TI-LM2743_15 Datasheet
1Mb / 41P
[Old version datasheet]   LM2743 Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
LM2743MTCX TI-LM2743MTCX Datasheet
1Mb / 37P
[Old version datasheet]   LM2743 Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
LM2743 TI1-LM2743 Datasheet
1Mb / 41P
[Old version datasheet]   LM2743 Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
logo
Feature Integration Tec...
F72815 FINTEK-F72815 Datasheet
637Kb / 18P
   Synchronous Buck PWM DC-DC Controller with External Reference Voltage Input
logo
Winbond
W83321S WINBOND-W83321S Datasheet
795Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Nuvoton Technology Corp...
W83320G NUVOTON-W83320G Datasheet
422Kb / 20P
   N-Channel FET Synchronous Buck Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com