Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2744 Datasheet(PDF) 9 Page - Texas Instruments

Part # LM2744
Description  Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2744 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM2744_15 Datasheet HTML 5Page - Texas Instruments LM2744_15 Datasheet HTML 6Page - Texas Instruments LM2744_15 Datasheet HTML 7Page - Texas Instruments LM2744_15 Datasheet HTML 8Page - Texas Instruments LM2744_15 Datasheet HTML 9Page - Texas Instruments LM2744_15 Datasheet HTML 10Page - Texas Instruments LM2744_15 Datasheet HTML 11Page - Texas Instruments LM2744_15 Datasheet HTML 12Page - Texas Instruments LM2744_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
EA
PWM
ILIM
40 PA
10 PA
SYNCHRONOUS
DRIVER LOGIC
OV
UV
10 Ps
DELAY
REF x 1.18
REF x 0.7
SHUT DOWN
LOGIC
UVLO
SD
VCC
SGND
FB
EAO
BOOT
HG
LG
ISEN
PWGD
SS/TRACK
PGND
90 PA
SSDONE
SSDONE
Soft-Start
Comparator
+ Logic
+
-
+
-
VREF
REF
2V
0.85V
PWM LOGIC
CLOCK &
RAMP
FREQ
LM2744
www.ti.com
SNVS292F – SEPTEMBER 2004 – REVISED MARCH 2013
BLOCK DIAGRAM
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM2744


Similar Part No. - LM2744_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2744 NSC-LM2744 Datasheet
663Kb / 22P
   Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
logo
Texas Instruments
LM2744 TI1-LM2744 Datasheet
1Mb / 32P
[Old version datasheet]   Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
More results

Similar Description - LM2744_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2744 TI1-LM2744 Datasheet
1Mb / 32P
[Old version datasheet]   Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
logo
National Semiconductor ...
LM2744 NSC-LM2744 Datasheet
663Kb / 22P
   Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
LM2746 NSC-LM2746 Datasheet
1Mb / 24P
   Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
logo
Texas Instruments
LM2743 TI1-LM2743_14 Datasheet
1Mb / 37P
[Old version datasheet]   Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
LM2743 TI-LM2743_15 Datasheet
1Mb / 41P
[Old version datasheet]   LM2743 Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
LM2743MTCX TI-LM2743MTCX Datasheet
1Mb / 37P
[Old version datasheet]   LM2743 Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
LM2743 TI1-LM2743 Datasheet
1Mb / 41P
[Old version datasheet]   LM2743 Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
logo
Feature Integration Tec...
F72815 FINTEK-F72815 Datasheet
637Kb / 18P
   Synchronous Buck PWM DC-DC Controller with External Reference Voltage Input
logo
Winbond
W83321S WINBOND-W83321S Datasheet
795Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Nuvoton Technology Corp...
W83320G NUVOTON-W83320G Datasheet
422Kb / 20P
   N-Channel FET Synchronous Buck Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com