Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W989D6KB Datasheet(PDF) 10 Page - Winbond

Part # W989D6KB
Description  Standard Self Refresh Mode
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W989D6KB Datasheet(HTML) 10 Page - Winbond

Back Button W989D6KB Datasheet HTML 6Page - Winbond W989D6KB Datasheet HTML 7Page - Winbond W989D6KB Datasheet HTML 8Page - Winbond W989D6KB Datasheet HTML 9Page - Winbond W989D6KB Datasheet HTML 10Page - Winbond W989D6KB Datasheet HTML 11Page - Winbond W989D6KB Datasheet HTML 12Page - Winbond W989D6KB Datasheet HTML 13Page - Winbond W989D6KB Datasheet HTML 14Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 66 page
background image
W989D6KB / W989D2KB
512Mb Mobile LPSDR
Publication Release Date : October 07, 2013
- 10 -
Revision : A01-003
7.4 DC Characteristics
(x16)
Parameter
Sym.
-6
-75
Unit
Notes
Max.
Max.
Operating current:
Active mode; burst = 1; READ or WRITE; tRC = tRC (MIN)
IDD1
38
35
mA
2, 3, 4
Standby current:
Power-down mode; All banks idle; CKE = LOW
Idd2P
0.3
0.3
mA
5
Standby current:
Nonpower-down mode; All banks idle; CKE = HIGH
Idd2N
10
10
mA
Standby current:
Active mode; CKE = LOW; CS# = HIGH; All banks active;
No accesses in progress
Idd3P
3
3
mA
3, 4, 6
Standby current:
Active mode; CKE = HIGH; CS# = HIGH; All banks active after tRCD
met; No accesses in progress
Idd3N
25
25
mA
3, 4, 6
Operating current:
Burst mode; READ or WRITE; All banks active; Half of DQ toggling
every cycle
Idd4
75
70
mA
2, 3, 4
Auto refresh current: tRFC=tRFC (MIN)
CKE = HIGH; CS# = HIGH
Idd5
75
75
mA
2, 3, 4, 6
Deep Power Down Mode
Izz
10
10
μA
5,8


Similar Part No. - W989D6KB

ManufacturerPart #DatasheetDescription
logo
Winbond
W989D6CB WINBOND-W989D6CB Datasheet
1Mb / 67P
   512Mb Mobile LPSDR
W989D6CBGX5G WINBOND-W989D6CBGX5G Datasheet
1Mb / 65P
   512Mb Mobile LPSDR
W989D6CBGX6E WINBOND-W989D6CBGX6E Datasheet
1Mb / 67P
   512Mb Mobile LPSDR
W989D6CBGX6E WINBOND-W989D6CBGX6E Datasheet
1Mb / 65P
   512Mb Mobile LPSDR
W989D6CBGX6G WINBOND-W989D6CBGX6G Datasheet
1Mb / 65P
   512Mb Mobile LPSDR
More results

Similar Description - W989D6KB

ManufacturerPart #DatasheetDescription
logo
Winbond
W94AD6KB WINBOND-W94AD6KB Datasheet
1Mb / 60P
   Standard Self Refresh Mode
W949D6DB WINBOND-W949D6DB Datasheet
1Mb / 60P
   Standard Self Refresh Mode
W989D6DB WINBOND-W989D6DB Datasheet
868Kb / 64P
   Standard Self Refresh Mode
logo
Micross Components
AS4SD8M16 MICROSS-AS4SD8M16 Datasheet
6Mb / 52P
   Self Refresh Mode
logo
Micron Technology
MT4C4001JS MICRON-MT4C4001JS Datasheet
1Mb / 15P
   standard or self refresh
logo
Integrated Silicon Solu...
IS42RM16800F ISSI-IS42RM16800F Datasheet
465Kb / 27P
   Auto refresh and self refresh
IS42SM16200D ISSI-IS42SM16200D Datasheet
477Kb / 33P
   Auto refresh and self refresh
IS42VM16160K ISSI-IS42VM16160K Datasheet
865Kb / 34P
   Auto refresh and self refresh
IS42SM32100D ISSI-IS42SM32100D Datasheet
839Kb / 33P
   Auto refresh and self refresh
IS42SMVM32200M ISSI-IS42SMVM32200M Datasheet
852Kb / 33P
   Auto refresh and self refresh
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com