Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W956K6HB Datasheet(PDF) 7 Page - Winbond

Part # W956K6HB
Description  Low-power features
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W956K6HB Datasheet(HTML) 7 Page - Winbond

Back Button W956K6HB Datasheet HTML 3Page - Winbond W956K6HB Datasheet HTML 4Page - Winbond W956K6HB Datasheet HTML 5Page - Winbond W956K6HB Datasheet HTML 6Page - Winbond W956K6HB Datasheet HTML 7Page - Winbond W956K6HB Datasheet HTML 8Page - Winbond W956K6HB Datasheet HTML 9Page - Winbond W956K6HB Datasheet HTML 10Page - Winbond W956K6HB Datasheet HTML 11Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
W956K6HB
Publication Release Date: Nov. 07, 2014
Revision: A01-001
- 7 -
7. INSTRUCTION SET
7.1 Bus Operation
Asynchronous
Mode BCR[15] =
1 (default)
Power
CLK
ADV#
CE#
OE#
WE#
CRE
LB#/
UB#
WAIT*2
A/DQ[15:0]*3
Notes
Read
Active
X
L
L
H
L
L
Low-Z
Data out
4
Write
Active
X
L
X
L
L
L
High-Z
Data in
4
Standby
Standby
H or L
X
H
X
X
L
X
High-Z
High-Z
5, 6
No operation
Idle
X
X
L
X
X
L
X
Low-Z
X
4, 6
Configuration
register WRITE
Active
X
L
H
L
H
X
Low-Z
High-Z
Configuration
register READ
Active
x
L
L
H
H
L
Low-Z
Config. reg. out
DPD
Deep power-
down
X
X
H
X
X
X
X
High-Z
High-Z
10
Burst Mode
BCR[15] = 0
Power
CLK*1
ADV#
CE#
OE#
WE#
CRE
LB#/
UB#
WAIT*2
A/DQ[15:0]*3
Notes
Read
Active
H or L
L
L
H
L
L
Low-Z
Data out
4, 7
Write
Active
H or L
L
X
L
L
L
High-Z
Data in
4
Standby
Standby
H or L
X
H
X
X
L
X
High-Z
High-Z
5, 6
No operation
Idle
H or L
X
L
X
X
L
X
Low-Z
X
4, 6
Initial burst READ
Active
L
L
X
H
L
L
Low-Z
Address
4, 8
Initial burst WRITE
Active
L
L
H
L
L
X
Low-Z
Address
4, 8
Burst continue
Active
H
L
X
X
X
L
Low-Z
Data in or Data
out
4, 8
Configuration
register WRITE
Active
L
L
H
L
H
X
Low-Z
High-Z
8, 9
Configuration
register READ
Active
L
L
L
H
H
L
Low-Z
Config. reg. out
8, 9
DPD
Deep power-
down
L
X
H
X
X
X
X
High-Z
High-Z
10
Notes:
1.
With burst mode enabled, CLK must be static (HIGH or LOW) during asynchronous READs and asynchronous WRITEs and to achieve
standby power during standby mode.
2.
The WAIT polarity is configured through the bus configuration register (BCR[10]).
3.
When LB# and UB# are in select mode (LOW), DQ[15:0] are enabled. When only LB# is in select mode, DQ[7:0] are enabled. When only
UB# is in the select mode, DQ[15:8] are enabled.
4.
The device will consume active power in this mode whenever addresses are changed.
5.
When the device is in standby mode, address inputs and data inputs/outputs are internally isolated from any external influence.
6.
VIN = VCCQ or 0V; all device balls must be static (unswitched) in order to achieve standby current.
7.
When the BCR is configured for synchronous mode, synchronous READ and WRITE and asynchronous WRITE and READ are supported.
8.
Burst mode operation is initialized through the bus configuration register (BCR[15])
9.
Initial cycle. Following cycles are the same as BURST CONTINUE. CE# must stay LOW for the equivalent of a single-word burst (as
indicated by WAIT).
10. DPD is initiated when CE# transitions from LOW to HIGH after writing RCR[4] to 0. DPD is maintained until CE# transitions from HIGH to
LOW.


Similar Part No. - W956K6HB

ManufacturerPart #DatasheetDescription
logo
Winbond
W956D6HB WINBOND-W956D6HB Datasheet
1Mb / 57P
   Low-power features
logo
Bourns Electronic Solut...
W956R0J BOURNS-W956R0J Datasheet
422Kb / 3P
   Wirewound Power Resistor
More results

Similar Description - W956K6HB

ManufacturerPart #DatasheetDescription
logo
Winbond
W967D6HB WINBOND-W967D6HB Datasheet
1Mb / 75P
   Low-power features
W957D6HB WINBOND-W957D6HB Datasheet
1Mb / 57P
   Low-power features
W958D6DB WINBOND-W958D6DB Datasheet
1Mb / 57P
   Low-power features
W966K6HB WINBOND-W966K6HB Datasheet
1Mb / 74P
   Low-power features
W956D6HB WINBOND-W956D6HB Datasheet
1Mb / 57P
   Low-power features
W968D6DA WINBOND-W968D6DA Datasheet
1Mb / 75P
   Low-power features
logo
STMicroelectronics
AN4445 STMICROELECTRONICS-AN4445 Datasheet
258Kb / 17P
   STM32L0xx ultra-low power features overview
logo
Vishay Siliconix
IRF710 VISHAY-IRF710_V01 Datasheet
159Kb / 8P
   Power MOSFET FEATURES
01-Jan-2022
logo
NXP Semiconductors
UDA1340 PHILIPS-UDA1340 Datasheet
154Kb / 24P
   Low-voltage low-power stereo audio CODEC with DSP features
1997 Jul 09
UDA1344TS PHILIPS-UDA1344TS Datasheet
126Kb / 28P
   Low-voltage low-power stereo audio CODEC with DSP features
2000 Feb 04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com