Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FW-8877A Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # FW-8877A
Description  Intel Xeon짰 E5-2600 v1/v2 Processor-based Rackmount 1U x86 Network Security Platform
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FW-8877A Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  FW-8877A Datasheet HTML 1Page - List of Unclassifed Manufacturers FW-8877A Datasheet HTML 2Page - List of Unclassifed Manufacturers FW-8877A Datasheet HTML 3Page - List of Unclassifed Manufacturers FW-8877A Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
connect@lannerinc.com | www.lannerinc.com
Ordering Information
FW-8877A
Intel Xeon® E5-2600 v1/v2 Processor-based Rackmount 1U x86 Network Security Platform +
4x NIC module expansion slots +1 GbE Mgmt. port, Redundant PSU
Compatible NIC Modules
Slim Module
Ports
Chipset
Bypass
NCS2-IGM427A
4 GbE RJ45
Intel® Cave Creek
2 pairs Gen2
NCS2-IGM427B
4 GbE RJ45
Intel® Cave Creek
N/A
NCS2-ISM405A
4 GbE SFP Fiber
Intel® I350-AM4
2 pairs
NCS2-IGM428A
4 GbE RJ45
Intel® i350AM-4
2 pairs Gen3
NCS2-IGM428B
4 GbE RJ45
Intel® i350AM-4
N/A
NCS2-ISM406A
4 GbE SFP Fiber
Intel® I350-AM4
N/A
NCS2-ISM802A
8 GbE SFP Fiber
2 x Intel® I350-AM4
N/A
NCS2-ITM202A
2 10G RJ45
2 x Intel® X540
N/A
NCS2-IXM204A
2 10G SFP+ Fiber
Intel® 82599ES
N/A
Optional Accessories
Part Number
Description
IAC-AST2300
IPMI Card
IAC-MVGA02Z
OPMA VGA Card
AV-ICE01
VPN Acceleration Card with Intel® Cave Creek 8910
AV-CVE20000
VPN Acceleration Card with Cavium® CNN3550
V2.0


Similar Part No. - FW-8877A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FW-8875 ETC2-FW-8875 Datasheet
219Kb / 2P
   Intel 5520 Based Sever-Grade Network Communication Appliance
FW-8875A ETC2-FW-8875A Datasheet
219Kb / 2P
   Intel 5520 Based Sever-Grade Network Communication Appliance
FW-8875B ETC2-FW-8875B Datasheet
219Kb / 2P
   Intel 5520 Based Sever-Grade Network Communication Appliance
More results

Similar Description - FW-8877A

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AGS-910 ADVANTECH-AGS-910 Datasheet
879Kb / 2P
   1U Rackmount Intel Xeon E5-2600/2600 v2 GPU server
logo
List of Unclassifed Man...
FW-8771 ETC2-FW-8771 Datasheet
431Kb / 4P
   Rackmount x86 Network Security Platform Based on Intel짰 Xeon짰 E3-1200 v3 processor
logo
Advantech Co., Ltd.
FWA-6520 ADVANTECH-FWA-6520_15 Datasheet
555Kb / 2P
   Intel짰 Xeon짰 E5-2600 v3 Processor-based 2U Network Application Platform
logo
List of Unclassifed Man...
FW-8895 ETC2-FW-8895 Datasheet
171Kb / 4P
   High Performance 2U Rackmount Network Security System based on Intel Xeon E5-2600 v1 and v2 Series CPU with C600 chipset
logo
Advantech Co., Ltd.
FWA-6512 ADVANTECH-FWA-6512_14 Datasheet
770Kb / 2P
   2U Network Application Platform with Intel짰 Xeon짰 Processor E5-4600 v2
logo
List of Unclassifed Man...
FW-7571 ETC2-FW-7571 Datasheet
348Kb / 4P
   Rackmount x86 Network Security Platform with Intel짰 Atom??C2358 processor
FW-7525 ETC2-FW-7525 Datasheet
463Kb / 2P
   Fanless Desktop x86 Network Security Platform Fanless Desktop x86 Network Security Platform Processor
logo
Axiomtek Co., Ltd.
NA361R AXIOMTEK-NA361R_17 Datasheet
276Kb / 1P
   1U Rackmount Network Appliance Platform with Intel Atom Processor
logo
List of Unclassifed Man...
FW-8894 ETC2-FW-8894 Datasheet
162Kb / 2P
   High Performance 1U Rackmount Network Security System Based on Intel Xeon E5-2600 v3 Series CPU and C612 Chipset
logo
Advantech Co., Ltd.
AGS-913 ADVANTECH-AGS-913 Datasheet
900Kb / 2P
   1U Rackmount Intel Xeon E5-2600 v3 GPU server
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com