Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM8952B Datasheet(PDF) 9 Page - SyncMOS Technologies,Inc

Part # SM8952B
Description  Main Flash ROM 8KB
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNCMOS [SyncMOS Technologies,Inc]
Direct Link  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM8952B Datasheet(HTML) 9 Page - SyncMOS Technologies,Inc

Back Button SM8952B Datasheet HTML 5Page - SyncMOS Technologies,Inc SM8952B Datasheet HTML 6Page - SyncMOS Technologies,Inc SM8952B Datasheet HTML 7Page - SyncMOS Technologies,Inc SM8952B Datasheet HTML 8Page - SyncMOS Technologies,Inc SM8952B Datasheet HTML 9Page - SyncMOS Technologies,Inc SM8952B Datasheet HTML 10Page - SyncMOS Technologies,Inc SM8952B Datasheet HTML 11Page - SyncMOS Technologies,Inc SM8952B Datasheet HTML 12Page - SyncMOS Technologies,Inc SM8952B Datasheet HTML 13Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
SM8952B
8-Bit Micro-controller
8KB Flash
& 256B RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
ISSFD-M077
Ver D SM8952B 08/07/2015
- 9 -
Note: Special Function Registers reset values and description for SM8952B.
Register
Location
Reset value
Description
1
P0
80H
FFH
Port 0
2
SP
81H
07H
Stack Pointer
3
DPL
82H
00H
Data Pointer 0 low byte
4
DPH
83H
00H
Data Pointer 0 high byte
5
PCON
87H
00H
Power Control
6
TCON
88H
00H
Timer/Counter Control
7
TMOD
89H
00H
Timer Mode Control
8
TL0
8AH
00H
Timer 0, low byte
9
TL1
8BH
00H
Timer 1, low byte
10
TH0
8CH
00H
Timer 0, high byte
11
TH1
8DH
00H
Timer 1, high byte
12
P1
90H
FFH
Port 1
13
SCON
98H
00H
Serial Port 0, Control Register
14
SBUF
99H
00H
Serial Port 0, Data Buffer
16
P2
A0H
FFH
Port 2
17
IE
A8H
00H
Interrupt Enable
18
P3
B0H
FFH
Port 3
19
IP
B8H
00H
Interrupt Priority
20
SCONF
BFH
02H
System Control Register
21
T2CON
C8H
00H
Timer 2 Control
22
T2MOD
C9H
00H
Timer 2 Mode
23
RCAP2L
CAH
00H
Timer2 Capture Low
24
RCAP2H
CBH
00H
Timer2 Capture High
25
TL2
CCH
00H
Timer 2, low byte
26
TH2
CDH
00H
Timer 2, high byte
27
PSW
D0H
00H
Program Status Word
28
ACC
E0H
00H
Accumulator
29
B
F0H
00H
B Register


Similar Part No. - SM8952B

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM8952A SYNCMOS-SM8952A Datasheet
393Kb / 17P
   8 - Bit Micro-controller with 4/8KB flash embedded
SM8952A SYNCMOS-SM8952A Datasheet
813Kb / 16P
   8-Bits Micro-controller With 4/8KB flash embedded
SM8952AC25 SYNCMOS-SM8952AC25 Datasheet
813Kb / 16P
   8-Bits Micro-controller With 4/8KB flash embedded
SM8952AC40 SYNCMOS-SM8952AC40 Datasheet
813Kb / 16P
   8-Bits Micro-controller With 4/8KB flash embedded
SM8952AL25 SYNCMOS-SM8952AL25 Datasheet
813Kb / 16P
   8-Bits Micro-controller With 4/8KB flash embedded
More results

Similar Description - SM8952B

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM5964B SYNCMOS-SM5964B Datasheet
797Kb / 53P
   Main Flash ROM 64KB
logo
Generalplus Technology ...
GPM8F3708B GENERALPLUS-GPM8F3708B Datasheet
2Mb / 85P
   8KB Flash 8051 Microcontroller
logo
List of Unclassifed Man...
C8051F221 ETC-C8051F221 Datasheet
108Kb / 2P
   Mixed-Signal 8KB ISP FLASH MCU
logo
Generalplus Technology ...
GPM8F3108A GENERALPLUS-GPM8F3108A Datasheet
1Mb / 98P
   44 pin microcontroller with 8KB Flash
logo
List of Unclassifed Man...
C8051F226 ETC-C8051F226 Datasheet
108Kb / 2P
   Mixed-Signal 8KB ISP FLASH MCU
logo
SyncMOS Technologies,In...
SM8051 SYNCMOS-SM8051 Datasheet
423Kb / 16P
   8 - Bit Micro-controller with 4/8KB ROM embedded
logo
Aplus Intergrated Circu...
APU8051 APLUS-APU8051 Datasheet
840Kb / 15P
   8-BIT MICRO CONTROLLER WITH 4/8KB ROM EMVEDDED
logo
Generalplus Technology ...
GPL81201A GENERALPLUS-GPL81201A Datasheet
473Kb / 14P
   Low Power 84 Dots LCD Controller with 8KB ROM
logo
List of Unclassifed Man...
C8051F303 ETC-C8051F303 Datasheet
34Kb / 2P
   8KB Flash, 256 RAM, 11-Pin MCU
C8051F301 ETC-C8051F301 Datasheet
35Kb / 2P
   8KB Flash, 256 RAM, 11-Pin MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com