Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM59R02G1 Datasheet(PDF) 11 Page - SyncMOS Technologies,Inc

Part # SM59R02G1
Description  Instruction-set compatible with MCS-51
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNCMOS [SyncMOS Technologies,Inc]
Direct Link  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM59R02G1 Datasheet(HTML) 11 Page - SyncMOS Technologies,Inc

Back Button SM59R02G1 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM59R02G1 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM59R02G1 Datasheet HTML 9Page - SyncMOS Technologies,Inc SM59R02G1 Datasheet HTML 10Page - SyncMOS Technologies,Inc SM59R02G1 Datasheet HTML 11Page - SyncMOS Technologies,Inc SM59R02G1 Datasheet HTML 12Page - SyncMOS Technologies,Inc SM59R02G1 Datasheet HTML 13Page - SyncMOS Technologies,Inc SM59R02G1 Datasheet HTML 14Page - SyncMOS Technologies,Inc SM59R02G1 Datasheet HTML 15Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 57 page
background image
SM59R02G1
8-Bit Micro-controller
8KB with ISP Flash
& 256B RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
ISSFD-M061
11
Ver.G
SM59R02G1
09/2015
Pin Description
28L
40L
PDIP
44L
PLCC
44L
QFP
48L
LQFP
Symbol
I/O
Description
1
39
42
P4.2/CC2
I/O
Bit 2 of port 4 & Timer 2 compare/capture Channel 2
1
1
2
40
43
P1.0/T2/CC0
I/O
Bit 0 of port 1 & Timer 2 external input clock & Timer 2
compare/capture Channel 0
2
2
3
41
44
P1.1/T2EX/CC1
I/O
Bit 1 of port 1 & Timer 2 capture trigger & Timer 2
compare/capture Channel 1
3
3
4
42
45
P1.2/RXD0
I/O
Bit 2 of port 1 & Serial interface channel 0 receive data
4
4
5
43
46
P1.3/TXD0/CC2
I/O
Bit 3 of port 1 & Serial interface channel 0 transmit data &
Timer 2 compare/capture Channel 2
5
6
44
47
P1.4/CC3
I/O
Bit 4 of port 1 & Timer 2 compare/capture Channel 3
48
NC
1
NC
6
7
1
2
P1.5
I/O
Bit 5 of port 1
7
8
2
3
P1.6
I/O
Bit 6 of port 1
8
9
3
4
P1.7
I/O
Bit 7 of port 1
5
9
10
4
5
RESET(default)/P
4.7
I/O
Reset pin(default)& Bit 7 of port 4
6
10
11
5
6
P3.0/RXD0
I/O
Bit 0 of port 3 & Serial interface channel 0 receive/transmit
data
12
6
7
P4.3/CC3
I/O
Bit 3 of port 4
& Timer 2 compare/capture Channel 3
7
11
13
7
8
P3.1/TXD0
I/O
Bit 1 of port 3 & Serial interface channel 0 transmit data or
receive clock in mode 0
8
12
14
8
9
P3.2/#INT0
I/O
Bit 2 of port 3 & External interrupt 0
9
13
15
9
10
P3.3/#INT1
I/O
Bit 3 of port 3 & External interrupt 1
10
14
16
10
11
P3.4/T0
I/O
Bit 4 of port 3 & Timer 0 external input
11
15
17
11
12
P3.5/T1
I/O
Bit 5 of port 3 & Timer 1 external input
16
18
12
13
P3.6/#WR
I/O
Bit 6 of port 3 & external memory write signal
17
19
13
14
P3.7/#RD
I/O
Bit 7 of port 3 & external memory read signal
12
18
20
14
15
XTAL2/P5.4
O
Crystal output & bit4 of port 5
13
19
21
15
16
XTAL1/OSC/P5.5
I
Crystal input& Oscillator input& bit5 of port 5
14
20
22
16
17
VSS
I
Ground line
23
17
18
P4.0/CC0
I/O
Bit 0 of port 4 & Timer 2 compare/capture Channel 0
15
21
24
18
19
P2.0 /A8/CC0
I/O
Bit 0 of port 2 & Bit 8 of external memory address& Timer 2
compare/capture Channel 0
16
22
25
19
20
P2.1 /A9/CC1
I/O
Bit 1 of port 2 & Bit 9 of external memory address& Timer 2
compare/capture Channel 1
17
23
26
20
21
P2.2 /A10/CC2
I/O
Bit 2 of port 2 & Bit 10 of external memory address & Timer
2 compare/capture Channel 2
18
24
27
21
22
P2.3 /A11/CC3
I/O
Bit 3 of port 2 & Bit 11 of external memory address & Timer 2
compare/capture Channel 3
19
25
28
22
23
P2.4 /A12
I/O
Bit 4 of port 2 & Bit 12 of external memory address
24
NC
25
NC
26
29
23
26
P2.5 /A13
I/O
Bit 5 of port 2 & Bit 13 of external memory address
27
30
24
27
P2.6 /A14
I/O
Bit 6 of port 2 & Bit 14 of external memory address
28
31
25
28
P2.7 /A15
I/O
Bit 7 of port 2 & Bit 15 of external memory address
29
32
26
29
P4.4
I/O
Bit 4 of port 4
30
33
27
30
ALE/P4.5
I/O
Address latch enable & Bit 5 of port 4
34
28
31
P4.1CC1
I/O
Bit 1 of port 4 & Timer 2 compare/capture Channel 1
31
35
29
32
P4.6
I/O
Bit 6 of port 4
20
32
36
30
33
P0.7/AD7
I/O
Bit 7 of port 0 & Bit 7 of external memory address/ data


Similar Part No. - SM59R02G1

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM59R08A2 SYNCMOS-SM59R08A2 Datasheet
651Kb / 67P
   8-Bit Micro-controller
More results

Similar Description - SM59R02G1

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM59A16U1 SYNCMOS-SM59A16U1 Datasheet
2Mb / 146P
   Instruction-set compatible with MCS-51
logo
Freescale Semiconductor...
MC912DG128ACPVE FREESCALE-MC912DG128ACPVE Datasheet
2Mb / 478P
   Upward compatible with M68HC11 instruction set
logo
Analog Devices
ADSP-BF700 AD-ADSP-BF700 Datasheet
2Mb / 116P
   Instruction set compatible with previous Blackfin products
logo
Intel Corporation
MCS-51 INTEL-MCS-51 Datasheet
976Kb / 16P
   MCS-51 and MCS-96 Packaging Information
logo
Freescale Semiconductor...
S9S08DZ32F1CLH FREESCALE-S9S08DZ32F1CLH Datasheet
2Mb / 416P
   HC08 instruction set with added BGND instruction
MC9S08GW64 FREESCALE-MC9S08GW64_11 Datasheet
1,011Kb / 42P
   HC08 instruction set with added BGND instruction
logo
SINOWEALTH Electronic L...
SH79F1617 SINOWEALTH-SH79F1617 Datasheet
1Mb / 99P
   8bits micro-controller with Pipe-line structured 8051 compatible instruction set
V2.0
logo
STMicroelectronics
STLUX385 STMICROELECTRONICS-STLUX385 Datasheet
171Kb / 10P
   Extended instruction set
February 2013 Rev 2
STM8S007C8 STMICROELECTRONICS-STM8S007C8 Datasheet
1Mb / 92P
   Extended instruction set
March 2015 Rev 5
STM8S005C6 STMICROELECTRONICS-STM8S005C6 Datasheet
1Mb / 97P
   Extended instruction set
March 2015 Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com