Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM39R16A6 Datasheet(PDF) 11 Page - SyncMOS Technologies,Inc

Part # SM39R16A6
Description  Additional Baud Rate Generator for Serial port
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNCMOS [SyncMOS Technologies,Inc]
Direct Link  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM39R16A6 Datasheet(HTML) 11 Page - SyncMOS Technologies,Inc

Back Button SM39R16A6 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM39R16A6 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM39R16A6 Datasheet HTML 9Page - SyncMOS Technologies,Inc SM39R16A6 Datasheet HTML 10Page - SyncMOS Technologies,Inc SM39R16A6 Datasheet HTML 11Page - SyncMOS Technologies,Inc SM39R16A6 Datasheet HTML 12Page - SyncMOS Technologies,Inc SM39R16A6 Datasheet HTML 13Page - SyncMOS Technologies,Inc SM39R16A6 Datasheet HTML 14Page - SyncMOS Technologies,Inc SM39R16A6 Datasheet HTML 15Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 91 page
background image
SM39R16A6
8-Bit Micro-controller
16KB with ISP Flash
& 1K+256B RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
ISSFD-M079
Ver D SM39R16A6 06/30/2015
- 11 -
Register
Location: 80h ~ 8Fh
Reset
value
Description
Method 1
Method 2
Page 0
Method 2
Page 1
WDTK
B7h
B7h
B7h
00h
Watchdog timer refresh key.
TAKEY
F7h
F7h
F7h
00h
Time Access Key register
PWM
PWMTBC0
F9h
00h
PWM Time Base Control 0 Reg.
PWMTBC1
FAh
10h
PWM Time Base Control 1 Reg.
PWMOPMOD
FBh
00h
PWM Output Pair Mode Reg.
PERIODL
F1h
FFh
PWM Period (Low) Reg.
PERIODH
F2h
3Fh
PWM Period (High) Reg.
PWMEN
F5h
00h
PWM Output Enable Reg.
PWMTBPOST
SCALE
EEh
00h
PWM Time Base Post Scale Reg.
PWMINTF
BCh
00h
PWM INT Flag Reg.
PWMPOLARITY
DDh
FFh
PWM Polarity Reg.
DUTY2L
D5h
00h
PWM 2 Duty Low byte Reg.
DUTY2H
D6h
00h
PWM 2 Duty High byte Reg.
DUTY3L
D7h
00h
PWM 3 Duty Low byte Reg.
DUTY3H
C9h
00h
PWM 3 Duty High byte Reg.
PWMADDR
A2h
00h
PWM Address Register
PWMDATA
A3h
00h
PWM Data Register
TIMER0/TIMER1
TCON
88h
88h
88h
00h
Timer/Counter Control
TMOD
89h
89h
89h
00h
Timer Mode Control
TL0
8Ah
8Ah
8Ah
00h
Timer 0, low byte
TL1
8Bh
8Bh
8Bh
00h
Timer 1, low byte
TH0
8Ch
8Ch
8Ch
00h
Timer 0, high byte
TH1
8Dh
8Dh
8Dh
00h
Timer 1, high byte
PFCON
D9h
D9h
D9h
00h
Peripheral Frequency control register
PCA(TIMER2)
CCEN
C1h
C1h
00h
Compare/Capture Enable Register
CCL1
C2h
C2h
00h
Compare/Capture Register 1, low byte
CCH1
C3h
C3h
00h
Compare/Capture Register 1, high
byte
CCL2
C4h
C4h
00h
Compare/Capture Register 2, low byte
CCH2
C5h
C5h
00h
Compare/Capture Register 2, high
byte
CCL3
C6h
C6h
00h
Compare/Capture Register 3, low byte
CCH3
C7h
C7h
00h
Compare/Capture Register 3, high
byte
T2CON
C8h
C8h
C8h
00h
Timer 2 Control
CCCON
C9h
C9h
00h
Compare/Capture Control
CRCL
CAh
CAh
00h
Compare/Reload/Capture Register,
low byte


Similar Part No. - SM39R16A6

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM39R16A2 SYNCMOS-SM39R16A2 Datasheet
906Kb / 82P
   Dual 16-bit Data Pointers
SM39R16A3 SYNCMOS-SM39R16A3 Datasheet
1Mb / 87P
   16KB on-chip program memory
More results

Similar Description - SM39R16A6

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM39A16M1 SYNCMOS-SM39A16M1 Datasheet
1Mb / 104P
   Additional Baud Rate Generator for Serial port
SM39R08A5 SYNCMOS-SM39R08A5 Datasheet
845Kb / 58P
   Additional Baud Rate Generator
logo
Intersil Corporation
IM4702 INTERSIL-IM4702 Datasheet
592Kb / 7P
   BAUD RATE GENERATOR
logo
List of Unclassifed Man...
COM8116 ETC1-COM8116 Datasheet
136Kb / 2P
   Dual Baud Rate Generator
logo
Microchip Technology
AY58116 MICROCHIP-AY58116 Datasheet
443Kb / 8P
   Dual Baud Rate Generator
1990
logo
List of Unclassifed Man...
AY5-8116 ETC1-AY5-8116 Datasheet
465Kb / 6P
   DUAL BAUD RATE GENERATOR
logo
UMC Corporation
UM6551 UMC-UM6551 Datasheet
515Kb / 9P
   ON CHIP BAUD RATE GENERATOR
logo
Exar Corporation
DAN-201 EXAR-DAN-201 Datasheet
149Kb / 4P
   INDEPENDENT TX AND RX BAUD RATE GENERATOR
logo
List of Unclassifed Man...
CSE7766 ETC1-CSE7766 Datasheet
680Kb / 25P
   Baud rate of UART communication protocol of serial port is 4800bps.
logo
Advantech Co., Ltd.
232BRC ADVANTECH-232BRC Datasheet
295Kb / 1P
   Baud Rate Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com