Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FW-7541C Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FW-7541C
Description  Compact Desktop Network Appliance with Dual Core Intel ATOM D525 CPU and Six GbE Network
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FW-7541C Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FW-7541C Datasheet HTML 1Page - List of Unclassifed Manufacturers FW-7541C Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
connect@lannerinc.com
www.lannerinc.com
Specifications are subject to change without notice
Last Updated: 16-Aug-2012
FW-7541
Compact Desktop Network Appli-
ance with Dual Core Intel ATOM
D525 CPU and Six GbE Network
Features
Envrionmentally Friendly and
Cost Effective
The FW-7541 is built entirely with
RoHS compliant parts and pro-
duction processes. An embedded
ultra-low voltage ATOM 1.8GHz
CPU delivers power-efficient
processing while the Intel ICH8M
system logic provides PCI-E bus
network bandwidth.
Expansive I/O interface and
Internal Storage
The FW-7541 includes an inter-
nal 2.5” HDD, CF Socket, USB
2.0 ports, Mini-PCIe and console
connection options; it also comes
with six integrated GbE ports with
optional bypass and can be easily
deployed in front-line security
applications where reliability and
availability are of key concern.
Fanless Platform with Reduced
Power Consumption
Measuring only 40 mm in height,
the FW-7541 can be deployed vir-
tually anywhere. Its space-saving
design offers flexibility and cost
savings while maintaining the
high throughput and availability
required for network security,
acceleration and other network
applications. Also the corrugated
aluminum casing allow heat to
dissipate off the top of the plat-
form allowing for a fanless de-
sign.
Dimensions: 268 x 40 x 145 mm
Screw Locked Power Input
RJ45 COM Port
6 x GbE Ports
Optional bypass
2 x USB


Similar Part No. - FW-7541C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FW-7540 ETC2-FW-7540 Datasheet
236Kb / 2P
   Desktop / Half-rack Network Appliance with Intel Atom D425 or Dual Core D525
FW-7540A ETC2-FW-7540A Datasheet
236Kb / 2P
   Desktop / Half-rack Network Appliance with Intel Atom D425 or Dual Core D525
FW-7540B ETC2-FW-7540B Datasheet
236Kb / 2P
   Desktop / Half-rack Network Appliance with Intel Atom D425 or Dual Core D525
FW-7540C ETC2-FW-7540C Datasheet
236Kb / 2P
   Desktop / Half-rack Network Appliance with Intel Atom D425 or Dual Core D525
FW-7540D ETC2-FW-7540D Datasheet
236Kb / 2P
   Desktop / Half-rack Network Appliance with Intel Atom D425 or Dual Core D525
More results

Similar Description - FW-7541C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FW-7535 ETC2-FW-7535 Datasheet
127Kb / 2P
   Compact Desktop Network Appliance with Dual Core Intel Atom CPU and Six Network Ports
FW-7540 ETC2-FW-7540 Datasheet
236Kb / 2P
   Desktop / Half-rack Network Appliance with Intel Atom D425 or Dual Core D525
logo
Lanner All Rights Reser...
NCA-1210 LANNER-NCA-1210 Datasheet
412Kb / 2P
   Compact x86 Desktop Network Appliance with Intel Atom C2000 SoC CPU
logo
AAEON Technology
FWS-2200 AAEON-FWS-2200 Datasheet
330Kb / 2P
   Desktop Intel Atom D525 ICH8M Network Appliance With 6 LAN Ports
FWS-7200 AAEON-FWS-7200 Datasheet
329Kb / 2P
   1U Rackmount Intel Atom D525 ICH8M Network Appliance With 6 LAN Ports
FWS-2365 AAEON-FWS-2365 Datasheet
362Kb / 2P
   Desktop Network Appliance with Intel® Atom® Processor C3000 series
2022/04/12
logo
Axiomtek Co., Ltd.
NA343 AXIOMTEK-NA343 Datasheet
224Kb / 1P
   Desktop Network Appliance Platform with Intel Celeron
logo
AAEON Technology
FWS-2360 AAEON-FWS-2360 Datasheet
255Kb / 2P
   Desktop Network Appliance with Intel® Atom® Processor C3000 Series
logo
Axiomtek Co., Ltd.
NA320FL AXIOMTEK-NA320FL Datasheet
352Kb / 1P
   Fanless Desktop Network Appliance Platform with Intel Atom Processor D510 and 6 LANs
logo
Lanner All Rights Reser...
NCA-1525 LANNER-NCA-1525 Datasheet
566Kb / 2P
   Desktop Network Appliance Powered by Intel® Atom® C5325/C5315 (Parker Ridge) CPU
V1-2023.02.03
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com