Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UF740G-TQ2-T Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UF740G-TQ2-T
Description  N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF740G-TQ2-T Datasheet(HTML) 2 Page - Unisonic Technologies

  UF740G-TQ2-T Datasheet HTML 1Page - Unisonic Technologies UF740G-TQ2-T Datasheet HTML 2Page - Unisonic Technologies UF740G-TQ2-T Datasheet HTML 3Page - Unisonic Technologies UF740G-TQ2-T Datasheet HTML 4Page - Unisonic Technologies UF740G-TQ2-T Datasheet HTML 5Page - Unisonic Technologies UF740G-TQ2-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
UF740
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R502-078. G
ABSOLUTE MAXIMUM RATINGS (T
C = 25°C, Unless Otherwise Specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain to Source Voltage (TJ =25°C~125°C)
VDS
400
V
Drain to Gate Voltage (RGS
= 20kΩ) (TJ =25°C~125°C)
VDGR
400
V
Gate to Source Voltage
VGS
±20
V
Drain Current
Continuous
ID
10
A
TC = 100°C
ID
6.3
A
Pulsed
IDM
40
A
Avalanche Energy
Single Pulsed (Note 3)
EAS
520
mJ
Power Dissipation
TO-220/TO-263
PD
125
W
TO-220F/TO-220F1
44
TO-220F2
46
Derating above 25°C
TO-220/TO-263
1.0
W/°C
TO-220F/TO-220F1
0.35
TO-220F2
0.37
Junction Temperature
TJ
+150
°C
Operating Temperature
TOPR
-55 ~ +150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
62.5
°C/W
Junction to Case
TO-220/TO-263
θJc
1.0
°C/W
TO-220F/TO-220F1
2.86
TO-220F2
2.72


Similar Part No. - UF740G-TQ2-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UF740G-TQ2-T UTC-UF740G-TQ2-T Datasheet
336Kb / 6P
   10A, 400V, 0.55廓 N-CHANNEL POWER MOSFET
UF740G-TQ2-T UTC-UF740G-TQ2-T Datasheet
343Kb / 6P
   N-CHANNEL FAST SWITCHING MOSFET
More results

Similar Description - UF740G-TQ2-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
19N10 UTC-19N10_15 Datasheet
333Kb / 8P
   N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
logo
Infineon Technologies A...
IPB180N04S4L-01 INFINEON-IPB180N04S4L-01 Datasheet
218Kb / 9P
   N-channel Logic Level - Enhancement mode
Rev. 1.0 2013-06-03
logo
Unisonic Technologies
80N08 UTC-80N08_15 Datasheet
204Kb / 4P
   N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
logo
Infineon Technologies A...
IPB160N04S4L-H1 INFINEON-IPB160N04S4L-H1 Datasheet
206Kb / 9P
   N-channel Logic Level - Enhancement mode
Rev. 1.0 2013-05-27
logo
Unisonic Technologies
UT60N03 UTC-UT60N03_15 Datasheet
247Kb / 6P
   N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
UTT30N10 UTC-UTT30N10_15 Datasheet
246Kb / 6P
   N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
12N65 UTC-12N65_15 Datasheet
393Kb / 8P
   N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
25N40 UTC-25N40_15 Datasheet
177Kb / 6P
   N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
BSS138 UTC-BSS138_15 Datasheet
197Kb / 4P
   N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
8N65K-MT UTC-8N65K-MT Datasheet
192Kb / 6P
   N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com