Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

70N06G-TF2-T Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 70N06G-TF2-T
Description  N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

70N06G-TF2-T Datasheet(HTML) 1 Page - Unisonic Technologies

  70N06G-TF2-T Datasheet HTML 1Page - Unisonic Technologies 70N06G-TF2-T Datasheet HTML 2Page - Unisonic Technologies 70N06G-TF2-T Datasheet HTML 3Page - Unisonic Technologies 70N06G-TF2-T Datasheet HTML 4Page - Unisonic Technologies 70N06G-TF2-T Datasheet HTML 5Page - Unisonic Technologies 70N06G-TF2-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
75N75
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2013 Unisonic Technologies Co., Ltd.
QW-R502-097.F
80A, 75V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 75N75 is n-channel enhancement mode power field
effect transistors with stable off-state characteristics, fast switching
speed, low thermal resistance, usually used at telecom and
computer application.
FEATURES
* RDS(ON)=11mΩ @VGS=10V, ID=40A
* Ultra low gate charge ( typical 117 nC )
* Fast switching capability
* Low reverse transfer Capacitance (CRSS= typical 240 pF )
* Avalanche energy Specified
* Improved dv/dt capability, high ruggedness
SYMBOL
TO-220
1
TO-220F
1
1
TO-220F1
TO-220F2
1
TO-263
1
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
75N75L-TA3-T
75N75G-TA3-T
TO-220
G
D
S
Tube
75N75L-TF1-T
75N75G-TF1-T
TO-220F1
G
D
S
Tube
75N75L-TF2-T
75N75G-TF2-T
TO-220F2
G
D
S
Tube
75N75L-TF3-T
75N75G-TF3-T
TO-220F
G
D
S
Tube
75N75L-TQ2-T
75N75G-TQ2-T
TO-263
G
D
S
Tube
75N75L-TQ2-R
75N75G-TQ2-R
TO-263
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate D: Drain S: Source


Similar Part No. - 70N06G-TF2-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
70N06G-TF2-T UTC-70N06G-TF2-T Datasheet
367Kb / 9P
   N-CHANNEL POWER MOSFET
More results

Similar Description - 70N06G-TF2-T

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com