Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

12P10 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # 12P10
Description  MEDIUM POWER TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

12P10 Datasheet(HTML) 5 Page - Unisonic Technologies

  12P10_15 Datasheet HTML 1Page - Unisonic Technologies 12P10_15 Datasheet HTML 2Page - Unisonic Technologies 12P10_15 Datasheet HTML 3Page - Unisonic Technologies 12P10_15 Datasheet HTML 4Page - Unisonic Technologies 12P10_15 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
12P10
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R502-262.G
TEST CIRCUITS AND WAVEFORMS
L
VDD
VGS
RG
-
VDS
D.U.T.
+
* dv/dt controlled by RG
* ISD controlled by pulse period
-
+
Compliment of D.U.T.
(N-Channel)
Peak Diode Recovery dv/dt Test Circuit
P. W.
Period
D=
VGS
(Driver)
ISD
(D.U.T.)
IFM, Body Diode Forward Current
di/dt
IRM
Body Diode Reverse Current
Body Diode Recovery dv/dt
Body Diode
Forward Voltage Drop
VDD
10V
VDS
(D.U.T.)
VGS=
P.W.
Period
Peak Diode Recovery dv/dt Waveforms


Similar Part No. - 12P10_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
12P10 UTC-12P10_15 Datasheet
289Kb / 7P
   P-CHANNEL POWER MOSFET
More results

Similar Description - 12P10_15

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1132 ROHM-2SB1132 Datasheet
128Kb / 4P
   Medium Power Transistor
2SD2143 ROHM-2SD2143_12 Datasheet
163Kb / 3P
   Medium Power Transistor
logo
Guangdong Kexin Industr...
2SD2537 KEXIN-2SD2537 Datasheet
49Kb / 1P
   Medium Power Transistor
FMMT489 KEXIN-FMMT489 Datasheet
35Kb / 1P
   Medium Power Transistor
2SB1182 KEXIN-2SB1182 Datasheet
39Kb / 1P
   Medium Power Transistor
FMMTL619 KEXIN-FMMTL619 Datasheet
37Kb / 2P
   Medium Power Transistor
logo
Surge Components
2SB1561U SURGE-2SB1561U Datasheet
485Kb / 3P
   medium power transistor
logo
Galaxy Semi-Conductor H...
2SD1767 BILIN-2SD1767 Datasheet
175Kb / 4P
   Medium power transistor
2SB1189 BILIN-2SB1189 Datasheet
179Kb / 4P
   Medium power transistor
logo
Guangdong Kexin Industr...
2SA1036K KEXIN-2SA1036K Datasheet
38Kb / 1P
   Medium Power Transistor
2SD1760 KEXIN-2SD1760 Datasheet
40Kb / 1P
   Medium Power Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com