Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC530 Datasheet(PDF) 7 Page - Microchip Technology

Part # TC530
Description  5V Precision Data Acquisition Subsystems
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC530 Datasheet(HTML) 7 Page - Microchip Technology

Back Button TC530 Datasheet HTML 3Page - Microchip Technology TC530 Datasheet HTML 4Page - Microchip Technology TC530 Datasheet HTML 5Page - Microchip Technology TC530 Datasheet HTML 6Page - Microchip Technology TC530 Datasheet HTML 7Page - Microchip Technology TC530 Datasheet HTML 8Page - Microchip Technology TC530 Datasheet HTML 9Page - Microchip Technology TC530 Datasheet HTML 10Page - Microchip Technology TC530 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
© 2002 Microchip Technology Inc.
DS21433B-page 7
TC530/TC534
26
26
38
36
CAP+
Analog Input. Storage capacitor positive connection for the
DC/DC converter.
27
27
39
37
AGND
Analog Input. Ground connection for DC/DC converter.
28
28
40
38
CAP-
Analog Input. Storage capacitor negative connection for the
DC/DC converter.
13, 24
13, 24
28, 29, 31,
33, 35, 36
1, 25, 26, 27,
29, 31, 33,
34, 39, 44
NC
No connect. Do not connect any signal to these pins.
TABLE 2-1:
PIN FUNCTION TABLE (CONTINUED)
Pin Number
(TC530)
28-Pin PDIP
Pin Number
(TC530)
28-Pin SOIC
Pin Number
(TC534)
40-Pin PDIP
Pin Number
(TC534)
44-Pin
PQFP
Symbol
Description


Similar Part No. - TC530

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC530 TELCOM-TC530 Datasheet
158Kb / 15P
   5V PRECISION DATA ACQUISITION SUBSYSTEMS
TC530COI TELCOM-TC530COI Datasheet
158Kb / 15P
   5V PRECISION DATA ACQUISITION SUBSYSTEMS
TC530CPJ TELCOM-TC530CPJ Datasheet
158Kb / 15P
   5V PRECISION DATA ACQUISITION SUBSYSTEMS
More results

Similar Description - TC530

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC530 TELCOM-TC530 Datasheet
158Kb / 15P
   5V PRECISION DATA ACQUISITION SUBSYSTEMS
logo
National Instruments Co...
NIPCI-4351 NI-NIPCI-4351 Datasheet
649Kb / 6P
   High-Precision Data Acquisition
logo
Maxim Integrated Produc...
MAXREFDES74 MAXIM-MAXREFDES74 Datasheet
838Kb / 13P
   18-BIT PRECISION DATA ACQUISITION SYSTEM
logo
Intersil Corporation
ADC0801 INTERSIL-ADC0801 Datasheet
6Mb / 180P
   Data Acquisition
logo
Analog Devices
ADAQ7768-1 AD-ADAQ7768-1 Datasheet
5Mb / 98P
   24-Bit Single-Channel Precision μModule Data Acquisition System
Rev. 0
logo
Maxim Integrated Produc...
MAX44000EVSYS MAXIM-MAX44000EVSYS Datasheet
2Mb / 25P
   Continuous Data Acquisition
Rev 0; 11/11
logo
Semtech Corporation
XE8805 SEMTECH-XE8805 Datasheet
1Mb / 156P
   Data Acquisition MCU
Rev 1 January 2006
logo
Pico Technology Ltd.
1000 PICO-1000 Datasheet
1Mb / 8P
   Multipurpose data acquisition
1000_SER PICO-1000_SER Datasheet
2Mb / 2P
   Multi-channel data acquisition
2013 - 2014
logo
Semtech Corporation
XE8801A SEMTECH-XE8801A Datasheet
1Mb / 135P
   Data Acquisition with ZoomingADC?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com