Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

052_101 Datasheet(PDF) 7 Page - Glenair, Inc.

Part # 052_101
Description  7-Port Unmanaged Ethernet Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

052_101 Datasheet(HTML) 7 Page - Glenair, Inc.

Back Button 052_101 Datasheet HTML 2Page - Glenair, Inc. 052_101 Datasheet HTML 3Page - Glenair, Inc. 052_101 Datasheet HTML 4Page - Glenair, Inc. 052_101 Datasheet HTML 5Page - Glenair, Inc. 052_101 Datasheet HTML 6Page - Glenair, Inc. 052_101 Datasheet HTML 7Page - Glenair, Inc. 052_101 Datasheet HTML 8Page - Glenair, Inc. 052_101 Datasheet HTML 9Page - Glenair, Inc. 052_101 Datasheet HTML 10Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
©2014 Glenair, Inc.
REV: B
US Cage Code 06324
Printed in USA
GLENAIR, INC.
∙ 1211 AIR WAY ∙ GLENDALE, CA 91201-2497
∙ TEL: 818-247-6000
∙ FAX: 818-500-9912
www.glenair.com
PAGE 7 of 10
E-mail: sales@glenair.com
052-101
7-Port Unmanaged Ethernet Switch
WITH SERIES 805 MIGHTY MOUSE CONNECTOR INTERFACE
Material/Finish
Mater
ial/Fi
nish
Item
Material/Finish
052-101 Housing & Connector
Shell
Aluminum
Plating Finish: M
Nickel
Plating Finish: MT
Nickel PTFE
Plating Finish: NF
Olive Drab Cadmium
Contacts
Copper alloy, 50 μInch gold plated
Insulators
Liquid crystal polymer (LCP)
Contact retention clip
Beryllium copper alloy
Seal, O-rings
Fluorosilicone rubber
Seal
Silicone elastomer
Spring
Nickel-plated beryllium copper
PC tail contacts
Copper alloy/gold plated
PCB flex
FR4 & Polyimide
Encapsulant
HYSOL EE4215
Solder type
RoHS compliant Sn95/Sb5 (232°C melting temp) &
RoHS compliant Sn96.5/Ag3.0/Cu0.5 (217° melting)


Similar Part No. - 052_101

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
052-101 GLENAIR-052-101 Datasheet
645Kb / 10P
   7-Port Unmanaged Ethernet Switch
logo
Molex Electronics Ltd.
0526101033 MOLEX-0526101033_V01 Datasheet
34Kb / 2P
   Easy-On FFC/FPC Connector, 1.00mm Pitch, Slider Series, Vertical, 5.75mm Height, 10 Circuits, Tin-Silver-Bismuth Plating
0526101034 MOLEX-0526101034_V01 Datasheet
34Kb / 2P
   Easy-On FFC/FPC Connector, 1.00mm Pitch, Slider Series, Vertical, 5.75mm Height, 10 Circuits, Tin-Silver-Bismuth Plating
0526101071 MOLEX7-0526101071 Datasheet
514Kb / 9P
   1.00mm (.039") Pitch FFC/FPC Connector, SMT, Vertical, ZIF Receptacle, 10 CircuitsLead-free, High Barrier Packaging
0526101072 MOLEX7-0526101072 Datasheet
534Kb / 8P
   1.00mm (.039") Pitch FFC/FPC Connector, SMT, Vertical, ZIF, Gold (Au) ContactPlating, 10 Circuits, Lead-free, High Barrier Packaging
More results

Similar Description - 052_101

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
052-101 GLENAIR-052-101 Datasheet
645Kb / 10P
   7-Port Unmanaged Ethernet Switch
8071-3089-MTA-48 GLENAIR-8071-3089-MTA-48 Datasheet
260Kb / 3P
   Breakout Cable for 7-Port Unmanaged Ethernet Switch
logo
ORing Industrial Networ...
TES-1080-M12 ORING-TES-1080-M12 Datasheet
3Mb / 4P
   8-port unmanaged Ethernet switch
logo
Glenair, Inc.
050_119 GLENAIR-050_119 Datasheet
635Kb / 15P
   4-Port Unmanaged Ethernet Switch
050-119 GLENAIR-050-119 Datasheet
635Kb / 15P
   4-Port Unmanaged Ethernet Switch
logo
ORing Industrial Networ...
TES-1080-M12-BP2 ORING-TES-1080-M12-BP2 Datasheet
3Mb / 4P
   8-port unmanaged Ethernet switch
TES-150-M12 ORING-TES-150-M12 Datasheet
3Mb / 4P
    5-port unmanaged Ethernet switch
logo
Advantech Co., Ltd.
EKI-2528-I ADVANTECH-EKI-2528-I Datasheet
373Kb / 2P
   8-port Unmanaged Industrial Ethernet Switch
EKI-2525-AE ADVANTECH-EKI-2525-AE Datasheet
373Kb / 2P
   5-port Unmanaged Industrial Ethernet Switch
logo
ORing Industrial Networ...
TGS-1080-M12-BP2 ORING-TGS-1080-M12-BP2 Datasheet
3Mb / 4P
    8-port unmanaged Gigabit Ethernet switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com