Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9635 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCA9635
Description  16-bit Fm I2C-bus LED driver
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9635 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCA9635 Datasheet HTML 5Page - NXP Semiconductors PCA9635 Datasheet HTML 6Page - NXP Semiconductors PCA9635 Datasheet HTML 7Page - NXP Semiconductors PCA9635 Datasheet HTML 8Page - NXP Semiconductors PCA9635 Datasheet HTML 9Page - NXP Semiconductors PCA9635 Datasheet HTML 10Page - NXP Semiconductors PCA9635 Datasheet HTML 11Page - NXP Semiconductors PCA9635 Datasheet HTML 12Page - NXP Semiconductors PCA9635 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
PCA9635_7
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 07 — 16 July 2009
9 of 35
NXP Semiconductors
PCA9635
16-bit Fm+ I2C-bus LED driver
7.3 Register definitions
[1]
Only D[4:0] = 0 0000 to 1 1011 are allowed and will be acknowledged. D[4:0] = 1 1100 to 1 1111 are reserved and will not be
acknowledged.
[2]
When writing to the Control register, bit 4 must be programmed with logic 0 for proper device operation.
Table 4.
Register summary[1][2]
Register number (hex)
D4
D3
D2
D1
D0
Name
Type
Function
00
00000
MODE1
read/write
Mode register 1
01
00001
MODE2
read/write
Mode register 2
02
00010
PWM0
read/write
brightness control LED0
03
00011
PWM1
read/write
brightness control LED1
04
00100
PWM2
read/write
brightness control LED2
05
00101
PWM3
read/write
brightness control LED3
06
00110
PWM4
read/write
brightness control LED4
07
00111
PWM5
read/write
brightness control LED5
08
01000
PWM6
read/write
brightness control LED6
09
01001
PWM7
read/write
brightness control LED7
0A
01010
PWM8
read/write
brightness control LED8
0B
01011
PWM9
read/write
brightness control LED9
0C
01100
PWM10
read/write
brightness control LED10
0D
01101
PWM11
read/write
brightness control LED11
0E
01110
PWM12
read/write
brightness control LED12
0F
01111
PWM13
read/write
brightness control LED13
10
10000
PWM14
read/write
brightness control LED14
11
10001
PWM15
read/write
brightness control LED15
12
10010
GRPPWM
read/write
group duty cycle control
13
10011
GRPFREQ
read/write
group frequency
14
10100
LEDOUT0
read/write
LED output state 0
15
10101
LEDOUT1
read/write
LED output state 1
16
10110
LEDOUT2
read/write
LED output state 2
17
10111
LEDOUT3
read/write
LED output state 3
18
11000
SUBADR1
read/write
I2C-bus subaddress 1
19
11001
SUBADR2
read/write
I2C-bus subaddress 2
1A
11010
SUBADR3
read/write
I2C-bus subaddress 3
1B
11011
ALLCALLADR
read/write
LED All Call I2C-bus address


Similar Part No. - PCA9635

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9635 NXP-PCA9635 Datasheet
187Kb / 35P
   16-bit Fm I2C-bus LED driver
Rev. 06-11 September 2008
PCA9635 NXP-PCA9635 Datasheet
195Kb / 35P
   16-bit Fm I2C-bus LED driver
Rev. 07-16 July 2009
PCA9635 NXP-PCA9635 Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
PCA9635PW NXP-PCA9635PW Datasheet
187Kb / 35P
   16-bit Fm I2C-bus LED driver
Rev. 06-11 September 2008
PCA9635PW NXP-PCA9635PW Datasheet
195Kb / 35P
   16-bit Fm I2C-bus LED driver
Rev. 07-16 July 2009
More results

Similar Description - PCA9635

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9635 NXP-PCA9635_09 Datasheet
195Kb / 35P
   16-bit Fm I2C-bus LED driver
Rev. 07-16 July 2009
PCA9635 NXP-PCA9635 Datasheet
187Kb / 35P
   16-bit Fm I2C-bus LED driver
Rev. 06-11 September 2008
PCA9633 NXP-PCA9633_08 Datasheet
237Kb / 43P
   4-bit Fm I2C-bus LED driver
Rev. 05-25 July 2008
logo
Texas Instruments
TLC59208F TI-TLC59208F_1 Datasheet
712Kb / 29P
[Old version datasheet]   8-BIT FM I2C BUS LED DRIVER
logo
NXP Semiconductors
PCA9634 NXP-PCA9634 Datasheet
201Kb / 38P
   8-bit Fm I2C-bus LED driver
Rev. 06-12 September 2008
PCA9634 PHILIPS-PCA9634 Datasheet
296Kb / 39P
   8-bit Fm I2C-bus LED driver
Rev. 7-10 October 2014
logo
Texas Instruments
TLC59108F TI1-TLC59108F_15 Datasheet
1Mb / 37P
[Old version datasheet]   8-Bit FM I2C Bus LED Driver
TLC59208F TI-TLC59208F Datasheet
582Kb / 27P
[Old version datasheet]   8-BIT FM I2C BUS LED DRIVER
logo
NXP Semiconductors
PCA9633 PHILIPS-PCA9633 Datasheet
237Kb / 43P
   4-bit Fm I2C-bus LED driver
Rev. 05-25 July 2008
logo
Texas Instruments
TLC59108F TI-TLC59108F Datasheet
696Kb / 27P
[Old version datasheet]   8-BIT FM I2C BUS LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com