Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PESD5V0U2BM Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PESD5V0U2BM
Description  Ultra low capacitance bidirectional double ESD
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESD5V0U2BM Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PESD5V0U2BM Datasheet HTML 3Page - NXP Semiconductors PESD5V0U2BM Datasheet HTML 4Page - NXP Semiconductors PESD5V0U2BM Datasheet HTML 5Page - NXP Semiconductors PESD5V0U2BM Datasheet HTML 6Page - NXP Semiconductors PESD5V0U2BM Datasheet HTML 7Page - NXP Semiconductors PESD5V0U2BM Datasheet HTML 8Page - NXP Semiconductors PESD5V0U2BM Datasheet HTML 9Page - NXP Semiconductors PESD5V0U2BM Datasheet HTML 10Page - NXP Semiconductors PESD5V0U2BM Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
PESD5V0U2BM_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 14 August 2008
7 of 11
NXP Semiconductors
PESD5V0U2BM
Ultra low capacitance bidirectional double ESD protection array
9.
Package outline
10. Packing information
[1]
For further information and the availability of packing methods, see Section 14.
Fig 6.
Package outline SOT883 (SC-101)
03-04-03
Dimensions in mm
0.62
0.55
0.55
0.47
0.50
0.46
0.65
0.20
0.12
3
21
0.30
0.22
0.30
0.22
1.02
0.95
0.35
Table 9.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type number
Package
Description
Packing
quantity
10000
PESD5V0U2BM
SOT883
2 mm pitch, 8 mm tape and reel
-315


Similar Part No. - PESD5V0U2BM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5V0U2BM NXP-PESD5V0U2BM Datasheet
81Kb / 11P
   Ultra low capacitance bidirectional double ESD protection array
Rev. 01-14 August 2008
logo
Nexperia B.V. All right...
PESD5V0U2BM NEXPERIA-PESD5V0U2BM Datasheet
198Kb / 10P
   Ultra low capacitance bidirectional double ESD protection array
15 October 2018
PESD5V0U2BM-Q NEXPERIA-PESD5V0U2BM-Q Datasheet
217Kb / 11P
   Ultra low capacitance bidirectional double ESD protection array
7 June 2023
PESD5V0U2BMB NEXPERIA-PESD5V0U2BMB Datasheet
208Kb / 10P
   Ultra low capacitance bidirectional double ESD protection array
PESD5V0U2BMB-Q NEXPERIA-PESD5V0U2BMB-Q Datasheet
224Kb / 11P
   Ultra low capacitance bidirectional double ESD protection array
4 October 2022
More results

Similar Description - PESD5V0U2BM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5V0U2BMB PHILIPS-PESD5V0U2BMB_15 Datasheet
450Kb / 13P
   Ultra low capacitance bidirectional double ESD protection
Rev. 1-13 March 2012
PESD5V0U2BT PHILIPS-PESD5V0U2BT Datasheet
78Kb / 11P
   Ultra low capacitance bidirectional double ESD protection diode
Rev. 01-27 March 2007
logo
Nexperia B.V. All right...
PESD5V0U2BMB NEXPERIA-PESD5V0U2BMB Datasheet
208Kb / 10P
   Ultra low capacitance bidirectional double ESD protection array
PESD5V0U2BM NEXPERIA-PESD5V0U2BM Datasheet
198Kb / 10P
   Ultra low capacitance bidirectional double ESD protection array
15 October 2018
PESD5V0U2BMB-Q NEXPERIA-PESD5V0U2BMB-Q Datasheet
224Kb / 11P
   Ultra low capacitance bidirectional double ESD protection array
4 October 2022
PESD5V0U2BT NEXPERIA-PESD5V0U2BT Datasheet
215Kb / 11P
   Ultra low capacitance bidirectional double ESD protection diode
17 April 2023
logo
NXP Semiconductors
PESD5V0U2BM NXP-PESD5V0U2BM Datasheet
81Kb / 11P
   Ultra low capacitance bidirectional double ESD protection array
Rev. 01-14 August 2008
logo
Nexperia B.V. All right...
PESD5V0U2BM-Q NEXPERIA-PESD5V0U2BM-Q Datasheet
217Kb / 11P
   Ultra low capacitance bidirectional double ESD protection array
7 June 2023
logo
NXP Semiconductors
PESD5V0U2BT NXP-PESD5V0U2BT Datasheet
78Kb / 11P
   Ultra low capacitance bidirectional double ESD protection diode
Rev. 01-27 March 2007
logo
Nexperia B.V. All right...
PESD5V0U2BT-Q NEXPERIA-PESD5V0U2BT-Q Datasheet
216Kb / 11P
   Ultra low capacitance bidirectional double ESD protection diode
29 August 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com