Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJU6350C Datasheet(PDF) 3 Page - New Japan Radio

Part # NJU6350C
Description  SERIAL I/O REAL TIME CLOCK
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU6350C Datasheet(HTML) 3 Page - New Japan Radio

  NJU6350C Datasheet HTML 1Page - New Japan Radio NJU6350C Datasheet HTML 2Page - New Japan Radio NJU6350C Datasheet HTML 3Page - New Japan Radio NJU6350C Datasheet HTML 4Page - New Japan Radio NJU6350C Datasheet HTML 5Page - New Japan Radio NJU6350C Datasheet HTML 6Page - New Japan Radio NJU6350C Datasheet HTML 7Page - New Japan Radio NJU6350C Datasheet HTML 8Page - New Japan Radio NJU6350C Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
NJU6350
s FUNCTIONAL DESCRIPTION
1. Timer and System control data format
The NJU6350 adopts BCD code consisting of 4 bits per digit.
The calendar function including the last date of each month and the leap year calculation is executed
automatically. The system control data operates Data I/O mode set, Oscillator output set and Test mode set.
The unused bit for the Timer and System control data is always set to “ 0 ”.
< System control data format >
MSB
LSB
System control data block
C2
C1
C0
RW
C2
C1
C0
RW
C
o
n
t
e
n
t
s
Writing the data of oscillator output / test mode set
F = " 0 " : Oscilator output off (high impedance status)
F = " 1 " : Oscilator output on
T0 to 6:Test mode set ( Normaly all " 0 " )
MSB
LSB
F
T6
T5T4
T3
T2T1
T0
000
1
0
0
1
1
Writing the data of " Year "
0
1
0
1
Writing the data of " Month "
0
1
1
1
Writing the data of " Date "
1
0
0
1
Writing the data of " Days of Week "
1
0
1
1
Writing the data of " Hour "
1
1
0
1
Writing the data of " Minute "
1
1
1
1
Writing the data of " Second "
0
0
1
0
Reading the data of " Year "
0
1
0
0
Reading the data of " Month "
0
1
1
0
Reading the data of " Date "
1
0
0
0
Reading the data of " Days of Week "
1
0
1
0
Reading the data of " our "
1
1
0
0
Reading the data of " Minute "
1
1
1
0
Reading the data of " Second "
000
0
nvalidity
< Timer data format >
MSB
LSB
Range
Second
0
S6
S5S4
S3S2
S1S0
0
∼ 59
Minute
0
m6
m5m4
m3m2
m1m0
0
∼ 59
Hour
0
0
H5
H4
H3
H2
H1
H0
0
∼ 23
Days of Week
DC
W2
W1
W0
1
∼ 7
Date
0
0
D5
D4
D3
D2
D1
D0
1
∼ 31
Month
0
0
0
M4
M3
M2
M1
M0
1
∼ 12
Year
Y7
Y6
Y5
Y4
Y3
Y2
Y1
Y0
0
∼ 99
Note1) The bit of " DC " in the " Days of Week " is a flag as the result of Low Voltage Detection. If the supply
voltage is reduced to the detection voltage level, then the flag of " DC " is set to "1" at the read operation,
and else the flag is always " 0 ".
(Note2) Only the data of Sec.., ..,Year as data of Timer and Calendar must be written to the NJU6350 why any
other data will be causes in malfunction of the timer counter.


Similar Part No. - NJU6350C

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6355 NJRC-NJU6355 Datasheet
62Kb / 6P
   SERIAL I/O REAL TIME CLOCK
NJU6355ED NJRC-NJU6355ED Datasheet
62Kb / 6P
   SERIAL I/O REAL TIME CLOCK
NJU6355EM NJRC-NJU6355EM Datasheet
62Kb / 6P
   SERIAL I/O REAL TIME CLOCK
NJU6356 NJRC-NJU6356 Datasheet
72Kb / 6P
   SERIAL I/O REAL TIME CLOCK
NJU6356E NJRC-NJU6356E Datasheet
72Kb / 6P
   SERIAL I/O REAL TIME CLOCK
More results

Similar Description - NJU6350C

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6355 NJRC-NJU6355 Datasheet
62Kb / 6P
   SERIAL I/O REAL TIME CLOCK
NJU6356 NJRC-NJU6356 Datasheet
72Kb / 6P
   SERIAL I/O REAL TIME CLOCK
NJU6358V NJRC-NJU6358V Datasheet
484Kb / 14P
   SERIAL I/O REAL TIME CLOCK WITH WAKE UP OUTPUT
logo
Epson Company
RTC-58321 EPSON-RTC-58321 Datasheet
235Kb / 2P
   Real time clock module(4-bit I/O CONNECTION REAL TIME CLOCK MODULE)
logo
Dallas Semiconductor
DS1337 DALLAS-DS1337 Datasheet
364Kb / 13P
   Serial Real-Time Clock
logo
STMicroelectronics
M41T0 STMICROELECTRONICS-M41T0_08 Datasheet
185Kb / 22P
   Serial real-time clock
M41T0 STMICROELECTRONICS-M41T0_11 Datasheet
310Kb / 23P
   Serial real-time clock
logo
Renesas Technology Corp
IDT5P90005C RENESAS-IDT5P90005C Datasheet
338Kb / 16P
   Serial Real-Time Clock
2019
logo
STMicroelectronics
M41T00 STMICROELECTRONICS-M41T00_08 Datasheet
205Kb / 25P
   Serial real-time clock
logo
Dallas Semiconductor
DS1339 DALLAS-DS1339 Datasheet
291Kb / 18P
   Serial Real-Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com