Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PESD16VX1UL Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PESD16VX1UL
Description  Ultra low capacitance unidirectional ESD protection diode
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESD16VX1UL Datasheet(HTML) 2 Page - NXP Semiconductors

  PESD16VX1UL Datasheet HTML 1Page - NXP Semiconductors PESD16VX1UL Datasheet HTML 2Page - NXP Semiconductors PESD16VX1UL Datasheet HTML 3Page - NXP Semiconductors PESD16VX1UL Datasheet HTML 4Page - NXP Semiconductors PESD16VX1UL Datasheet HTML 5Page - NXP Semiconductors PESD16VX1UL Datasheet HTML 6Page - NXP Semiconductors PESD16VX1UL Datasheet HTML 7Page - NXP Semiconductors PESD16VX1UL Datasheet HTML 8Page - NXP Semiconductors PESD16VX1UL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
PESD16VX1UL_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 16 December 2009
2 of 10
NXP Semiconductors
PESD16VX1UL
Ultra low capacitance unidirectional ESD protection diode
2.
Pinning information
[1]
The marking bar indicates the cathode.
3.
Ordering information
4.
Marking
5.
Limiting values
[1]
Non-repetitive current pulse 8/20
μs exponential decay waveform according to IEC 61000-4-5.
[2]
Measured from pin 1 to 2.
Table 2.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1
cathode
[1]
2
anode
2
1
Transparent
top view
006aaa152
2
1
Table 3.
Ordering information
Type number
Package
Name
Description
Version
PESD16VX1UL
-
leadless ultra small plastic package; 2 terminals;
body 1.0
× 0.6 × 0.5 mm
SOD882
Table 4.
Marking codes
Type number
Marking code
PESD16VX1UL
Z1
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
IPP
peak pulse current
tp = 8/20 μs
[1][2] -
0.9
A
Tj
junction temperature
-
85
°C
Tamb
ambient temperature
−40
+85
°C
Tstg
storage temperature
−55
+125
°C


Similar Part No. - PESD16VX1UL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD16VX1UL NXP-PESD16VX1UL Datasheet
210Kb / 10P
   Ultra low capacitance unidirectional ESD protection diode
Rev. 01-16 December 2009
logo
Nexperia B.V. All right...
PESD16VX1UL NEXPERIA-PESD16VX1UL Datasheet
210Kb / 10P
   Ultra low capacitance unidirectional ESD protection diode
Rev. 01 - 16 December 2009
More results

Similar Description - PESD16VX1UL

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD5V0C1USF NEXPERIA-PESD5V0C1USF Datasheet
681Kb / 12P
   Ultra low capacitance unidirectional ESD protection diode
PESD6V5C1USF NEXPERIA-PESD6V5C1USF Datasheet
237Kb / 12P
   Ultra low capacitance unidirectional ESD protection diode
21 January 2022
PESD16VX1UL NEXPERIA-PESD16VX1UL Datasheet
210Kb / 10P
   Ultra low capacitance unidirectional ESD protection diode
Rev. 01 - 16 December 2009
PESD5V0X1UALD NEXPERIA-PESD5V0X1UALD Datasheet
755Kb / 12P
   Ultra low capacitance unidirectional ESD protection diode
Rev. 1 - 5 April 2011
PESD5V0X1ULD-Q NEXPERIA-PESD5V0X1ULD-Q Datasheet
230Kb / 11P
   Ultra low capacitance unidirectional ESD protection diode
23 August 2022
logo
NXP Semiconductors
PESD5V0X1UALD NXP-PESD5V0X1UALD Datasheet
191Kb / 12P
   Ultra low capacitance unidirectional ESD protection diode
Rev. 1-5 April 2011
PESD5V0X1ULD PHILIPS-PESD5V0X1ULD Datasheet
248Kb / 12P
   Ultra low capacitance unidirectional ESD protection diode
Rev. 1-15 February 2011
PESD5V0X1UAB PHILIPS-PESD5V0X1UAB_15 Datasheet
248Kb / 11P
   Ultra low capacitance unidirectional ESD protection diode
Rev. 1-15 February 2011
PESD5V0X1UB PHILIPS-PESD5V0X1UB_15 Datasheet
248Kb / 11P
   Ultra low capacitance unidirectional ESD protection diode
Rev. 1-15 February 2011
logo
Nexperia B.V. All right...
PESD5V0X1UB NEXPERIA-PESD5V0X1UB Datasheet
215Kb / 11P
   Ultra low capacitance unidirectional ESD protection diode
6 April 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com