Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PESD36VS2UT Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PESD36VS2UT
Description  Low capacitance unidirectional double ESD protection diode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESD36VS2UT Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PESD36VS2UT Datasheet HTML 4Page - NXP Semiconductors PESD36VS2UT Datasheet HTML 5Page - NXP Semiconductors PESD36VS2UT Datasheet HTML 6Page - NXP Semiconductors PESD36VS2UT Datasheet HTML 7Page - NXP Semiconductors PESD36VS2UT Datasheet HTML 8Page - NXP Semiconductors PESD36VS2UT Datasheet HTML 9Page - NXP Semiconductors PESD36VS2UT Datasheet HTML 10Page - NXP Semiconductors PESD36VS2UT Datasheet HTML 11Page - NXP Semiconductors PESD36VS2UT Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
PESD36VS2UT_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 16 July 2009
8 of 12
NXP Semiconductors
PESD36VS2UT
Low capacitance unidirectional double ESD protection diode
9.
Package outline
10. Packing information
[1]
For further information and the availability of packing methods, see Section 14.
Fig 8.
Package outline PESD36VS2UT (SOT23/TO-236AB)
04-11-04
Dimensions in mm
0.45
0.15
1.9
1.1
0.9
3.0
2.8
2.5
2.1
1.4
1.2
0.48
0.38
0.15
0.09
12
3
Table 9.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type number
Package
Description
Packing quantity
3000
10000
PESD36VS2UT
SOT23
4 mm pitch, 8 mm tape and reel
-215
-135


Similar Part No. - PESD36VS2UT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD36VS2UT NXP-PESD36VS2UT Datasheet
128Kb / 12P
   Low capacitance unidirectional double ESD protection diode
Rev. 01-16 July 2009
logo
Nexperia B.V. All right...
PESD36VS2UT NEXPERIA-PESD36VS2UT Datasheet
335Kb / 11P
   Low capacitance unidirectional double ESD protection diode
17 April 2023
logo
Guangdong Youtai Semico...
PESD36VS2UT UMW-PESD36VS2UT Datasheet
516Kb / 4P
   Unidirectional ESD protection of two lines
logo
Nexperia B.V. All right...
PESD36VS2UT-Q NEXPERIA-PESD36VS2UT-Q Datasheet
335Kb / 11P
   Low capacitance unidirectional double ESD protection diode
6 May 2022
More results

Similar Description - PESD36VS2UT

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
MMBZ12VAL-Q NEXPERIA-MMBZ12VAL-Q Datasheet
214Kb / 11P
   Low capacitance unidirectional double ESD protection diode
13 June 2022
MMBZ20VAL-Q NEXPERIA-MMBZ20VAL-Q Datasheet
214Kb / 11P
   Low capacitance unidirectional double ESD protection diode
13 June 2022
MMBZ16VAT-Q NEXPERIA-MMBZ16VAT-Q Datasheet
210Kb / 11P
   Low capacitance unidirectional double ESD protection diode
21 July 2023
PESD36VS2UT NEXPERIA-PESD36VS2UT Datasheet
335Kb / 11P
   Low capacitance unidirectional double ESD protection diode
17 April 2023
MMBZ10VAL-Q NEXPERIA-MMBZ10VAL-Q Datasheet
215Kb / 11P
   Low capacitance unidirectional double ESD protection diode
13 June 2022
MMBZ9V1AT-Q NEXPERIA-MMBZ9V1AT-Q Datasheet
206Kb / 10P
   Low capacitance unidirectional double ESD protection diode
18 January 2023
MMBZ18VAL-Q NEXPERIA-MMBZ18VAL-Q Datasheet
214Kb / 11P
   Low capacitance unidirectional double ESD protection diode
13 June 2022
MMBZ27VAL-Q NEXPERIA-MMBZ27VAL-Q Datasheet
217Kb / 11P
   Low capacitance unidirectional double ESD protection diode
13 June 2022
MMBZ33VAL-Q NEXPERIA-MMBZ33VAL-Q Datasheet
214Kb / 11P
   Low capacitance unidirectional double ESD protection diode
13 June 2022
MMBZ6V2AL-Q NEXPERIA-MMBZ6V2AL-Q Datasheet
215Kb / 12P
   Low capacitance unidirectional double ESD protection diode
11 April 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com