Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PESDXS1UB Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PESDXS1UB
Description  ESD protection diodes in SOD523 package
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESDXS1UB Datasheet(HTML) 5 Page - NXP Semiconductors

  PESDXS1UB Datasheet HTML 1Page - NXP Semiconductors PESDXS1UB Datasheet HTML 2Page - NXP Semiconductors PESDXS1UB Datasheet HTML 3Page - NXP Semiconductors PESDXS1UB Datasheet HTML 4Page - NXP Semiconductors PESDXS1UB Datasheet HTML 5Page - NXP Semiconductors PESDXS1UB Datasheet HTML 6Page - NXP Semiconductors PESDXS1UB Datasheet HTML 7Page - NXP Semiconductors PESDXS1UB Datasheet HTML 8Page - NXP Semiconductors PESDXS1UB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
PESDXS1UB_SERIES_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 24 August 2009
5 of 15
NXP Semiconductors
PESDxS1UB series
ESD protection diodes in SOD523 package
6.
Characteristics
Table 8.
Characteristics
Tamb = 25 °C unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VRWM
reverse standoff voltage
PESD3V3S1UB
-
-
3.3
V
PESD5V0S1UB
-
-
5
V
PESD12VS1UB
-
-
12
V
PESD15VS1UB
-
-
15
V
PESD24VS1UB
-
-
24
V
IRM
reverse leakage current
see Figure 7
PESD3V3S1UB
VRWM = 3.3 V
-
0.7
2
µA
PESD5V0S1UB
VRWM = 5 V
-
0.1
1
µA
PESD12VS1UB
VRWM = 12 V
-
< 1
50
nA
PESD15VS1UB
VRWM = 15 V
-
< 1
50
nA
PESD24VS1UB
VRWM = 24 V
-
< 1
50
nA
VBR
breakdown voltage
IR = 5 mA
PESD3V3S1UB
5.2
5.6
6.0
V
PESD5V0S1UB
6.4
6.8
7.2
V
PESD12VS1UB
14.7
15.0
15.3
V
PESD15VS1UB
17.6
18.0
18.4
V
PESD24VS1UB
26.5
27.0
27.5
V
Cd
diode capacitance
VR = 0 V; f = 1 MHz;
see Figure 5 and 6
PESD3V3S1UB
-
207
300
pF
PESD5V0S1UB
-
152
200
pF
PESD12VS1UB
-
38
75
pF
PESD15VS1UB
-
32
70
pF
PESD24VS1UB
-
23
50
pF
V(CL)R
clamping voltage
[1]
PESD3V3S1UB
IPP = 1 A
-
-
7
V
IPP = 18 A
-
-
20
V
PESD5V0S1UB
IPP = 1 A
-
-
9
V
IPP = 15 A
-
-
20
V
PESD12VS1UB
IPP = 1 A
-
-
19
V
IPP = 5A
-
-
35
V
PESD15VS1UB
IPP = 1 A
-
-
23
V
IPP = 5 A
-
-
40
V
PESD24VS1UB
IPP = 1 A
-
-
36
V
IPP = 3 A
-
-
70
V


Similar Part No. - PESDXS1UB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESDXS1UB NXP-PESDXS1UB Datasheet
123Kb / 15P
   ESD protection diodes in SOD523 package
Rev. 02-24 August 2009
More results

Similar Description - PESDXS1UB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESDXS1UB NXP-PESDXS1UB Datasheet
123Kb / 15P
   ESD protection diodes in SOD523 package
Rev. 02-24 August 2009
logo
Nexperia B.V. All right...
PESD15VS1UB NEXPERIA-PESD15VS1UB Datasheet
226Kb / 12P
   ESD protection diode in SOD523 package
14 April 2023
PESD3V3S1UB-Q NEXPERIA-PESD3V3S1UB-Q Datasheet
225Kb / 12P
   ESD protection diode in SOD523 package
31 May 2022
PESD12VS1UB NEXPERIA-PESD12VS1UB Datasheet
219Kb / 11P
   ESD protection diode in SOD523 package
29 November 2018
PESD3V3S1UB NEXPERIA-PESD3V3S1UB Datasheet
226Kb / 12P
   ESD protection diode in SOD523 package
11 April 2023
PESD24VS1UB NEXPERIA-PESD24VS1UB Datasheet
220Kb / 11P
   ESD protection diode in SOD523 package
29 November 2018
PESD15VS1UB-Q NEXPERIA-PESD15VS1UB-Q Datasheet
225Kb / 12P
   ESD protection diode in SOD523 package
18 August 2022
logo
Vishay Siliconix
VESD05A1-02V VISHAY-VESD05A1-02V Datasheet
125Kb / 6P
   ESD Protection Diode in SOD523
Rev. 1.0, 04-Apr-05
VESD05A1-02V VISHAY-VESD05A1-02V_08 Datasheet
120Kb / 7P
   ESD-Protection Diode in SOD523
Rev. 1.3, 27-Oct-08
VESD01-02V VISHAY-VESD01-02V Datasheet
383Kb / 5P
   Single ESD Protection Diode in SOD523
Rev. 1.3, 11-Dec-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com