Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PESDXV4UK Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PESDXV4UK
Description  Very low capacitance unidirectional quadruple ESD protection diode arrays
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESDXV4UK Datasheet(HTML) 3 Page - NXP Semiconductors

  PESDXV4UK Datasheet HTML 1Page - NXP Semiconductors PESDXV4UK Datasheet HTML 2Page - NXP Semiconductors PESDXV4UK Datasheet HTML 3Page - NXP Semiconductors PESDXV4UK Datasheet HTML 4Page - NXP Semiconductors PESDXV4UK Datasheet HTML 5Page - NXP Semiconductors PESDXV4UK Datasheet HTML 6Page - NXP Semiconductors PESDXV4UK Datasheet HTML 7Page - NXP Semiconductors PESDXV4UK Datasheet HTML 8Page - NXP Semiconductors PESDXV4UK Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
PESDXV4UK_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 25 August 2010
3 of 15
NXP Semiconductors
PESDxV4UK series
Very low capacitance unidirectional quadruple ESD protection arrays
5.
Limiting values
[1]
Non-repetitive current pulse 8/20
μs exponential decay waveform according to IEC 61000-4-5.
[2]
Measured from pin 1, 3, 4, or 6 to pin 2.
[1]
Device stressed with ten non-repetitive ESD pulses.
[2]
Measured from pin 1, 3, 4 or 6 to pin 2.
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per diode
PPP
peak pulse power
tp =8/20 μs
[1][2] -
PESD3V3V4UK
PESD5V0V4UK
-25
W
PESD9V0V4UK
-
28
W
IPP
peak pulse current
tp =8/20 μs
[1][2] -
PESD3V3V4UK
-
2.7
A
PESD5V0V4UK
-
2.5
A
PESD9V0V4UK
-
1.5
A
Per device
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−55
+150
°C
Tstg
storage temperature
−65
+150
°C
Table 6.
ESD maximum ratings
Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Max
Unit
Per diode
VESD
electrostatic discharge voltage
IEC 61000-4-2
(contact discharge)
[1][2]
PESD3V3V4UK
-
10
kV
PESD5V0V4UK
-
15
kV
PESD9V0V4UK
-
8
kV
PESDxV4UK series
machine model
[2] -
400
V
PESDxV4UK series
MIL-STD-883 (human
body model)
-8
kV
Table 7.
ESD standards compliance
Standard
Conditions
Per diode
IEC 61000-4-2; level 4 (ESD)
> 15 kV (air); > 8 kV (contact)
MIL-STD-883; class 3 (human body model)
> 4 kV


Similar Part No. - PESDXV4UK

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESDXV4UK_SER NEXPERIA-PESDXV4UK_SER Datasheet
529Kb / 15P
   Very low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 1 - 25 August 2010
More results

Similar Description - PESDXV4UK

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD3V3V4UK NEXPERIA-PESD3V3V4UK Datasheet
629Kb / 16P
   Very low capacitance unidirectional quadruple ESD protection diode arrays
PESDXV4UK_SER NEXPERIA-PESDXV4UK_SER Datasheet
529Kb / 15P
   Very low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 1 - 25 August 2010
logo
NXP Semiconductors
PESDXV4UF NXP-PESDXV4UF Datasheet
107Kb / 16P
   Very low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 03-28 January 2008
logo
Nexperia B.V. All right...
PESDXV4UF NEXPERIA-PESDXV4UF Datasheet
682Kb / 16P
   Very low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 03 - 28 January 2008
logo
NXP Semiconductors
PESDXV4UF PHILIPS-PESDXV4UF Datasheet
115Kb / 16P
   Very low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 03-28 January 2008
logo
Nexperia B.V. All right...
PESDXL4UF-G-W NEXPERIA-PESDXL4UF-G-W Datasheet
661Kb / 17P
   Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04 - 28 February 2008
logo
NXP Semiconductors
PESD3V3L4UW-115 PHILIPS-PESD3V3L4UW-115 Datasheet
118Kb / 17P
   Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04-28 February 2008
PESDXL4UF PHILIPS-PESDXL4UF Datasheet
118Kb / 17P
   Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04-28 February 2008
logo
Nexperia B.V. All right...
PESDXL4UF NEXPERIA-PESDXL4UF Datasheet
661Kb / 17P
   Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04 - 28 February 2008
logo
Pan Jit International I...
PJESD5V6LC-4W PANJIT-PJESD5V6LC-4W Datasheet
213Kb / 4P
   LOW CAPACITANCE UNIDIRECTIONAL QUADRUPLE ESD PROTECTION DIODE ARRAYS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com