Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC429 Datasheet(PDF) 5 Page - Microchip Technology

Part # TC429
Description  6A Single High-Speed, CMOS Power MOSFET Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC429 Datasheet(HTML) 5 Page - Microchip Technology

  TC429 Datasheet HTML 1Page - Microchip Technology TC429 Datasheet HTML 2Page - Microchip Technology TC429 Datasheet HTML 3Page - Microchip Technology TC429 Datasheet HTML 4Page - Microchip Technology TC429 Datasheet HTML 5Page - Microchip Technology TC429 Datasheet HTML 6Page - Microchip Technology TC429 Datasheet HTML 7Page - Microchip Technology TC429 Datasheet HTML 8Page - Microchip Technology TC429 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
 2002 Microchip Technology Inc.
DS21416B-page 5
TC429
3.0
APPLICATIONS INFORMATION
3.1
Supply Bypassing
Charging and discharging large capacitive loads
quickly requires large currents. For example, charging
a 2500pF load to 18V in 25nsec requires a 1.8A current
from the device’s power supply.
To ensure low supply impedance over a wide frequency
range, a parallel capacitor combination is recom-
mended for supply bypassing. Low-inductance ceramic
disk capacitors with short lead lengths (< 0.5 in.) should
be used. A 1
µF film capacitor in parallel with one or two
0.1
µF ceramic disk capacitors normally provides
adequate bypassing.
3.2
Grounding
The high-current capability of the TC429 demands
careful PC board layout for best performance. Since
the TC429 is an inverting driver, any ground lead
impedance will appear as negative feedback which can
degrade switching speed. The feedback is especially
noticeable with slow rise-time inputs, such as those
produced by an open-collector output with resistor pull-
up. The TC429 input structure includes about 300mV of
hysteresis to ensure clean transitions and freedom
from
oscillation, but attention to layout is
still
recommended.
Figure 3-3 shows the feedback effect in detail. As the
TC429 input begins to go positive, the output goes
negative and several amperes of current flow in the
ground lead. As little as 0.05
Ω of PC trace resistance
can produce hundreds of millivolts at the TC429 ground
pins. If the driving logic is referenced to power ground,
the effective logic input level is reduced and oscillations
may result.
To ensure optimum device performance, separate
ground traces should be provided for the logic and
power connections. Connecting logic ground directly to
the TC429 GND pins ensures full logic drive to the input
and fast output switching. Both GND pins should be
connected to power ground.
FIGURE 3-1:
INVERTING DRIVER
SWITCHING TIME
TEST CIRCUIT
FIGURE 3-2:
SWITCHING SPEED
18
45
26
7
0.1
µF
+5V
18V
0V
0V
90%
10%
10%
10%
90%
90%
Input
VDD = 18V
Input
Output
tD1
tF
tR
tD2
CL = 2500pF
1
µF
Input: 100kHz,
square wave,
tRISE = tFALL ≤ 10nsec
Output
TC429
TIME (100ns/DIV)
CL = 2500pF
VS = 18V
5V
INPUT
OUTPUT
100ns
TIME (100ns/DIV)
CL = 2500pF
VS = 7V
5V
INPUT
OUTPUT
100ns


Similar Part No. - TC429

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC429 TELCOM-TC429 Datasheet
110Kb / 7P
   6A SINGLE HIGH-SPEED, CMOS POWER MOSFET DRIVER
logo
Microchip Technology
TC429 MICROCHIP-TC429 Datasheet
415Kb / 18P
   6A Single High-Speed, CMOS Power MOSFET Driver
2003
logo
TelCom Semiconductor, I...
TC429CPA TELCOM-TC429CPA Datasheet
110Kb / 7P
   6A SINGLE HIGH-SPEED, CMOS POWER MOSFET DRIVER
TC429EPA TELCOM-TC429EPA Datasheet
110Kb / 7P
   6A SINGLE HIGH-SPEED, CMOS POWER MOSFET DRIVER
TC429MJA TELCOM-TC429MJA Datasheet
110Kb / 7P
   6A SINGLE HIGH-SPEED, CMOS POWER MOSFET DRIVER
More results

Similar Description - TC429

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC429 MICROCHIP-TC429_03 Datasheet
415Kb / 18P
   6A Single High-Speed, CMOS Power MOSFET Driver
2003
TC429 MICROCHIP-TC429_13 Datasheet
370Kb / 20P
   6A Single High-Speed, CMOS Power MOSFET Driver
2002-2012 11/27/12
logo
TelCom Semiconductor, I...
TC429 TELCOM-TC429 Datasheet
110Kb / 7P
   6A SINGLE HIGH-SPEED, CMOS POWER MOSFET DRIVER
logo
Maxim Integrated Produc...
MAX4420 MAXIM-MAX4420 Datasheet
236Kb / 6P
   High-Speed, 6A Single MOSFET Drivers
Rev 0; 11/92
logo
Microchip Technology
MCP1406 MICROCHIP-MCP1406_16 Datasheet
764Kb / 30P
   6A High-Speed Power MOSFET Drivers
07/14/15
MCP1406 MICROCHIP-MCP1406 Datasheet
904Kb / 22P
   6A High-Speed Power MOSFET Drivers
2006
logo
Intersil Corporation
EL7104 INTERSIL-EL7104 Datasheet
286Kb / 5P
   High Speed, Single Channel, Power MOSFET Driver
EL7104 INTERSIL-EL7104_06 Datasheet
190Kb / 7P
   High Speed, Single Channel, Power MOSFET Driver
logo
Renesas Technology Corp
EL7104 RENESAS-EL7104 Datasheet
462Kb / 7P
   High Speed, Single Channel, Power MOSFET Driver
logo
Intersil Corporation
ISL89160 INTERSIL-ISL89160 Datasheet
258Kb / 14P
   High Speed, Dual Channel, 6A, 4.5 to 16VOUT, Power MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com