Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPA083N10N5 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # IPA083N10N5
Description  Ideal for high frequency switching and sync. rec
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPA083N10N5 Datasheet(HTML) 5 Page - Infineon Technologies AG

  IPA083N10N5 Datasheet HTML 1Page - Infineon Technologies AG IPA083N10N5 Datasheet HTML 2Page - Infineon Technologies AG IPA083N10N5 Datasheet HTML 3Page - Infineon Technologies AG IPA083N10N5 Datasheet HTML 4Page - Infineon Technologies AG IPA083N10N5 Datasheet HTML 5Page - Infineon Technologies AG IPA083N10N5 Datasheet HTML 6Page - Infineon Technologies AG IPA083N10N5 Datasheet HTML 7Page - Infineon Technologies AG IPA083N10N5 Datasheet HTML 8Page - Infineon Technologies AG IPA083N10N5 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
OptiMOSª5Power-Transistor,100V
IPA083N10N5
Rev.2.0,2014-12-18
Final Data Sheet
Table5Dynamiccharacteristics1)
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Input capacitance
Ciss
-
2100
2730
pF
VGS=0V,VDS=50V,f=1MHz
Output capacitance
Coss
-
337
438
pF
VGS=0V,VDS=50V,f=1MHz
Reverse transfer capacitance
Crss
-
16
28
pF
VGS=0V,VDS=50V,f=1MHz
Turn-on delay time
td(on)
-
15
-
ns
VDD=50V,VGS=10V,ID=44A,
RG,ext=1.6
Rise time
tr
-
5
-
ns
VDD=50V,VGS=10V,ID=44A,
RG,ext=1.6
Turn-off delay time
td(off)
-
24
-
ns
VDD=50V,VGS=10V,ID=44A,
RG,ext=1.6
Fall time
tf
-
5
-
ns
VDD=50V,VGS=10V,ID=44A,
RG,ext=1.6
Table6Gatechargecharacteristics2)
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Gate to source charge
Qgs
-
10
-
nC
VDD=50V,ID=44A,VGS=0to10V
Gate to drain charge
1)
Qgd
-
6
10
nC
VDD=50V,ID=44A,VGS=0to10V
Switching charge
Qsw
-
10
-
nC
VDD=50V,ID=44A,VGS=0to10V
Gate charge total
1)
Qg
-
30
37
nC
VDD=50V,ID=44A,VGS=0to10V
Gate plateau voltage
Vplateau
-
4.8
-
V
VDD=50V,ID=44A,VGS=0to10V
Output charge
1)
Qoss
-
40
53
nC
VDD=50V,VGS=0V
Table7Reversediode
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Diode continous forward current
IS
-
-
30
A
TC=25°C
Diode pulse current
IS,pulse
-
-
176
A
TC=25°C
Diode forward voltage
VSD
-
0.9
1.2
V
VGS=0V,IF=44A,Tj=25°C
Reverse recovery time
1)
trr
-
55
110
ns
VR=50V,IF=IS,diF/dt=100A/µs
Reverse recovery charge
1)
Qrr
-
95
190
nC
VR=50V,IF=IS,diF/dt=100A/µs
1) Defined by design. Not subject to production test.
2) See
″Gate charge waveforms″ for parameter definition


Similar Part No. - IPA083N10N5

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IPA083N10N5 ISC-IPA083N10N5 Datasheet
314Kb / 2P
   Isc N-Channel MOSFET Transistor
More results

Similar Description - IPA083N10N5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPP023N08N5 INFINEON-IPP023N08N5 Datasheet
1Mb / 12P
   Ideal for high frequency switching and sync. rec
Rev.2.0,2014-12-17
IPP034N08N5 INFINEON-IPP034N08N5 Datasheet
1Mb / 12P
   Ideal for high frequency switching and sync. rec
Rev.2.0,2014-12-17
IPA057N06N3G INFINEON-IPA057N06N3G Datasheet
551Kb / 9P
   Ideal for high frequency switching and sync. rec.
2010-05-03 revision:2.0
BSZ075N08NS5 INFINEON-BSZ075N08NS5 Datasheet
1Mb / 12P
   Ideal for high frequency switching and sync. rec.
Rev.2.1,2014-05-05
BSZ110N08NS5 INFINEON-BSZ110N08NS5 Datasheet
1Mb / 12P
   Ideal for high frequency switching and sync. rec
Rev.2.1,2014-05-05
IPP030N10N5 INFINEON-IPP030N10N5 Datasheet
1Mb / 12P
   Ideal for high frequency switching and sync. rec
Rev.2.1,2015-01-30
IPP027N08N5 INFINEON-IPP027N08N5 Datasheet
1Mb / 12P
   Ideal for high frequency switching and sync. rec
Rev.2.0,2014-12-17
IPT015N10N5 INFINEON-IPT015N10N5 Datasheet
1Mb / 12P
   Ideal for high frequency switching and sync. rec
Rev.2.1,2015-02-23
BSZ084N08NS5 INFINEON-BSZ084N08NS5 Datasheet
1Mb / 12P
   Ideal for high frequency switching and sync. rec.
Rev.2.0,2014-12-17
IPP020N08N5 INFINEON-IPP020N08N5 Datasheet
1Mb / 12P
   Ideal for high frequency switching and sync. rec
Rev.2.1,2014-05-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com