Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP38858S-1.2 Datasheet(PDF) 1 Page - Texas Instruments

Part # LP38858S-1.2
Description  1.5A Fast-Response High-Accuracy LDO Linear Regulator with Soft-Start
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP38858S-1.2 Datasheet(HTML) 1 Page - Texas Instruments

  LP38858S-1.2 Datasheet HTML 1Page - Texas Instruments LP38858S-1.2 Datasheet HTML 2Page - Texas Instruments LP38858S-1.2 Datasheet HTML 3Page - Texas Instruments LP38858S-1.2 Datasheet HTML 4Page - Texas Instruments LP38858S-1.2 Datasheet HTML 5Page - Texas Instruments LP38858S-1.2 Datasheet HTML 6Page - Texas Instruments LP38858S-1.2 Datasheet HTML 7Page - Texas Instruments LP38858S-1.2 Datasheet HTML 8Page - Texas Instruments LP38858S-1.2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
SS
IN
BIAS
GND
OUT
VOUT
VIN
VBIAS
CIN
10 PF Ceramic
COUT
10 PF
Ceramic
CBIAS
1 PF
GND
GND
LP38858-x.x
CSS
LP38858
www.ti.com
SNVS462D – OCTOBER 2006 – REVISED APRIL 2013
1.5A Fast-Response High-Accuracy LDO Linear Regulator with Soft-Start
Check for Samples: LP38858
1
FEATURES
DESCRIPTION
The LP38858 is a high current, fast response
2
Standard VOUT Values of 0.8V and 1.2V
regulator
which
can
maintain
output
voltage
Wide VBIAS Supply Operating Range of 3.0V to
regulation with extremely low input to output voltage
5.5V
drop. Fabricated on a CMOS process, the device
Stable with 10µF Ceramic Capacitors
operates from two input voltages: VBIAS provides
voltage to drive the gate of the N-MOS power
Dropout Voltage of 130 mV (Typical) at 1.5A
transistor, while VIN is the input voltage which
Load Current
supplies power to the load. The use of an external
Precision Output Voltage across All Line and
bias rail allows the part to operate from ultra low VIN
Load Conditions:
voltages.
Unlike
bipolar
regulators,
the
CMOS
architecture
consumes
extremely
low
quiescent
±1.0% VOUT for TJ = 25°C
current at any output load current. The use of an N-
±2.0% VOUT for 0°C ≤ TJ ≤ +125°C
MOS power transistor results in wide bandwidth, yet
±3.0% VOUT for -40°C ≤ TJ ≤ +125°C
minimum external capacitance is required to maintain
Over-Temperature and Over-Current
loop stability.
Protection
The fast transient response of this device makes it
Available in 5 Lead TO-220 and DDPAK/TO-263
suitable for use in powering DSP, Microcontroller
Packages
Core voltages and Switch Mode Power Supply post
regulators. The LP38858 is available in TO-220 and
Custom VOUT Values between 0.8V and 1.2V
DDPAK/TO-263 5-Lead packages.
are Available
Dropout Voltage: 130mV (typical) at 1.5A load
−40°C to +125°C Operating Temperature Range
current.
APPLICATIONS
Low Ground Pin Current: 10 mA (typical) at 1.5A
load current.
ASIC Power Supplies In:
Desktops, Notebooks, and Graphics Cards,
Soft-Start: Programmable Soft-Start time.
Servers
Precision Output Voltage: ±1.0% for TJ = 25°C and
Gaming Set Top Boxes, Printers and
±2.0% for 0°C
≤ TJ ≤ +125°C, across all line and load
Copiers
conditions
Server Core and I/O Supplies
DSP and FPGA Power Supplies
SMPS Post-Regulator
Typical Application Circuit
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP38858S-1.2

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP38858S-1.2 NSC-LP38858S-1.2 Datasheet
364Kb / 14P
   1.5A Fast-Response High-Accuracy LDO Linear Regulator with Soft-Start
More results

Similar Description - LP38858S-1.2

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP38858 NSC-LP38858 Datasheet
364Kb / 14P
   1.5A Fast-Response High-Accuracy LDO Linear Regulator with Soft-Start
LP38852 NSC-LP38852 Datasheet
439Kb / 18P
   1.5A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
logo
Texas Instruments
LP38859 TI-LP38859_15 Datasheet
2Mb / 25P
[Old version datasheet]   3A Fast-Response High-Accuracy LDO Linear Regulator With Soft Start
logo
National Semiconductor ...
LP38859 NSC-LP38859 Datasheet
851Kb / 14P
   3A Fast-Response High-Accuracy LDO Linear Regulator with Soft-Start
logo
Texas Instruments
LP38859 TI1-LP38859_14 Datasheet
2Mb / 21P
[Old version datasheet]   3A Fast-Response High-Accuracy LDO Linear Regulator with Soft-Start
LP38852S-ADJ TI-LP38852S-ADJ Datasheet
1Mb / 29P
[Old version datasheet]   1.5A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
LP38855 TI-LP38855_15 Datasheet
2Mb / 20P
[Old version datasheet]   1.5A Fast-Response High-Accuracy LDO Linear Regulator with Enable
logo
National Semiconductor ...
LP38855 NSC-LP38855 Datasheet
359Kb / 14P
   1.5A Fast-Response High-Accuracy LDO Linear Regulator with Enable
logo
Texas Instruments
LP38853 TI1-LP38853_14 Datasheet
1Mb / 27P
[Old version datasheet]   3A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
LP38853 TI-LP38853 Datasheet
1Mb / 28P
[Old version datasheet]   LP38853 3A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com