Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IGW30N65L5 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # IGW30N65L5
Description  650V IGBT Low VCE(sat) series fifth generation
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IGW30N65L5 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button IGW30N65L5 Datasheet HTML 5Page - Infineon Technologies AG IGW30N65L5 Datasheet HTML 6Page - Infineon Technologies AG IGW30N65L5 Datasheet HTML 7Page - Infineon Technologies AG IGW30N65L5 Datasheet HTML 8Page - Infineon Technologies AG IGW30N65L5 Datasheet HTML 9Page - Infineon Technologies AG IGW30N65L5 Datasheet HTML 10Page - Infineon Technologies AG IGW30N65L5 Datasheet HTML 11Page - Infineon Technologies AG IGW30N65L5 Datasheet HTML 12Page - Infineon Technologies AG IGW30N65L5 Datasheet HTML 13Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
IGW30N65L5
LowVCE(sat)seriesfifthgeneration
Rev.2.1,2014-12-10
Figure 17.
Typicalcapacitanceasafunctionof
collector-emittervoltage
(VGE=0V,f=1MHz)
VCE,COLLECTOR-EMITTERVOLTAGE[V]
0
5
10
15
20
25
30
10
100
1000
1E+4
Cies
Coes
Cres
Figure 18.
IGBTtransientthermalimpedance
(D=tp/T)
tp,PULSEWIDTH[s]
1E-6
1E-5
1E-4
0.001
0.01
0.1
0.01
0.1
1
D = 0.5
0.2
0.1
0.05
0.02
0.01
single pulse
i:
ri[K/W]:
τi[s]:
1
0.010702
2.0E-5
2
0.155056
2.2E-4
3
0.172937
2.0E-3
4
0.290173
0.011473
5
0.027136
0.092564
6
2.2E-3
1.827121


Similar Part No. - IGW30N65L5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGW30N60H3 INFINEON-IGW30N60H3 Datasheet
1Mb / 14P
   High speed IGBT IN Trench and Fieldstop technology
2010-07-26 revision:1.1
IGW30N60T INFINEON-IGW30N60T Datasheet
446Kb / 13P
   Low Loss IGBT in TrenchStop and Fieldstop technology
Rev. 2.6 Nov. 09
IGW30N60T INFINEON-IGW30N60T Datasheet
495Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.8 19.05.2015
IGW30N60TP INFINEON-IGW30N60TP Datasheet
1Mb / 14P
   TRENCHSTOPTM Performance technology
Rev.2.1,2016-02-05
IGW30N60T INFINEON-IGW30N60T_15 Datasheet
495Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.8 19.05.2015
More results

Similar Description - IGW30N65L5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGZ75N65H5 INFINEON-IGZ75N65H5 Datasheet
1Mb / 13P
   650V IGBT high speed series fifth generation
Rev.2.1,2014-10-31
IGW75N65H5 INFINEON-IGW75N65H5_15 Datasheet
1Mb / 14P
   650V IGBT high speed series fifth generation
Rev.2.1,2015-05-20
IGZ50N65H5 INFINEON-IGZ50N65H5 Datasheet
1Mb / 13P
   650V IGBT high speed series fifth generation
Rev.2.1,2014-10-31
IGZ100N65H5 INFINEON-IGZ100N65H5 Datasheet
1Mb / 13P
   650V IGBT high speed series fifth generation
Rev.2.1,2014-10-31
IGP30N65F5 INFINEON-IGP30N65F5 Datasheet
1Mb / 14P
   650V IGBT high speed switching series fifth generation
Rev.2.2,2014-12-04
IGP30N65H5 INFINEON-IGP30N65H5 Datasheet
1Mb / 14P
   650V IGBT high speed switching series fifth generation
Rev.2.2,2014-12-04
IGP20N65H5 INFINEON-IGP20N65H5 Datasheet
2Mb / 14P
   650V IGBT high speed switching series fifth generation
Rev.2.1,2014-06-11
IGP40N65F5 INFINEON-IGP40N65F5_15 Datasheet
2Mb / 15P
   650V IGBT high speed switching series fifth generation
Rev.2.1,2015-04-30
IGW50N65F5 INFINEON-IGW50N65F5 Datasheet
1Mb / 14P
   650V IGBT high speed switching series fifth generation
Rev.2.1,2015-05-04
IGW50N65H5 INFINEON-IGW50N65H5_15 Datasheet
1Mb / 14P
   650V IGBT high speed switching series fifth generation
Rev.2.1,2015-05-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com