Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP38798 Datasheet(PDF) 3 Page - Texas Instruments

Part # LP38798
Description  LP38798 High PSRR, Ultra-Low-Noise, 800-mA Linear Voltage Regulator for RF/Analog Circuits
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP38798 Datasheet(HTML) 3 Page - Texas Instruments

  LP38798_15 Datasheet HTML 1Page - Texas Instruments LP38798_15 Datasheet HTML 2Page - Texas Instruments LP38798_15 Datasheet HTML 3Page - Texas Instruments LP38798_15 Datasheet HTML 4Page - Texas Instruments LP38798_15 Datasheet HTML 5Page - Texas Instruments LP38798_15 Datasheet HTML 6Page - Texas Instruments LP38798_15 Datasheet HTML 7Page - Texas Instruments LP38798_15 Datasheet HTML 8Page - Texas Instruments LP38798_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
IN
EN
CP
GND(CP)
OUT
SET
FB
GND
OUT
OUT(FB)
IN
IN(CP)
Exposed Pad
on Bottom
(DAP)
1
2
3
4
5
6
7
8
9
10
11
12
LP38798
www.ti.com
SNOSCT6B – MARCH 2013 – REVISED DECEMBER 2014
5 Pin Configuration and Functions
WSON (DNT) Package
12 Pins
Top View
Connect WSON DAP to GND at Pins 6 and 7.
Pin Functions
PIN
I/O
DESCRIPTION
NUMBER
NAME
1, 2
IN
I
Device unregulated input voltage pins. Connect pins together at the package.
3
IN(CP)
I
Charge pump input voltage pin. Connect directly to pins 1 and 2 at the package.
Charge pump output. See Charge Pump section in Application and Implementation for more
4
CP
O
information.
Enable pin. This pin has an internal pull-up to turn the LDO output On by default. A logic low
5
EN
I
level will turn the LDO output Off, and reduce the operating current of the device. See Enable
Input Operation section in Application and Implementation for more information.
6
GND(CP)
Device charge pump ground pin.
7
GND
Device analog ground pin.
8
FB
i
Feedback pin for programming the output voltage.
Reference voltage output, and noise filter input. A feedback resistor divider network from this
9
SET
I/O
pin to FB and GND will set the output voltage of the device.
10
OUT(FB)
I
OUT buffer feedback input pin. Connect directly to pins 11 and 12 at the package.
11, 12
OUT
O
Device regulated output voltage pins. Connect pins together at the package.
The exposed die attach pad on the bottom of the package should be connected to a copper
thermal pad on the PCB at ground potential. Connect to ground potential or leave floating. Do
Exposed Pad
DAP
not connect to any potential other than the same ground potential seen at device pins 6
(GND(CP)) and 7 (GND). See Thermal Considerations section in Layout for more information.
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LP38798


Similar Part No. - LP38798_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP38798SD-ADJ/NOPB TI-LP38798SD-ADJ/NOPB Datasheet
2Mb / 23P
[Old version datasheet]   LP38798-ADJ High PSRR, Ultra Low Noise, 800 mA Linear Voltage Regulator for RF/Analog Circuits
LP38798SDE-ADJ/NOPB TI-LP38798SDE-ADJ/NOPB Datasheet
2Mb / 23P
[Old version datasheet]   LP38798-ADJ High PSRR, Ultra Low Noise, 800 mA Linear Voltage Regulator for RF/Analog Circuits
LP38798SDX-ADJ/NOPB TI-LP38798SDX-ADJ/NOPB Datasheet
2Mb / 23P
[Old version datasheet]   LP38798-ADJ High PSRR, Ultra Low Noise, 800 mA Linear Voltage Regulator for RF/Analog Circuits
More results

Similar Description - LP38798_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP38798 TI-LP38798 Datasheet
2Mb / 23P
[Old version datasheet]   LP38798-ADJ High PSRR, Ultra Low Noise, 800 mA Linear Voltage Regulator for RF/Analog Circuits
logo
Analog Devices
ADM7151 AD-ADM7151 Datasheet
1Mb / 24P
   800 mA Ultralow Noise, High PSRR, RF Linear Regulator
Rev. B
ADM7150 AD-ADM7150 Datasheet
801Kb / 24P
   800 mA Ultralow Noise, High PSRR, RF Linear Regulator
Rev. 0
logo
Will Semiconductor Ltd.
WL2863D WILLSEMI-WL2863D Datasheet
823Kb / 10P
   Ultra-Low Noise, High PSRR LDO, 250mA Linear Regulator for RF and Analog Circuits
WL2863E WILLSEMI-WL2863E Datasheet
900Kb / 13P
   Ultra-Low Noise, High PSRR LDO, 250mA Linear Regulator for RF and Analog Circuits
logo
Texas Instruments
LP5907_1212 TI1-LP5907_1212 Datasheet
1Mb / 21P
[Old version datasheet]   ULTRA LOW NOISE, 250-mA LINEAR REGULATOR FOR RF AND ANALOG CIRCUITS
logo
ON Semiconductor
NCP167 ONSEMI-NCP167 Datasheet
442Kb / 13P
   LDO Regulator - Ultra-Low Noise, High PSRR, RF and Analog Circuits 700 mA
September, 2019 ??Rev. 3
NCP161 ONSEMI-NCP161 Datasheet
733Kb / 19P
   450 mA, Ultra-Low Noise and High PSRR LDO Regulator for RF and Analog Circuits
June, 2015 ??Rev. 5
NCV8165 ONSEMI-NCV8165 Datasheet
328Kb / 10P
   LDO Regulator for RF and Analog Circuits - Ultra-Low Noise and High PSRR 500 mA
September, 2019 ??Rev. 1
NCP160 ONSEMI-NCP160 Datasheet
800Kb / 20P
   250 mA, Ultra-Low Noise and High PSRR LDO Regulator for RF and Analog Circuits
May, 2015 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com