Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDW30C65D2 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # IDW30C65D2
Description  Emitter Controlled Diode Rapid 2 Common Cathode Series
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IDW30C65D2 Datasheet(HTML) 5 Page - Infineon Technologies AG

  IDW30C65D2 Datasheet HTML 1Page - Infineon Technologies AG IDW30C65D2 Datasheet HTML 2Page - Infineon Technologies AG IDW30C65D2 Datasheet HTML 3Page - Infineon Technologies AG IDW30C65D2 Datasheet HTML 4Page - Infineon Technologies AG IDW30C65D2 Datasheet HTML 5Page - Infineon Technologies AG IDW30C65D2 Datasheet HTML 6Page - Infineon Technologies AG IDW30C65D2 Datasheet HTML 7Page - Infineon Technologies AG IDW30C65D2 Datasheet HTML 8Page - Infineon Technologies AG IDW30C65D2 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
IDW30C65D2
EmitterControlledDiodeRapid2CommonCathodeSeries
Rev.2.1,2014-12-09
Switching Characteristics (per leg), Inductive Load
Value
min.
typ.
max.
Parameter
Symbol Conditions
Unit
Diode Characteristic, at
Tvj = 25°C
Diode reverse recovery time
trr
-
32
-
ns
Diode reverse recovery charge
Qrr
-
0.20
-
µC
Diode peak reverse recovery current
Irrm
-
12.8
-
A
Diode peak rate of fall of reverse
recoverycurrentduringtb
dirr/dt
-
-6300
-
A/µs
Tvj=25°C,
VR=400V,
IF=15.0A,
diF/dt=1000A/µs,
L
σ=35nH,
C
σ=32pF,
switch IPW60R045CP.
Diode reverse recovery time
trr
-
51
-
ns
Diode reverse recovery charge
Qrr
-
0.12
-
µC
Diode peak reverse recovery current
Irrm
-
3.3
-
A
Diode peak rate of fall of reverse
recoverycurrentduringtb
dirr/dt
-
-1500
-
A/µs
Tvj=25°C,
VR=400V,
IF=15.0A,
diF/dt=200A/µs,
L
σ=35nH,
C
σ=32pF,
switch IPW60R045CP.
Switching Characteristics (per leg), Inductive Load
Value
min.
typ.
max.
Parameter
Symbol Conditions
Unit
Diode Characteristic, at
Tvj = 175°C/125°C
Diode reverse recovery time
trr
-
32
-
ns
Diode reverse recovery charge
Qrr
-
0.37
-
µC
Diode peak reverse recovery current
Irrm
-
16.9
-
A
Diode peak rate of fall of reverse
recoverycurrentduringtb
dirr/dt
-
-6400
-
A/µs
Tvj=175°C,
VR=400V,
IF=15.0A,
diF/dt=1000A/µs,
L
σ=35nH,
C
σ=32pF,
switch IPW60R045CP.
Diode reverse recovery time
trr
-
51
-
ns
Diode reverse recovery charge
Qrr
-
0.21
-
µC
Diode peak reverse recovery current
Irrm
-
5.0
-
A
Diode peak rate of fall of reverse
recoverycurrentduringtb
dirr/dt
-
-1900
-
A/µs
Tvj=125°C,
VR=400V,
IF=15.0A,
diF/dt=200A/µs,
L
σ=35nH,
C
σ=32pF,
switch IPW60R045CP.


Similar Part No. - IDW30C65D2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDW30C65D1 INFINEON-IDW30C65D1 Datasheet
1Mb / 11P
   Emitter Controlled Diode Rapid 1 Common Cathode Series
Rev.2.1,2014-12-09
More results

Similar Description - IDW30C65D2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDW20C65D2 INFINEON-IDW20C65D2 Datasheet
1Mb / 10P
   Emitter Controlled Diode Rapid 2 Common Cathode Series
Rev.2.1,2014-12-09
IDP30C65D2 INFINEON-IDP30C65D2 Datasheet
1Mb / 10P
   Emitter Controlled Diode Rapid 2 Common Cathode Series
IDP20C65D2 INFINEON-IDP20C65D2 Datasheet
1Mb / 10P
   Emitter Controlled Diode Rapid 2 Common Cathode Series
IDW80C65D2 INFINEON-IDW80C65D2 Datasheet
1Mb / 10P
   Emitter Controlled Diode Rapid 2 Common Cathode Series
Rev.2.1,2014-12-09
IDW80C65D1 INFINEON-IDW80C65D1 Datasheet
1Mb / 11P
   Emitter Controlled Diode Rapid 1 Common Cathode Series
Rev.2.1,2014-12-10
IDW60C65D1 INFINEON-IDW60C65D1 Datasheet
1Mb / 11P
   Emitter Controlled Diode Rapid 1 Common Cathode Series
Rev.2.1,2014-12-10
IDW30C65D1 INFINEON-IDW30C65D1 Datasheet
1Mb / 11P
   Emitter Controlled Diode Rapid 1 Common Cathode Series
Rev.2.1,2014-12-09
IDV20E65D1 INFINEON-IDV20E65D1 Datasheet
1Mb / 11P
   Emitter Controlled Diode Rapid 1 Series
IDP30E65D1 INFINEON-IDP30E65D1 Datasheet
1Mb / 10P
   Emitter Controlled Diode Rapid 1 Series
IDW40E65D1 INFINEON-IDW40E65D1_13 Datasheet
1Mb / 11P
   Rapid Switching Emitter Controlled Diode
Rev.2.2,2013-12-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com