Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP5990 Datasheet(PDF) 1 Page - Texas Instruments

Part # LP5990
Description  LP5990 Micropower 200mA CMOS Low Dropout Voltage Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP5990 Datasheet(HTML) 1 Page - Texas Instruments

  LP5990_15 Datasheet HTML 1Page - Texas Instruments LP5990_15 Datasheet HTML 2Page - Texas Instruments LP5990_15 Datasheet HTML 3Page - Texas Instruments LP5990_15 Datasheet HTML 4Page - Texas Instruments LP5990_15 Datasheet HTML 5Page - Texas Instruments LP5990_15 Datasheet HTML 6Page - Texas Instruments LP5990_15 Datasheet HTML 7Page - Texas Instruments LP5990_15 Datasheet HTML 8Page - Texas Instruments LP5990_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1.0 µF
VOUT
GND
VIN
VEN
CIN
COUT
VIN
VOUT
VEN
GND
1.0 µF
LP5990
Capacitor Case
Size = 0402
LP5990
www.ti.com
SNVS438B – APRIL 2007 – REVISED DECEMBER 2007
LP5990 Micropower 200mA CMOS Low Dropout Voltage Regulator
Check for Samples: LP5990
1
FEATURES
DESCRIPTION
The LP5990 regulator is designed to meet the
2
Operation from 2.2V to 5.5V Input
requirements of portable, battery-powered systems
±1% Accuracy Over Temp Range
providing an accurate output voltage, low noise and
Output Voltage from 0.8V to 3.6V in 50mV
low quiescent current.
Increments
The LP5990 will provide a 1.8V output from a low
30
μA Quiescent Current (Enabled)
input voltage of 2.2V and can provide 200mA to an
external load.
10nA Quiescent Current (Disabled)
160mV Dropout at 200mA Load
When switched into shutdown mode via a logic signal
at the enable pin, the power consumption is reduced
60
μVRMSOutput Voltage Noise
to virtually
60
μs Start-Up Time
zero.
500
μs Shut-Down Time
PSRR 55 dB at 10 kHz
Fast
shut-down
is
achieved
by
the
push
pull
architecture.
Stable with 0402 1.0µF Ceramic Capacitors
The LP5990 is designed to be stable with space
Logic Controlled Enable
saving 0402 ceramic capacitors as small as 1µF, this
Thermal–Overload and Short–Circuit
gives an overall solution size of < 2.5mm 2.
Protection
Performance is specified for a -40°C to 125°C
junction temperature range.
APPLICATIONS
Cellular Phones
The device is available in DSBGA Package (0.4mm
pitch)
and
is
available
with
Hand–Held Information Appliances
1.2V,1.3V,1.8V,2.8V,3.0V,3.3V
and
3.6V
outputs.
Lower voltage options down to 0.8V are available on
PACKAGE
request. For all other output voltage options please
4-Bump DSBGA, 0.4 mm Pitch 866 µm x 917
contact your local TI sales office.
µm (Lead Free)
TYPICAL APPLICATION CIRCUIT
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP5990_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5990 TI1-LP5990_14 Datasheet
926Kb / 18P
[Old version datasheet]   Micropower 200mA CMOS Low Dropout Voltage Regulator
More results

Similar Description - LP5990_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5990 TI1-LP5990 Datasheet
930Kb / 16P
[Old version datasheet]   LP5990 Micropower 200mA CMOS Low Dropout Voltage Regulator
LP5990 TI1-LP5990_14 Datasheet
926Kb / 18P
[Old version datasheet]   Micropower 200mA CMOS Low Dropout Voltage Regulator
logo
Intersil Corporation
LP5990 INTERSIL-LP5990 Datasheet
294Kb / 12P
   Micropower 200mA CMOS Low Dropout Voltage Regulator General Description
logo
Linear Technology
LT1964 LINER-LT1964_15 Datasheet
229Kb / 16P
   200mA, Low Noise, Low Dropout Negative Micropower Regulator
logo
Toshiba Semiconductor
TCR5SB15 TOSHIBA-TCR5SB15 Datasheet
285Kb / 17P
   200mA CMOS Low-Dropout Regulator (Point Regulator)
logo
Texas Instruments
LP5951 TI1-LP5951_14 Datasheet
1Mb / 26P
[Old version datasheet]   Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
National Semiconductor ...
LP5951 NSC-LP5951 Datasheet
606Kb / 10P
   Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
Linear Technology
LT1964 LINER-LT1964_1 Datasheet
222Kb / 16P
   200mA, Low Noise,Low Dropout Negative Micropower Regulator
logo
Micrel Semiconductor
MIC5201 MICREL-MIC5201 Datasheet
132Kb / 12P
   200mA Low-Dropout Voltage Regulator
logo
Unisonic Technologies
M2950 UTC-M2950_15 Datasheet
316Kb / 8P
   200mA LOW-DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com