Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP3990-Q1 Datasheet(PDF) 10 Page - Texas Instruments

Part # LP3990-Q1
Description  LP3990-Q1 150-mA Linear Voltage Regulator for Digital Applications
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3990-Q1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP3990-Q1_15 Datasheet HTML 6Page - Texas Instruments LP3990-Q1_15 Datasheet HTML 7Page - Texas Instruments LP3990-Q1_15 Datasheet HTML 8Page - Texas Instruments LP3990-Q1_15 Datasheet HTML 9Page - Texas Instruments LP3990-Q1_15 Datasheet HTML 10Page - Texas Instruments LP3990-Q1_15 Datasheet HTML 11Page - Texas Instruments LP3990-Q1_15 Datasheet HTML 12Page - Texas Instruments LP3990-Q1_15 Datasheet HTML 13Page - Texas Instruments LP3990-Q1_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
LP3990-Q1
SNVSA66 – OCTOBER 2014
www.ti.com
7.4 Device Functional Modes
7.4.1 Enable (EN)
The LP3990-Q1 EN pin is internally held low by a 1-M
Ω resistor to GND. The EN pin voltage must be higher than
the VIH threshold to ensure that the device is fully enabled under all operating conditions.
7.4.2 Minimum Operating Input Voltage (VIN)
The LP3990-Q1 does not include any dedicated UVLO circuitry. The LP3990-Q1 internal circuitry is not fully
functional until VIN is at least 2 V. The output voltage is not regulated until VIN ≥ (VOUT + VDO), or 2 V, whichever
is higher.
10
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: LP3990-Q1


Similar Part No. - LP3990-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3990-Q1 TI1-LP3990-Q1 Datasheet
866Kb / 22P
[Old version datasheet]   150-mA Linear Voltage Regulator for Digital Applications
More results

Similar Description - LP3990-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3990 TI-LP3990_15 Datasheet
996Kb / 28P
[Old version datasheet]   LP3990 150-mA Linear Voltage Regulator for Digital Applications
LP3990MF-3.3 TI-LP3990MF-3.3 Datasheet
979Kb / 24P
[Old version datasheet]   LP3990 150mA Linear Voltage Regulator for Digital Applications
LP3990TL-0.8 TI-LP3990TL-0.8 Datasheet
979Kb / 24P
[Old version datasheet]   LP3990 150mA Linear Voltage Regulator for Digital Applications
LP3990-Q1 TI1-LP3990-Q1 Datasheet
866Kb / 22P
[Old version datasheet]   150-mA Linear Voltage Regulator for Digital Applications
LP3990 TI1-LP3990_16 Datasheet
1Mb / 28P
[Old version datasheet]   150-mA Linear Voltage Regulator for Digital Applications
LP3991 TI-LP3991_15 Datasheet
1Mb / 25P
[Old version datasheet]   LP3991 300-mA Linear Voltage Regulator for Digital Applications
logo
National Semiconductor ...
LP3990 NSC-LP3990 Datasheet
711Kb / 13P
   150mA Linear Voltage Regulator for Digital Applications
logo
Texas Instruments
LP3991 TI1-LP3991_14 Datasheet
1Mb / 20P
[Old version datasheet]   300mA Linear Voltage Regulator for Digital Applications
logo
Intersil Corporation
LP3991 INTERSIL-LP3991 Datasheet
325Kb / 12P
   300mA Linear Voltage Regulator for Digital Applications
logo
Nisshinbo Micro Devices...
R1180X-Y NISSHINBO-R1180X-Y Datasheet
601Kb / 26P
   150 mA LDO Regulator for Industrial Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com