Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP3990 Datasheet(PDF) 6 Page - Texas Instruments

Part # LP3990
Description  LP3990 150-mA Linear Voltage Regulator for Digital Applications
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3990 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP3990_15 Datasheet HTML 2Page - Texas Instruments LP3990_15 Datasheet HTML 3Page - Texas Instruments LP3990_15 Datasheet HTML 4Page - Texas Instruments LP3990_15 Datasheet HTML 5Page - Texas Instruments LP3990_15 Datasheet HTML 6Page - Texas Instruments LP3990_15 Datasheet HTML 7Page - Texas Instruments LP3990_15 Datasheet HTML 8Page - Texas Instruments LP3990_15 Datasheet HTML 9Page - Texas Instruments LP3990_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LP3990
SNVS251J – MAY 2004 – REVISED SEPTEMBER 2014
www.ti.com
Electrical Characteristics
(1)(2) (continued)
Unless otherwise noted, VEN = 950 mV, VIN = VOUT + 1 V or VIN = 2 V, whichever is higher. CIN = 1 µF, IOUT = 1 mA, COUT =
0.47 µF.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ENABLE CONTROL CHARACTERISTICS
VEN = 0 V (Output is disabled)
0.001
0.1
Maximum input current
TJ = 25°C
IEN
(8)
µA
at EN pin
VEN = 6 V
2.5
6
10
VIN = 2 V to 6 V
VIL
Low input threshold
VEN falling from ≥ VIH until the output is
0.4
disabled
V
VIN = 2 V to 6 V
VIH
High input threshold
VEN rising from ≤ VIL until the output is
0.95
enabled
(8)
ENABLE Pin has 1-M
Ω (typical) resistor connected to GND.
6.6 Output Capacitor, Recommended Specifications
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Capacitance(2)
0.7(3)
1
500
µF
COUT
Output capacitance
ESR
5
m
(1)
Unless otherwise specified, values and limits apply for TJ = 25°C.
(2)
The full operating conditions for the application should be considered when selecting a suitable capacitor to ensure that the minimum
value of capacitance is always met. Recommended capacitor type is X7R. However, dependent on application, X5R, Y5V, and Z5U can
also be used. (See Detailed Design Procedure.)
(3)
Limit applies over the full operating junction temperature range (TJ) of −40°C to 125°C.
6.7 Timing Requirements
MIN
NOM(1)
MAX(2)
UNIT
VOUT = 0.8 V
80
150
From VEN ↑ VIH to
TON
Turnon time (3)
VOUT 95% level
VOUT = 1.5 V
105
200
µs
(VIN(MIN) to 6 V)
VOUT = 3.3 V
175
250
Line transient response
Trise = Tfall = 30 µs
(3),
mV (pk-
8
16
(
ΔVOUT)
ΔVIN = 600 mV
pk)
Transient
Trise = Tfall = 1 µs
(3),
response
Load transient response
IOUT = 1 mA to 150 mA
55
100
mV
(
ΔVOUT)
COUT = 1 µF
(1)
Nom values apply for TJ = 25°C.
(2)
Maximum limits apply over the full operating junction temperature (TJ) range of −40°C to 125°C.
(3)
This electrical specification is verified by design.
6
Submit Documentation Feedback
Copyright © 2004–2014, Texas Instruments Incorporated
Product Folder Links: LP3990


Similar Part No. - LP3990_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3990 TI1-LP3990_16 Datasheet
1Mb / 28P
[Old version datasheet]   150-mA Linear Voltage Regulator for Digital Applications
More results

Similar Description - LP3990_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3990-Q1 TI-LP3990-Q1_15 Datasheet
815Kb / 22P
[Old version datasheet]   LP3990-Q1 150-mA Linear Voltage Regulator for Digital Applications
LP3990MF-3.3 TI-LP3990MF-3.3 Datasheet
979Kb / 24P
[Old version datasheet]   LP3990 150mA Linear Voltage Regulator for Digital Applications
LP3990TL-0.8 TI-LP3990TL-0.8 Datasheet
979Kb / 24P
[Old version datasheet]   LP3990 150mA Linear Voltage Regulator for Digital Applications
LP3990-Q1 TI1-LP3990-Q1 Datasheet
866Kb / 22P
[Old version datasheet]   150-mA Linear Voltage Regulator for Digital Applications
LP3990 TI1-LP3990_16 Datasheet
1Mb / 28P
[Old version datasheet]   150-mA Linear Voltage Regulator for Digital Applications
LP3991 TI-LP3991_15 Datasheet
1Mb / 25P
[Old version datasheet]   LP3991 300-mA Linear Voltage Regulator for Digital Applications
logo
National Semiconductor ...
LP3990 NSC-LP3990 Datasheet
711Kb / 13P
   150mA Linear Voltage Regulator for Digital Applications
logo
Texas Instruments
LP3991 TI1-LP3991_14 Datasheet
1Mb / 20P
[Old version datasheet]   300mA Linear Voltage Regulator for Digital Applications
logo
Intersil Corporation
LP3991 INTERSIL-LP3991 Datasheet
325Kb / 12P
   300mA Linear Voltage Regulator for Digital Applications
logo
Nisshinbo Micro Devices...
R1180X-Y NISSHINBO-R1180X-Y Datasheet
601Kb / 26P
   150 mA LDO Regulator for Industrial Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com