Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP3988QMFX-2P85 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LP3988QMFX-2P85
Description  Micropower, 150-mA Ultralow-Dropout CMOS Voltage Regulator With Power Good
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3988QMFX-2P85 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LP3988QMFX-2P85 Datasheet HTML 5Page - Texas Instruments LP3988QMFX-2P85 Datasheet HTML 6Page - Texas Instruments LP3988QMFX-2P85 Datasheet HTML 7Page - Texas Instruments LP3988QMFX-2P85 Datasheet HTML 8Page - Texas Instruments LP3988QMFX-2P85 Datasheet HTML 9Page - Texas Instruments LP3988QMFX-2P85 Datasheet HTML 10Page - Texas Instruments LP3988QMFX-2P85 Datasheet HTML 11Page - Texas Instruments LP3988QMFX-2P85 Datasheet HTML 12Page - Texas Instruments LP3988QMFX-2P85 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
LP3988-Q1
www.ti.com
SLAS928A – MARCH 2013 – REVISED JULY 2013
ON/OFF INPUT OPERATION
The LP3988-Q1 is turned off by pulling the VEN pin low, and turned on by pulling it high. If this feature is not
used, the VEN pin should be tied to VIN to keep the regulator output on at all time. To assure proper operation,
the signal source used to drive the VEN input must be able to swing above and below the specified turnon/turnoff
voltage thresholds listed in the Electrical Characteristics section under VIL and VIH.
FAST ON-TIME
The LP3988-Q1 utilizes a speed-up circuit to ramp up the internal VREF voltage to its final value to achieve a fast
output turnon time.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LP3988-Q1


Similar Part No. - LP3988QMFX-2P85

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3988QMFX-2P85 TI1-LP3988QMFX-2P85 Datasheet
433Kb / 15P
[Old version datasheet]   Micropower, 150-mA Ultralow-Dropout CMOS Voltage Regulator With Power Good
More results

Similar Description - LP3988QMFX-2P85

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3988-Q1 TI1-LP3988-Q1_16 Datasheet
433Kb / 15P
[Old version datasheet]   Micropower, 150-mA Ultralow-Dropout CMOS Voltage Regulator With Power Good
LP3988 TI-LP3988_15 Datasheet
1,010Kb / 25P
[Old version datasheet]   LP3988 Micropower, 150-mA Ultra-Low-Dropout CMOS Voltage Regulator With Power Good
LP3988 TI1-LP3988 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower, 150-mA Ultra-Low-Dropout CMOS Voltage Regulator
LP2981-N TI1-LP2981-N_16 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower 100-mA Ultralow Dropout Regulator
LP3987 TI1-LP3987 Datasheet
1Mb / 21P
[Old version datasheet]   Micropower DSBGA 150-mA Ultra Low-Dropout CMOS Voltage Regulator
logo
National Semiconductor ...
LP3988 NSC-LP3988 Datasheet
292Kb / 11P
   Micropower, 150mA Ultra Low-Dropout CMOS Voltage Regulator With Power Good
logo
Texas Instruments
LP3995 TI1-LP3995 Datasheet
1Mb / 28P
[Old version datasheet]   Micropower 150-mA CMOS Voltage Regulator With Active Shutdown
LP3984 TI1-LP3984 Datasheet
1Mb / 19P
[Old version datasheet]   Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulator in Subminiature
LP3985 TI1-LP3985_16 Datasheet
1Mb / 32P
[Old version datasheet]   Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
LP3985 TI1-LP3985 Datasheet
1Mb / 33P
[Old version datasheet]   Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com