Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1307 Datasheet(PDF) 6 Page - Microchip Technology

Part # TC1307
Description  Four-Channel CMOS LDO with Select Mode, Shutdown and Independent Reset
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1307 Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC1307 Datasheet HTML 2Page - Microchip Technology TC1307 Datasheet HTML 3Page - Microchip Technology TC1307 Datasheet HTML 4Page - Microchip Technology TC1307 Datasheet HTML 5Page - Microchip Technology TC1307 Datasheet HTML 6Page - Microchip Technology TC1307 Datasheet HTML 7Page - Microchip Technology TC1307 Datasheet HTML 8Page - Microchip Technology TC1307 Datasheet HTML 9Page - Microchip Technology TC1307 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
TC1307
DS21702A-page 6
 2002 Microchip Technology Inc.
Note: Unless otherwise indicated, VIN = 3.8V, CIN = 10 µF ceramic (X5R), COUT = 1 µF ceramic (X5R), ILOAD = 100 µA,
SELECT12 = NC, SELECT34 = VIN, SHDN1/2/3/4 = VIN, TA = 25°C.
Junction temperature (TJ) is approximated by soaking the device under test at an ambient temperature equal to the
desired Junction temperature. The test time is small enough such that the rise in the Junction temperature over the
Ambient temperature is not significant.
FIGURE 2-7:
VOUT vs. Input Voltage.
FIGURE 2-8:
VIN Supply Current vs. Junction
Temperature.
FIGURE 2-9:
Supply Current vs. Input Voltage, VIN.
FIGURE 2-10: VDET Supply Current vs. Junction
Temperature.
FIGURE 2-11: VDET Supply Current vs. VDET Input
Voltage.
FIGURE 2-12: Supply
Current
vs.
Junction
Temperature.
2.780
2.782
2.784
2.786
2.788
2.790
2.792
2.794
2.796
3.0
3.3
3.6
3.9
4.2
4.5
4.8
5.1
5.4
5.7
6.0
Input Voltage (V)
ILOAD = 100 µA
TJ = +125°C
TJ = +25°C
TJ = -40°C
100
120
140
160
180
200
220
240
260
280
-40
-25
-10
5
20
35
50
65
80
95
110
125
Junction Temperature (°C)
VIN = 3.8V
ILOAD1/2/3/4 = 0 mA
180
210
240
270
2.7
3
3.3
3.6
3.9
4.2
4.5
4.8
5.1
5.4
5.7
6
Input Voltage (V)
TJ = +125°C
TJ = +25°C
TJ = -40°C
ILOAD1/2/3/4 = 0 mA
15.0
17.0
19.0
21.0
23.0
25.0
27.0
29.0
-40
-25
-10
5
20
35
50
65
80
95
110 125
Junction Temperature (°C)
VDET = 2.8V
RESET = OPEN
0.0
5.0
10.0
15.0
20.0
25.0
30.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
VDET Input Voltage (V)
TJ = -40°C
TJ = +25°C
TJ = +125°C
VIN = 0V
SHDN1/2/3/4 = 0V
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
-40
-25
-10
5
20
35
50
65
80
95
110 125
Junction Temperature (°C)
VIN = 2.7V
VIN = 3.8V
VIN = 6.0V
SHDN1/2/3/4 = 0V


Similar Part No. - TC1307

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
TC1307D-241M PRODUCTWELL-TC1307D-241M Datasheet
129Kb / 4P
   TOROID INDUCTORS
More results

Similar Description - TC1307

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1305 MICROCHIP-TC1305 Datasheet
530Kb / 18P
   Dual 150mA CMOS LDO With Select Mode??Operation, Shutdown and Independent RESET Output
2002
TC1306 MICROCHIP-TC1306_07 Datasheet
535Kb / 18P
   Dual 150mA CMOS LDO With Select Mode??Operation, Shutdown and RESET Output
2007
TC1300 MICROCHIP-TC1300 Datasheet
330Kb / 16P
   300 mA CMOS LDO with Shutdown, Bypass and Independent Delayed Reset Function
2002
TC1306 MICROCHIP-TC1306 Datasheet
524Kb / 16P
   Dual 150mA CMOS LDOWith Select Mode??Operation, Shutdown and RESET Output
2002
logo
Eutech Microelectronics...
EUP7559 EUTECH-EUP7559 Datasheet
588Kb / 10P
   Low Noise Dual 300mA LDO with Independent Shutdown
logo
Microchip Technology
TC1174 MICROCHIP-TC1174 Datasheet
444Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
2002
TC1174 MICROCHIP-TC1174_13 Datasheet
211Kb / 14P
   300mA CMOS LDO with Shutdown and VREF Bypass
10/26/12
TC1107-3.3VUA MICROCHIP-TC1107-3.3VUA Datasheet
433Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
05/01/02
TC1107 MICROCHIP-TC1107 Datasheet
443Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
2002
logo
TelCom Semiconductor, I...
TC1014 TELCOM-TC1014 Datasheet
109Kb / 10P
   50mA CMOS LDO WITH SHUTDOWN AND REFERENCE BYPASS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com