Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFM83CL-433D-B Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # RFM83CL-433D-B
Description  ASK/OOK Super-heterodyne receiver module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RFM83CL-433D-B Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  RFM83CL-433D-B Datasheet HTML 1Page - List of Unclassifed Manufacturers RFM83CL-433D-B Datasheet HTML 2Page - List of Unclassifed Manufacturers RFM83CL-433D-B Datasheet HTML 3Page - List of Unclassifed Manufacturers RFM83CL-433D-B Datasheet HTML 4Page - List of Unclassifed Manufacturers RFM83CL-433D-B Datasheet HTML 5Page - List of Unclassifed Manufacturers RFM83CL-433D-B Datasheet HTML 6Page - List of Unclassifed Manufacturers RFM83CL-433D-B Datasheet HTML 7Page - List of Unclassifed Manufacturers RFM83CL-433D-B Datasheet HTML 8Page - List of Unclassifed Manufacturers RFM83CL-433D-B Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
RFM83C/83CL V3.0
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com
http://www.hoperf.com
P/N comparison table
Module P/N
Chip type
Module
shape type
Operating
Voltage
(V)
Operating
frequency
(MHz)
Enable
Function
(SHUT)
Package
type
RFM83C-315S1
RF83C
standard
Shape
3.6-5.5
315
Yes
SMD
RFM83C-433S1
RF83C
standard
Shape
3.6-5.5
433.92
Yes
SMD
RFM83CL-315S1
RF83CL
standard
Shape
2.1-3.6
315
Yes
SMD
RFM83CL-433S1
RF83CL
standard
Shape
2.1-3.6
433.92
Yes
SMD
RFM83C-315D
RF83C
standard
Shape
3.6-5.5
315
Yes
DIP
RFM83C-433D
RF83C
standard
Shape
3.6-5.5
433.92
Yes
DIP
RFM83CL-315D
RF83CL
standard
Shape
2.1-3.6
315
Yes
DIP
RFM83CL-433D
RF83CL
standard
Shape
2.1-3.6
433.92
Yes
DIP
RFM83C-315D-A
RF83C
Shape A
3.6-5.5
315
No
DIP
RFM83C-433D-A
RF83C
Shape A
3.6-5.5
433.92
No
DIP
RFM83CL-315D-A
RF83CL
Shape A
2.1-3.6
315
No
DIP
RFM83CL-433D-A
RF83CL
Shape A
2.1-3.6
433.92
No
DIP
RFM83C-315D-B
RF83C
Shape B
3.6-5.5
315
No
DIP
RFM83C-433D-B
RF83C
Shape B
3.6-5.5
433.92
No
DIP
RFM83CL-315D-B
RF83CL
Shape B
2.1-3.6
315
No
DIP
RFM83CL-433D-B
RF83CL
Shape B
2.1-3.6
433.92
No
DIP
RFM83C-315D-C
RF83C
Shape C
3.6-5.5
315
No
DIP
RFM83C-433D-C
RF83C
Shape C
3.6-5.5
433.92
No
DIP
RFM83CL-315D-C
RF83CL
Shape C
2.1-3.6
315
No
DIP
RFM83CL-433D-C
RF83CL
Shape C
2.1-3.6
433.92
No
DIP
RFM83C-315D-D
RF83C
Shape D
3.6-5.5
315
No
DIP
RFM83C-433D-D
RF83C
Shape D
3.6-5.5
433.92
No
DIP
RFM83CL-315D-D
RF83CL
Shape D
2.1-3.6
315
No
DIP
RFM83CL-433D-D
RF83CL
Shape D
2.1-3.6
433.92
No
DIP
8


Similar Part No. - RFM83CL-433D-B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RFM83 ETC2-RFM83 Datasheet
247Kb / 5P
   RFM83 Series ASK/OOK Super-heterodyne receiver module
More results

Similar Description - RFM83CL-433D-B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RFM83 ETC2-RFM83 Datasheet
247Kb / 5P
   RFM83 Series ASK/OOK Super-heterodyne receiver module
logo
Princeton Technology Co...
PT4303 PTC-PT4303 Datasheet
229Kb / 4P
   Low Power Super-heterodyne OOK/ASK Receiver
logo
Micrel Semiconductor
MICRF219A MICREL-MICRF219A Datasheet
722Kb / 23P
   ASK/OOK Receiver
logo
Princeton Technology Co...
PT4318 PTC-PT4318 Datasheet
277Kb / 5P
   Low Power 315/433MHz OOK/ASK Super-heterodyne Receiver with SAW-Based Oscillator
PT4304 PTC-PT4304 Datasheet
216Kb / 5P
   Fully Integrated OOK/ASK Receiver
logo
List of Unclassifed Man...
RF83 ETC2-RF83 Datasheet
500Kb / 22P
   300~440MHz ASK/OOK Receiver
logo
Princeton Technology Co...
PT4306 PTC-PT4306 Datasheet
347Kb / 5P
   Compact 433.92 MHz OOK/ASK Receiver
PT4302 PTC-PT4302 Datasheet
259Kb / 5P
   Ultra-Low Power OOK/ASK Receiver
PT4307 PTC-PT4307 Datasheet
343Kb / 5P
   Compact 315 MHz OOK/ASK Receiver
PT4308 PTC-PT4308 Datasheet
336Kb / 4P
   Compact 433.92 MHz OOK/ASK Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com