Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFM210W-315S1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RFM210W-315S1
Description  Low-Cost Consumer Electronics Applications
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RFM210W-315S1 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RFM210W-315S1 Datasheet HTML 1Page - List of Unclassifed Manufacturers RFM210W-315S1 Datasheet HTML 2Page - List of Unclassifed Manufacturers RFM210W-315S1 Datasheet HTML 3Page - List of Unclassifed Manufacturers RFM210W-315S1 Datasheet HTML 4Page - List of Unclassifed Manufacturers RFM210W-315S1 Datasheet HTML 5Page - List of Unclassifed Manufacturers RFM210W-315S1 Datasheet HTML 6Page - List of Unclassifed Manufacturers RFM210W-315S1 Datasheet HTML 7Page - List of Unclassifed Manufacturers RFM210W-315S1 Datasheet HTML 8Page - List of Unclassifed Manufacturers RFM210W-315S1 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
 
`
E‐mail:sales@hoperf.com                     website://www.hoperf.com   
Features
Embedded EEPROM
Very Easy Development with RFPDK
All Features Programmable
Frequency Range:
300 to 480 MHz (RFM210W)
300 to 960 MHz (RFM217W)
Symbol Rate: 0.1 to 40 kbps
Sensitivity: -108 dBm at 1 kbps, 0.1% BER
Configurable Receiver Bandwidth: 50 to 500 kHz
3-wire SPI Interface for EEPROM Programming
Stand-Alone, No External MCU Control Required
Configurable Duty-Cycle Operation Mode
Supply Voltage: 1.8 to 3.6 V
Low Power Consumption: 3.8 mA
Low Sleep Current
60 nA when Sleep Timer Off
440 nA when Sleep Timer On
RoHS Compliant
Module Size:32*11*5.0mm
Descriptions
The RFM210W/RFM217W devices are ultra low power,
high performance,
low-cost
OOK stand-alone RF
receiver for various 300 to 960 MHz wireless applications.
The RFM210WA covers the frequency range from 300 to
480
MHz while the RFM217W covers the 300 to 960 MHz
frequency range. They are part of the CMOSTEK
NextGenRFTM family, which includes a complete line of
transmitters, receivers and transceivers. An embedded
EEPROM allows the frequency, symbol rate and other
features to be programmed into the device using the
QFN16 (3X3)
CMOSTEK USB Programmer and RFPDK. Alternatively, in
stock products of 433.92/868.35 MHz are available for
immediate demands without the need of EEPROM
programming. When the RFM210W/217 is always on,
it
consumes only 3.8 mA current while achieving -108 dBm
12
GND 13
RFIN 14
GND 15
VDD 16
11
10
9
8
XIN
7
XOUT
6 CLKO
5 DOUT
receiving sensitivity. It consumes even less power when
working in duty-cycle operation mode via the built-in sleep
timer. The RFM210W/RFM217W receiver together with the
RFM11x transmitter enables an ultra low cost RF link.
RFM210WW/RFM217W
RFM210W/RFM217W
Applications
Low-Cost Consumer Electronics Applications
Home and Building Automation
Infrared Receiver Replacements
Industrial Monitoring and Controls
Remote Automated Meter Reading
Remote Lighting Control System
Wireless Alarm and Security Systems
Remote Keyless Entry (RKE)
 


Similar Part No. - RFM210W-315S1

ManufacturerPart #DatasheetDescription
logo
HOPE Microelectronics C...
RFM210W-315S1 HOPE-RFM210W-315S1 Datasheet
524Kb / 21P
   Embedded EEPROM
More results

Similar Description - RFM210W-315S1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RFM210LW-315S1 ETC2-RFM210LW-315S1 Datasheet
1Mb / 17P
   Low-Cost Consumer Electronics Applications
RFM110W-315S1 ETC2-RFM110W-315S1 Datasheet
611Kb / 22P
   Low-Cost Consumer Electronics Applications
RFM113W-315S1 ETC2-RFM113W-315S1 Datasheet
606Kb / 21P
   Low-Cost Consumer Electronics Applications
RFM119W-315S1 ETC2-RFM119W-315S1 Datasheet
763Kb / 19P
   Low-Cost Consumer Electronics Applications
RFM213W-315S1 ETC2-RFM213W-315S1 Datasheet
464Kb / 20P
   Low-Cost Consumer Electronics Applications
logo
Abracon Corporation
ASTMLP ABRACON-ASTMLP Datasheet
5Mb / 13P
   Consumer electronics
06.30.15
logo
Silicon Laboratories
EZR32HG320 SILABS-EZR32HG320 Datasheet
1Mb / 87P
   Consumer electronics
EZR32HG220 SILABS-EZR32HG220 Datasheet
1Mb / 86P
   Consumer electronics
logo
Siemens Semiconductor G...
SDA9280 SIEMENS-SDA9280 Datasheet
249Kb / 43P
   ICs for Consumer Electronics
logo
Diodes Incorporated
AP8803 DIODES-AP8803 Datasheet
268Kb / 2P
   Cost effective 3W LED driver for consumer applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com