Electronic Components Datasheet Search |
|
RFM210LW-315S1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers |
|
RFM210LW-315S1 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers |
1 / 17 page Rev 1.0 | Page 1 / 17 E‐mail:sales@hoperf.com website://www.hoperf.com Features Frequency Range: 315 /433.92 MHz Symbol Rate: 0.1 to 3.4 kbps Sensitivity: -108dBm at 2.4 kbps, 0.1% BER Receiver Bandwidth: 200 kHz Image Rejection Ratio: 25 dB Large Signal Handling:10 dBm Supply Voltage: 1.8 to 3.6 V Low Power Consumption: 3.8 Ma 3.3 mA @ 315 MHz 3.8 mA @ 433.92 MHz Low Sleep Current RoHS Compliant Module Size:32*11*5.0mm Descriptions The RFM210LW is an ultra low-cost, low power, high performance OOK stand-alone RF receiver for 315/433.92MHz wireless applications. It is part of the CMOSTEK NextGenRFTM family, which includes a complete line of transmitters, receivers and transceivers. The RFM210LW is a true plug- and- run device, no register configuration and manually- tune is required. The RFM210LW operates from 1.8 V to3.6 V, finely work till the end of most batteries’ power. It consumes 3.3 mA current while achieving -109 dBm receiving sensitivity at 315 MHz and consumes 3.8 mA current while achieving -108 dBm receiving sensitivity at433.92 MHz. RFM210LW RFM210LW Applications z Low-Cost Consumer Electronics Applications z Home and Building Automation z Infrared Receiver Replacements z Industrial Monitoring and Controls z Remote Automated Meter Reading z Remote Lighting Control System z Wireless Alarm and Security Systems z Remote Keyless Entry (RKE) |
Similar Part No. - RFM210LW-315S1 |
|
Similar Description - RFM210LW-315S1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |