Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFM93W-915S2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RFM93W-915S2
Description  Low Power Long Range Transceiver Module
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RFM93W-915S2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RFM93W-915S2 Datasheet HTML 1Page - List of Unclassifed Manufacturers RFM93W-915S2 Datasheet HTML 2Page - List of Unclassifed Manufacturers RFM93W-915S2 Datasheet HTML 3Page - List of Unclassifed Manufacturers RFM93W-915S2 Datasheet HTML 4Page - List of Unclassifed Manufacturers RFM93W-915S2 Datasheet HTML 5Page - List of Unclassifed Manufacturers RFM93W-915S2 Datasheet HTML 6Page - List of Unclassifed Manufacturers RFM93W-915S2 Datasheet HTML 7Page - List of Unclassifed Manufacturers RFM93W-915S2 Datasheet HTML 8Page - List of Unclassifed Manufacturers RFM93W-915S2 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 126 page
background image
RFM92W/93W V3.0
WIRELESS & SENSING
Page 1
 
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
RFM92W/93W - Low Power Long Range Transceiver Module datasheet V3.0
GENERAL DESCRIPTION
The RFM92W/93W transceivers feature the LoRaTM  long
range modem that provides ultra-long range spread
spectrum communication and high interference immunity
whilst minimising current consumption.
Using Semtech’s patented LoRaTM  modulation technique
RFM92W/93W can achieve a sensitivity of over -137 dBm
using a low cost crystal and bill of materials. The high
sensitivity combined with the integrated +20 dBm power
amplifier yields industry leading link budget making it
optimal for any application requiring range or robustness.
LoRaTM  also provides significant advantages in both
blocking and selectivity over conventional modulation
techniques, solving the
traditional
design
compromisebetween range,
interference
immunity
and energy consumption.
These devices also support high performance (G)FSK
modes for systems including WMBus, IEEE802.15.4g. The
RFM92W/93W deliver exceptional phase noise, selectivity,
receiver linearity and IIP3 for significantly lower current
consumption than competing devices.
APPLICATIONS
Automated Meter Reading
Home and Building Automation
Wireless Alarm and Security Systems
Industrial Monitoring and Control
Long range Irrigation Systems
KEY PRODUCT FEATURES
LoRaTM Modem
157 dB maximum link budget
+20 dBm at 100 mW constant RF output vs. V supply
+14 dBm high efficiency PA
Programmable bit rate up to 300 kbps
High sensitivity: down to -137 dBm
Bullet-proof front end: IIP3 = -12.5 dBm
89 dB blocking immunity
Low RX current of 10 mA, 100 nA register retention
Fully integrated synthesizer with a resolution of 61 Hz
FSK, GFSK, MSK, GMSK, LoRaTM and OOK modulation
Built-in bit synchronizer for clock recovery
Preamble detection
127 dB Dynamic Range RSSI
Automatic RF Sense and CAD with ultra-fast AFC
Packet engine up to 256 bytes with CRC
Built-in temperature sensor and low battery indicator
RFM92W/93W


Similar Part No. - RFM93W-915S2

ManufacturerPart #DatasheetDescription
logo
HOPE Microelectronics C...
RFM93W-915S2 HOPE-RFM93W-915S2 Datasheet
4Mb / 123P
   Low Power Long Range Transceiver Module V1.0
RFM93W-915S2 HOPE-RFM93W-915S2 Datasheet
4Mb / 126P
   Low Power Long Range Transceiver Module V2.0
More results

Similar Description - RFM93W-915S2

ManufacturerPart #DatasheetDescription
logo
HOPE Microelectronics C...
RFM95 HOPE-RFM95 Datasheet
1Mb / 121P
   Low Power Long Range Transceiver Module
logo
List of Unclassifed Man...
RFM95W-868S2 ETC2-RFM95W-868S2 Datasheet
1Mb / 121P
   Low Power Long Range Transceiver Module
logo
HOPE Microelectronics C...
RFM92W HOPE-RFM92W Datasheet
4Mb / 123P
   Low Power Long Range Transceiver Module V1.0
RFM93W HOPE-RFM93W Datasheet
4Mb / 126P
   Low Power Long Range Transceiver Module V2.0
logo
Microchip Technology
RN2903 MICROCHIP-RN2903 Datasheet
1Mb / 24P
   Low-Power Long Range LoRa Technology Transceiver Module
07/14/15
RN2483 MICROCHIP-RN2483_15 Datasheet
1Mb / 20P
   Low-Power Long Range LoRa짰 Technology Transceiver Module
07/14/15
RN2903 MICROCHIP-RN2903_18 Datasheet
1Mb / 26P
   Low-Power Long Range LoRa짰 Technology Transceiver Module
10/25/17
logo
Semtech Corporation
SX1272IMLTRT SEMTECH-SX1272IMLTRT Datasheet
4Mb / 129P
   Low Power Long Range Transceiver
SX1276IMLTRT SEMTECH-SX1276IMLTRT Datasheet
3Mb / 132P
   Low Power Long Range Transceiver
logo
HOPE Microelectronics C...
RF96 HOPE-RF96 Datasheet
2Mb / 121P
   Low Power Long Range Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com