Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFM68CW-915S2 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # RFM68CW-915S2
Description  Low Cost ISM Transmitter Module
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RFM68CW-915S2 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button RFM68CW-915S2 Datasheet HTML 7Page - List of Unclassifed Manufacturers RFM68CW-915S2 Datasheet HTML 8Page - List of Unclassifed Manufacturers RFM68CW-915S2 Datasheet HTML 9Page - List of Unclassifed Manufacturers RFM68CW-915S2 Datasheet HTML 10Page - List of Unclassifed Manufacturers RFM68CW-915S2 Datasheet HTML 11Page - List of Unclassifed Manufacturers RFM68CW-915S2 Datasheet HTML 12Page - List of Unclassifed Manufacturers RFM68CW-915S2 Datasheet HTML 13Page - List of Unclassifed Manufacturers RFM68CW-915S2 Datasheet HTML 14Page - List of Unclassifed Manufacturers RFM68CW-915S2 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
RFM68CW
RFM68CW
Tel: + 86-755-82973805
Fax: + 86-755-82973550
E-mail: sales@hoperf.com http:/ / www.hoperf.com
4.5.
Frequency Band Coverage
The RFM68CW offers several combinations or frequency references and frequency outputs, allowing for maximum
flexibility and design of multi-band products:
Table 7
Frequency Selection Table
Reference
Frequency
FXOSC
Band Setting
DA(13)
Upper / Lower
Frequency
Bounds
Fstep
Frf &
Fdev
22 MHz
310 to 450 MHz
22x10
6
Fstep=
-----------------= 1.34277kHz
2
14
24 MHz
312 to 450 MHz
24x10
6
Fstep=
-----------------= 1.46484kHz
2
14
0
338 to 450 MHz
26x10
6
Fstep=
-----------------= 1.58691kHz
2
14
26 MHz
1
860 to 870 MHz
and
902 to 928 MHz
6
Fstep=
2---6----x---1---0----= 3.17383kHz
2
13
Frf= DF(18;0) × Fstep
Fdev= DA(12;5) × Fstep
4.6.
Power Consumption
The following typical power consumption figures are observed on the RFM68CW kits. Note that the transmitter efficiency
depends on the impedance matching quality, and can be PCB design dependant.
The PA matching may be different in each frequency band.
Table 8
Power Consumption in Tx mode
Frequency Band
Conditions
Typical Current
Drain
310 to 450 MHz
Pout=+10dBm, OOK modulation with 50% duty cycle
Pout=+10dBm, FSK modulation
Pout=0dBm, FSK modulation
11 mA
15 mA
9 mA
860 to 870 MHz
Pout=+10dBm, FSK modulation
Pout=0dBm, FSK modulation
16.5 mA
10 mA
902 to 928 MHz
Pout=+10dBm, FSK modulation
Pout=0dBm, FSK modulation
17.5 mA
10.5 mA


Similar Part No. - RFM68CW-915S2

ManufacturerPart #DatasheetDescription
logo
HOPE Microelectronics C...
RFM68CW-915S2 HOPE-RFM68CW-915S2 Datasheet
806Kb / 20P
   Low Cost ISM Transmitter Module
More results

Similar Description - RFM68CW-915S2

ManufacturerPart #DatasheetDescription
logo
HOPE Microelectronics C...
RFM68CW HOPE-RFM68CW Datasheet
806Kb / 20P
   Low Cost ISM Transmitter Module
RFM68W HOPE-RFM68W Datasheet
793Kb / 20P
   Low Cost ISM Transmitter Module
logo
List of Unclassifed Man...
RFM68W-315S2 ETC2-RFM68W-315S2 Datasheet
793Kb / 20P
   Low Cost ISM Transmitter Module
logo
HOPE Microelectronics C...
RFM67W HOPE-RFM67W Datasheet
634Kb / 37P
   ISM TRANSMITTER MODULE
logo
List of Unclassifed Man...
RFM67W-315S2 ETC2-RFM67W-315S2 Datasheet
634Kb / 37P
   ISM TRANSMITTER MODULE
logo
Dorji Industrial Group ...
DRA889TX DORJI-DRA889TX Datasheet
112Kb / 2P
   LOW COST ASK TRANSMITTER MODULE
logo
List of Unclassifed Man...
RFM42B ETC2-RFM42B Datasheet
1Mb / 56P
   ISM TRANSMITTER
logo
HOPE Microelectronics C...
RFM42B HOPE-RFM42B Datasheet
1Mb / 56P
   ISM TRANSMITTER
logo
Silicon Laboratories
SI4313-B1 SILABS-SI4313-B1 Datasheet
500Kb / 50P
   Si4313 LOW-COST ISM RECEIVER
SI4313 SILABS-SI4313 Datasheet
489Kb / 52P
   Si4313 LOW-COST ISM RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com