Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFM68W-315S2 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # RFM68W-315S2
Description  Low Cost ISM Transmitter Module
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RFM68W-315S2 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button RFM68W-315S2 Datasheet HTML 5Page - List of Unclassifed Manufacturers RFM68W-315S2 Datasheet HTML 6Page - List of Unclassifed Manufacturers RFM68W-315S2 Datasheet HTML 7Page - List of Unclassifed Manufacturers RFM68W-315S2 Datasheet HTML 8Page - List of Unclassifed Manufacturers RFM68W-315S2 Datasheet HTML 9Page - List of Unclassifed Manufacturers RFM68W-315S2 Datasheet HTML 10Page - List of Unclassifed Manufacturers RFM68W-315S2 Datasheet HTML 11Page - List of Unclassifed Manufacturers RFM68W-315S2 Datasheet HTML 12Page - List of Unclassifed Manufacturers RFM68W-315S2 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
RFM68W
RFM68W
9
Tel: + 86-755-82973805
Fax: + 86-755-82973550
E-mail: sales@hoperf.com http:/ / www.hoperf.com
4.2.
Mode Selection Flowchart
Circuit Start-up
Wait T_Start
Logic ‘0’
Check
CTRL Pin
Logic ‘1’
Power & Go 1
868.3 MHz
FSK, Fdev=+/-19.2kHz
+10dBm
Power & Go 2
433.92 MHz
OOK
+10dBm
CTRL Clock signal
Advanced Mode Full
register flexibility Automatic
or forced Transmit
Figure 4.
RFM68W Mode Selection
Note
Advanced mode is entered only if DATA is held low during CTRL’s rising edge.
When powering up the circuit (microcontroller and RFM68W), the logic level of the CTRL pin is sampled after T_START, as
described on Figure 5. During T_START, the microcontroller IO driving the CTRL pin must be configured as an output,
driving the CTRL pin to the desired state.
Figure 5.
Power-up
Timing


Similar Part No. - RFM68W-315S2

ManufacturerPart #DatasheetDescription
logo
HOPE Microelectronics C...
RFM68W-315S2 HOPE-RFM68W-315S2 Datasheet
793Kb / 20P
   Low Cost ISM Transmitter Module
More results

Similar Description - RFM68W-315S2

ManufacturerPart #DatasheetDescription
logo
HOPE Microelectronics C...
RFM68CW HOPE-RFM68CW Datasheet
806Kb / 20P
   Low Cost ISM Transmitter Module
RFM68W HOPE-RFM68W Datasheet
793Kb / 20P
   Low Cost ISM Transmitter Module
logo
List of Unclassifed Man...
RFM68CW-315S2 ETC2-RFM68CW-315S2 Datasheet
806Kb / 20P
   Low Cost ISM Transmitter Module
logo
HOPE Microelectronics C...
RFM67W HOPE-RFM67W Datasheet
634Kb / 37P
   ISM TRANSMITTER MODULE
logo
List of Unclassifed Man...
RFM67W-315S2 ETC2-RFM67W-315S2 Datasheet
634Kb / 37P
   ISM TRANSMITTER MODULE
logo
Dorji Industrial Group ...
DRA889TX DORJI-DRA889TX Datasheet
112Kb / 2P
   LOW COST ASK TRANSMITTER MODULE
logo
List of Unclassifed Man...
RFM42B ETC2-RFM42B Datasheet
1Mb / 56P
   ISM TRANSMITTER
logo
HOPE Microelectronics C...
RFM42B HOPE-RFM42B Datasheet
1Mb / 56P
   ISM TRANSMITTER
logo
Silicon Laboratories
SI4313-B1 SILABS-SI4313-B1 Datasheet
500Kb / 50P
   Si4313 LOW-COST ISM RECEIVER
SI4313 SILABS-SI4313 Datasheet
489Kb / 52P
   Si4313 LOW-COST ISM RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com