Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFM67W-433S2 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # RFM67W-433S2
Description  ISM TRANSMITTER MODULE
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RFM67W-433S2 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button RFM67W-433S2 Datasheet HTML 6Page - List of Unclassifed Manufacturers RFM67W-433S2 Datasheet HTML 7Page - List of Unclassifed Manufacturers RFM67W-433S2 Datasheet HTML 8Page - List of Unclassifed Manufacturers RFM67W-433S2 Datasheet HTML 9Page - List of Unclassifed Manufacturers RFM67W-433S2 Datasheet HTML 10Page - List of Unclassifed Manufacturers RFM67W-433S2 Datasheet HTML 11Page - List of Unclassifed Manufacturers RFM67W-433S2 Datasheet HTML 12Page - List of Unclassifed Manufacturers RFM67W-433S2 Datasheet HTML 13Page - List of Unclassifed Manufacturers RFM67W-433S2 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
Page 10
RFM 67W
Tel: + 86-755-82973805
Fax: + 86-755-82973550
E-mail: sales@hoperf.com http:/ / www.hoperf.com
4. Working Modes of the RFM67W
4.1. Operating Modes
The four operating modes of the RFM67W are shown in Table 6. Each of these may be selected via the SPI bus by
writing the corresponding bits to Mode(2:0). A key feature of the RFM67W is that the transition from one operating mode to
the next is automatically optimized. For example, if the transmit operating mode is selected whilst in sleep operating mode
then, in a pre-defined time-optimized sequence, each of the intermediate modes is engaged sequentially without the need
to issue any further SPI commands. For more information on timing and optimization please see Section 7.4.
Table 6
RFM67W
Operating
Modes
Enabled Blocks
MODE(2:0)
Selected Mode
RC Osc
SPI
Xtal Osc
Freq. Synth.
PA
000
Sleep mode
Optional
x
001
Stand-by mode
Optional
x
x
010
FS mode
Optional
x
x
x
011
Transmit mode
Optional
x
x
x
x
4.2. Application Modes
The RFM67W has two application modes, selected by applying an external logical level to the E2_MODE input. The first,
MCU mode (E2_Mode= ‘0’), configures the RFM67W as an SPI slave. This permits the configuration of the circuit by an
external microprocessor via the SPI interface of the RFM67W and the data to be applied via the DATA input (pin 13).
The second application mode, stand-alone mode (E2_Mode = 0), sees the RFM67W configured as SPI master. In the
stand- alone application mode the RFM67W can download its configuration from an external SPI E2PROM. Moreover, in
response to an input on the GPIO pins, a specific configuration can be programmed and a payload transmitted.
Note that this mode selection process is performed at start up (or POR) of the circuit. Thus the hardware mode cannot be
dynamically changed without resetting the chip. This may be achieved either by power down or by issuing an active high
POR signal to the Reset input. For reset signal timing please see the diagram of Figure 13 and accompanying
description.
4.2.1. Stand Alone Mode
In stand alone mode (E2_Mode = ‘1’) the RFM67W will operate as a stand-alone SPI master which can download both
register settings and data payload from an SPI E2PROM. Four debounced GPIO inputs are available in stand alone mode,
in this application mode the RFM67W remains in sleep operating mode until either a single or combination of button
presses are detected. RFM67W can then be dynamically reconfigured and / or transmit a data sequence stored within the
E2PROM.
The RFM67W can accommodate SPI E2PROM sizes up to 8 kbit and uses industry standard SPI commands. For a full
description of E2PROM use with RFM67W and the associated application circuits, please see Section 6.1. The
application circuit for stand-alone operation is shown in Figure 3, note that both matching and LM are band specific
whilst CTX is application specific.


Similar Part No. - RFM67W-433S2

ManufacturerPart #DatasheetDescription
logo
HOPE Microelectronics C...
RFM67W-433S2 HOPE-RFM67W-433S2 Datasheet
634Kb / 37P
   ISM TRANSMITTER MODULE
More results

Similar Description - RFM67W-433S2

ManufacturerPart #DatasheetDescription
logo
HOPE Microelectronics C...
RFM67W HOPE-RFM67W Datasheet
634Kb / 37P
   ISM TRANSMITTER MODULE
RFM68CW HOPE-RFM68CW Datasheet
806Kb / 20P
   Low Cost ISM Transmitter Module
RFM68W HOPE-RFM68W Datasheet
793Kb / 20P
   Low Cost ISM Transmitter Module
logo
List of Unclassifed Man...
RFM68W-315S2 ETC2-RFM68W-315S2 Datasheet
793Kb / 20P
   Low Cost ISM Transmitter Module
RFM68CW-315S2 ETC2-RFM68CW-315S2 Datasheet
806Kb / 20P
   Low Cost ISM Transmitter Module
RFM42B ETC2-RFM42B Datasheet
1Mb / 56P
   ISM TRANSMITTER
logo
HOPE Microelectronics C...
RFM42B HOPE-RFM42B Datasheet
1Mb / 56P
   ISM TRANSMITTER
logo
List of Unclassifed Man...
RFM02 ETC2-RFM02 Datasheet
1Mb / 24P
   Universal ISM Band FSK Transmitter
logo
ams AG
AS3902 AMSCO-AS3902 Datasheet
348Kb / 14P
   ISM 433 MHz ASK Transmitter
logo
List of Unclassifed Man...
SI4031-B1-FMR ETC2-SI4031-B1-FMR Datasheet
592Kb / 58P
   Si4030/31/32 ISM TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com