Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1240 Datasheet(PDF) 8 Page - Microchip Technology

Part # TC1240
Description  Positive Doubling Charge Pump with Shutdown in SOT Package
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1240 Datasheet(HTML) 8 Page - Microchip Technology

Back Button TC1240 Datasheet HTML 3Page - Microchip Technology TC1240 Datasheet HTML 4Page - Microchip Technology TC1240 Datasheet HTML 5Page - Microchip Technology TC1240 Datasheet HTML 6Page - Microchip Technology TC1240 Datasheet HTML 7Page - Microchip Technology TC1240 Datasheet HTML 8Page - Microchip Technology TC1240 Datasheet HTML 9Page - Microchip Technology TC1240 Datasheet HTML 10Page - Microchip Technology TC1240 Datasheet HTML 11Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
TC1240
8
© 2001 Microchip Technology Inc.
TC1240-1 7/7/00 DS21333A
Positive Doubling Charge Pump with
Shutdown in SOT Package
TAPING FORM
User Direction of Feed
User Direction of Feed
Device
Marking
Component Taping Orientation for 6-Pin SOT-23A (EIAJ SC-74) Devices
PIN 1
PIN 1
Standard Reel Component Orientation
For TR Suffix Device
(Mark Right Side Up)
Reverse Reel Component Orientation
For RT Suffix Device
(Mark Upside Down)
W
P
Package
Carrier Width (W)
Pitch (P)
Part Per Full Reel
Reel Size
6-Pin SOT-23A
8 mm
4 mm
3000
7 in
Carrier Tape, Number of Components Per Reel and Reel Size
&
represent part number code + temperature range
(two-digit code)
TC1240
Code
1240ECH
DN
Ex: 1240ECH =
represents year and 2-month code
represents lot ID number
MARKING
6-Pin SOT-23A
3
Switching Frequency vs. Temperature
0
20
40
60
80
100
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
V IN = 2.8V
V IN = 4.0V
TYPICAL CHARACTERISTICS (Cont.)
D
N


Similar Part No. - TC1240

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1240 MICROCHIP-TC1240 Datasheet
290Kb / 16P
   Positive Doubling Charge Pumps with Shutdown in a SOT-23 Package
2003
logo
TelCom Semiconductor, I...
TC1240 TELCOM-TC1240 Datasheet
531Kb / 9P
   Positive Doubling Charge Pump with Shutdown in SOT Package
logo
Microchip Technology
TC1240A MICROCHIP-TC1240A Datasheet
290Kb / 16P
   Positive Doubling Charge Pumps with Shutdown in a SOT-23 Package
2003
TC1240A MICROCHIP-TC1240A Datasheet
253Kb / 18P
   Positive Doubling Charge Pumps with Shutdown in a SOT-23 Package
2001-2012 11/29/12
TC1240AECH MICROCHIP-TC1240AECH Datasheet
290Kb / 16P
   Positive Doubling Charge Pumps with Shutdown in a SOT-23 Package
2003
More results

Similar Description - TC1240

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1240 TELCOM-TC1240 Datasheet
531Kb / 9P
   Positive Doubling Charge Pump with Shutdown in SOT Package
logo
Microchip Technology
TC1240 MICROCHIP-TC1240_13 Datasheet
253Kb / 18P
   Positive Doubling Charge Pumps with Shutdown in a SOT-23 Package
2001-2012 11/29/12
TC1240A MICROCHIP-TC1240A Datasheet
290Kb / 16P
   Positive Doubling Charge Pumps with Shutdown in a SOT-23 Package
2003
logo
Linear Technology
LTC1754-3.3 LINER-LTC1754-3.3 Datasheet
205Kb / 12P
   Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23
LTC1754-5 LINER-LTC1754-5_15 Datasheet
216Kb / 12P
   Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23
LTC1754-3.3 LINER-LTC1754-3.3_15 Datasheet
216Kb / 12P
   Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23
logo
Maxim Integrated Produc...
MAX864 MAXIM-MAX864 Datasheet
122Kb / 12P
   Dual-Output Charge Pump with Shutdown
Rev 0; 3/96
MAX1697 MAXIM-MAX1697 Datasheet
222Kb / 12P
   60mA, SOT23 Inverting Charge Pump with Shutdown
Rev 0; 7/99
logo
ON Semiconductor
MC1121 ONSEMI-MC1121 Datasheet
102Kb / 8P
   100mA Charge Pump Voltage Converter with Shutdown
February, 2000 ??Rev. 0
logo
List of Unclassifed Man...
AIC1845 ETC2-AIC1845 Datasheet
687Kb / 13P
   Regulated 5V Charge Pump In SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com