Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

050_340 Datasheet(PDF) 4 Page - Glenair, Inc.

Part # 050_340
Description  PRINTED CIRCUIT BOARD (PCB) MOUNT
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

050_340 Datasheet(HTML) 4 Page - Glenair, Inc.

  050_340 Datasheet HTML 1Page - Glenair, Inc. 050_340 Datasheet HTML 2Page - Glenair, Inc. 050_340 Datasheet HTML 3Page - Glenair, Inc. 050_340 Datasheet HTML 4Page - Glenair, Inc. 050_340 Datasheet HTML 5Page - Glenair, Inc. 050_340 Datasheet HTML 6Page - Glenair, Inc. 050_340 Datasheet HTML 7Page - Glenair, Inc. 050_340 Datasheet HTML 8Page - Glenair, Inc. 050_340 Datasheet HTML 9Page - Glenair, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
©2015 Glenair, Inc.
REV: 4
US Cage Code 06324
Printed in USA
GLENAIR, INC.
∙ 1211 AIR WAY ∙ GLENDALE, CA 91201-2497
∙ TEL: 818-247-6000
∙ FAX: 818-500-9912
www.glenair.com
PAGE 4 of 14
E-mail: sales@glenair.com
050-340 Product Brief
PCB Mount Bi-Directional 1310/1550 Single Fiber
Transceiver, 125 Mbps – 1.25 Gbps, SMF, 3.3V
Ratings and Specifications (continued)
TABLE 6 COMPLIANCE SPECIFICATIONS
CHARACTERISTIC
Standard
Condition
Notes
Mechanical Shock
MIL-STD-810
Para. 516.6, proc. I, 650g
0.9 ms operating
Mechanical Vibration
MIL-STD-810
Para. 514.6, 40g rms
Random, operating
ESD
MIL-STD-883
500V HBM
Flame Resistance
MIL-STD-1344
Method 1012, Cond. B
30 seconds
Damp Heat
MIL-STD-1344
Method 1002.2, Cond. B
10 cycles , 24 hours
Eye Safety
CDRH and IEC-825
Class 1 Laser Product


Similar Part No. - 050_340

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050-340 GLENAIR-050-340 Datasheet
444Kb / 14P
   PRINTED CIRCUIT BOARD (PCB) MOUNT
More results

Similar Description - 050_340

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050-340 GLENAIR-050-340 Datasheet
444Kb / 14P
   PRINTED CIRCUIT BOARD (PCB) MOUNT
050-320 GLENAIR-050-320 Datasheet
487Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT
050-324 GLENAIR-050-324 Datasheet
492Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-328 GLENAIR-050-328 Datasheet
501Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-327 GLENAIR-050-327 Datasheet
519Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-352 GLENAIR-050-352 Datasheet
491Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-321 GLENAIR-050-321 Datasheet
481Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050_352 GLENAIR-050_352 Datasheet
491Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050_354 GLENAIR-050_354 Datasheet
491Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-315 GLENAIR-050-315 Datasheet
495Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com