Electronic Components Datasheet Search |
|
050_332 Datasheet(PDF) 2 Page - Glenair, Inc. |
|
050_332 Datasheet(HTML) 2 Page - Glenair, Inc. |
2 / 16 page ©2014 Glenair, Inc. REV: C US Cage Code 06324 Printed in USA GLENAIR, INC. ∙ 1211 AIR WAY ∙ GLENDALE, CA 91201-2497 ∙ TEL: 818-247-6000 ∙ FAX: 818-500-9912 www.glenair.com PAGE 2 of 16 E-mail: sales@glenair.com 050-332 Product Brief PCB Mount Dual-Receiver HD-SDI & 3G-SDI, MMF, 3.3V PCB Mount Fiber Optic Dual-Receiver, 1.485Gbps-2.970Gbps, MMF, 3.3V Glenair 050-332, is a ruggedized harsh environment PCB mount Dual-Receiver with electrical and optical functionality equivalent to SFP Dual-Receivers but with mechanical design that is suited to the harsh temperature and vibration environments found in Military, Aerospace, Railway, Oil and Gas, and Industrial applications. The PCB mount optical Dual-Receivers also support optional Digital Monitoring Interface (DMI) features in accordance with SFF 8472. The receiver includes two (2) Receiver Optical Subassemblies (ROSA) and amplification/quantization circuitry. The ROSAs, containing a PIN photodiode and trans-impedance preamplifier, are located at the optical interface and mate with the GC optical connector. Each ROSA is followed by a limiting amplifier IC that provides post- amplification and quantization. Also included is a Loss Of Signal (LOS) detection circuit. These receiver designs are specifically targeted at to support SMPTE 424 (3G- SDI) and SMPTE 292 (HD-SDI), with special considerations to comply with the SMPTE Pathological test cases as described in SMPTE EG 34:2004. This transceivers support BER <10-12 with Pathological test conditions CASE1, CASE3 and CASE3. HOW TO ORDER Table 1 Part Number Options Part Number Description 050-332-1 HD-SDI, without DMI 050-332-1-D HD-SDI, with DMI 050-332-2 3G-SDI, without DMI 050-332-2-D 3G-SDI, with DMI KEY FEATURES/BENEFITS SMPTE EG 34:2004 Compliant to Pathological Conditions CASE 1, CASE 2 and CASE 3. SMPTE ST 297:2006 (3G-SDI & HD-SDI) SMPTE 424 Compliant (3G-SDI) SMPTE 292 Compliant (HD-SDI) SFP Compatible Electrical I/O signal levels PIN PD to support high sensitivity up to 3 Gbps Industry standard CML outputs that make for simple integration on customer host PCB Glenair Rugged GC Optical connector for high shock and vibration applications Module is securely mounted with screws to PCB to ensure excellent shock and vibration performance High-Speed Electrical plug-in connector eliminates the need for soldering & enables ease of servicing Captive screws to simplify assembly operations Small: Approx. 0.8” x 0.9” x 0.5” -40 °C to +85°C Operating Case Temperature Glenair fiber jumpers connect from PCB Mount Module to any Glenair Mil/Aero Fiber Optic Connector Style Evaluation fixtures available Optional Digital Diagnostic and Monitoring (DMI) based on SFF-8472, enables monitoring of: o Received optical power for each receiver o Temperature o Supply voltage APPLICATIONS Harsh Environment such as: Airborne, Tactical, Railway, Industrial, Oil and Gas and Shipboard applications o SMPTE 3G & HD-SDI Video Applications |
Similar Part No. - 050_332 |
|
Similar Description - 050_332 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |