Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF68 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # RF68
Description  Low Cost Integrated Transmitter IC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF68 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button RF68 Datasheet HTML 6Page - List of Unclassifed Manufacturers RF68 Datasheet HTML 7Page - List of Unclassifed Manufacturers RF68 Datasheet HTML 8Page - List of Unclassifed Manufacturers RF68 Datasheet HTML 9Page - List of Unclassifed Manufacturers RF68 Datasheet HTML 10Page - List of Unclassifed Manufacturers RF68 Datasheet HTML 11Page - List of Unclassifed Manufacturers RF68 Datasheet HTML 12Page - List of Unclassifed Manufacturers RF68 Datasheet HTML 13Page - List of Unclassifed Manufacturers RF68 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Page 10
RF68
Tel: + 86-755-82973805
Fax: + 86-755-82973550
E-mail: sales@hoperf.com http:/ / www.hoperf.com
4.3. Application Mode: Power & Go
The default ‘Power & Go’ application mode sees the RF68 configured as detailed in Table 6. By changing the logical
state of the CTRL pin at Power-up or Reset, two distinct configuration modes can be selected. The Power & Go application
modes hence permit microcontroller-less operation.
Table 6
Configuration in Power & Go Mode
CTRL Pin
Configuration
Mode
‘Low’
FSK 868.3 MHz, +10 dBm, Fdev=+/-19.2 kHz
Power&Go 1
‘High’
OOK 433.92 MHz, +10 dBm
Power&Go 2
4.4. Application Mode: Advanced
4.4.1. Advanced Mode: Configuration
As described on Figure 4, Advanced mode is entered when accessing the Two Wire Interface (TWI) bus of the RF68.
Upon communication to the register at up to 10 MHz of clocking speed, complete flexibility on the use of the chip is
obtained.
Once all register settings are selected (see registers detailed description in section [5]), the RF68 can be used either in
Automatic mode by simply toggling the DATA pin, or in Forced Transmit mode to optimize timings for instance.
4.4.2. Frequency Hopping Spread Spectrum
Frequency hopping is supported in Advanced mode. After sending the data stream in the first channel, the user can send
a Frequency change instruction containing the new channel frequency. The circuit will automatically ramp down the PA,
lock the PLL to the new frequency, and turn the Power Amplifier back on. The user can then send his packet data on the
new channel. Timings are detailed hereafter:
t < TOFFT
(2 or 20 ms)
TWI
instruction
t < TOFFT
(2 or 20 ms)
DATA
Frequency change
CTRL
Frequency change
RFOUT
5th falling
edge on CTRL
24th falling
edge on CTRL
Tx Channel A
TS_HOPi
Tx Channel B
Figure 6. Frequency Hopping Description
Notes - During any TWI access, the input of the modulator is inhibited
- The time between two Frequency change instructions shall be greater than TS_HOPi
- FHSS modulation, as described under FCC part 15.247, is supported by the RF68; also note that the large
Frequency Deviation settings available on the RF68 make it suitable for “Digitally Modulated Systems”, as
described under FCC Part 15.247 (a)(2)


Similar Part No. - RF68

ManufacturerPart #DatasheetDescription
logo
HOPE Microelectronics C...
RF68 HOPE-RF68 Datasheet
778Kb / 21P
   Low Cost Integrated Transmitter IC
logo
RF Micro Devices
RF6886 RFMD-RF6886 Datasheet
1Mb / 16P
   3.6V, 100MHz TO 1000MHz LINEAR POWER AMPLIFIER
logo
Qorvo, Inc
RF6886 QORVO-RF6886 Datasheet
1Mb / 16P
   3.6V, 100MHz TO 1000MHz LINEAR POWER AMPLIFIER
logo
RF Micro Devices
RF6886PCK-410 RFMD-RF6886PCK-410 Datasheet
1Mb / 16P
   3.6V, 100MHz TO 1000MHz LINEAR POWER AMPLIFIER
RF6886PCK-411 RFMD-RF6886PCK-411 Datasheet
1Mb / 16P
   3.6V, 100MHz TO 1000MHz LINEAR POWER AMPLIFIER
More results

Similar Description - RF68

ManufacturerPart #DatasheetDescription
logo
HOPE Microelectronics C...
RF68 HOPE-RF68 Datasheet
778Kb / 21P
   Low Cost Integrated Transmitter IC
logo
Semtech Corporation
SX1242 SEMTECH-SX1242 Datasheet
304Kb / 14P
   SX1242 - Low Cost Integrated Transmitter IC
logo
WOLFSPEED, INC.
AM411 WOLFSPEED-AM411 Datasheet
350Kb / 10P
   Low-Cost Voltage Transmitter IC
March 2015 Rev. 4.0
logo
Semtech Corporation
SX1240 SEMTECH-SX1240 Datasheet
548Kb / 20P
   Low Cost Integrated Transmitter IC 434 MHz and 868 MHz Band RF Transmitter
logo
List of Unclassifed Man...
SEM104PT100 ETC2-SEM104PT100 Datasheet
92Kb / 2P
   LOW COST TEMPERATURE TRANSMITTER
logo
Semtech Corporation
SX1243 SEMTECH-SX1243 Datasheet
921Kb / 24P
   Low Cost Low Current Integrated Transmitter 310 to 928MHz Frequency Agile
logo
HOPE Microelectronics C...
RFM68W HOPE-RFM68W Datasheet
793Kb / 20P
   Low Cost ISM Transmitter Module
RFM68CW HOPE-RFM68CW Datasheet
806Kb / 20P
   Low Cost ISM Transmitter Module
logo
List of Unclassifed Man...
RFM68W-315S2 ETC2-RFM68W-315S2 Datasheet
793Kb / 20P
   Low Cost ISM Transmitter Module
RFM68CW-315S2 ETC2-RFM68CW-315S2 Datasheet
806Kb / 20P
   Low Cost ISM Transmitter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com