Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSZ084N08NS5 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # BSZ084N08NS5
Description  Ideal for high frequency switching and sync. rec.
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSZ084N08NS5 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button BSZ084N08NS5 Datasheet HTML 4Page - Infineon Technologies AG BSZ084N08NS5 Datasheet HTML 5Page - Infineon Technologies AG BSZ084N08NS5 Datasheet HTML 6Page - Infineon Technologies AG BSZ084N08NS5 Datasheet HTML 7Page - Infineon Technologies AG BSZ084N08NS5 Datasheet HTML 8Page - Infineon Technologies AG BSZ084N08NS5 Datasheet HTML 9Page - Infineon Technologies AG BSZ084N08NS5 Datasheet HTML 10Page - Infineon Technologies AG BSZ084N08NS5 Datasheet HTML 11Page - Infineon Technologies AG BSZ084N08NS5 Datasheet HTML 12Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
OptiMOSª5Power-Transistor,80V
BSZ084N08NS5
Rev.2.0,2014-12-17
Final Data Sheet
Diagram13:Avalanchecharacteristics
tAV[µs]
100
101
102
103
100
101
102
25 °C
100 °C
150 °C
IAS=f(tAV);RGS=25
Ω;parameter:Tj(start)
Diagram14:Typ.gatecharge
Qgate[nC]
0
5
10
15
20
25
0
2
4
6
8
10
60 V
40 V
20 V
VGS=f(Qgate);ID=20Apulsed;parameter:VDD
Diagram15:Drain-sourcebreakdownvoltage
Tj[°C]
-60
-20
20
60
100
140
180
75
80
85
90
VBR(DSS)=f(Tj);ID=1mA
Gate charge waveforms


Similar Part No. - BSZ084N08NS5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSZ086P03NS3EG INFINEON-BSZ086P03NS3EG Datasheet
307Kb / 9P
   OptiMOS P3 Power-Transistor
Rev. 2.02 2009-11-16
BSZ086P03NS3EG INFINEON-BSZ086P03NS3EG Datasheet
303Kb / 9P
   OptiMOS P3 Power-Transistor
Rev. 2.02 2009-11-16
BSZ086P03NS3EG INFINEON-BSZ086P03NS3EG Datasheet
33Kb / 1P
   Material Content Data Sheet
7. October 2015
BSZ086P03NS3EG INFINEON-BSZ086P03NS3EG_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
7. October 2015
BSZ086P03NS3G INFINEON-BSZ086P03NS3G Datasheet
303Kb / 9P
   OptiMOS P3 Power-Transistor
Rev. 2.02 2009-11-16
More results

Similar Description - BSZ084N08NS5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPA083N10N5 INFINEON-IPA083N10N5 Datasheet
1Mb / 11P
   Ideal for high frequency switching and sync. rec
Rev.2.0,2014-12-18
IPP023N08N5 INFINEON-IPP023N08N5 Datasheet
1Mb / 12P
   Ideal for high frequency switching and sync. rec
Rev.2.0,2014-12-17
IPP034N08N5 INFINEON-IPP034N08N5 Datasheet
1Mb / 12P
   Ideal for high frequency switching and sync. rec
Rev.2.0,2014-12-17
IPA057N06N3G INFINEON-IPA057N06N3G Datasheet
551Kb / 9P
   Ideal for high frequency switching and sync. rec.
2010-05-03 revision:2.0
BSZ075N08NS5 INFINEON-BSZ075N08NS5 Datasheet
1Mb / 12P
   Ideal for high frequency switching and sync. rec.
Rev.2.1,2014-05-05
BSZ110N08NS5 INFINEON-BSZ110N08NS5 Datasheet
1Mb / 12P
   Ideal for high frequency switching and sync. rec
Rev.2.1,2014-05-05
IPP030N10N5 INFINEON-IPP030N10N5 Datasheet
1Mb / 12P
   Ideal for high frequency switching and sync. rec
Rev.2.1,2015-01-30
IPP027N08N5 INFINEON-IPP027N08N5 Datasheet
1Mb / 12P
   Ideal for high frequency switching and sync. rec
Rev.2.0,2014-12-17
IPT015N10N5 INFINEON-IPT015N10N5 Datasheet
1Mb / 12P
   Ideal for high frequency switching and sync. rec
Rev.2.1,2015-02-23
IPP020N08N5 INFINEON-IPP020N08N5 Datasheet
1Mb / 12P
   Ideal for high frequency switching and sync. rec
Rev.2.1,2014-05-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com