Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSG0811ND Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BSG0811ND
Description  Optimized for high performance buck converters
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSG0811ND Datasheet(HTML) 2 Page - Infineon Technologies AG

  BSG0811ND Datasheet HTML 1Page - Infineon Technologies AG BSG0811ND Datasheet HTML 2Page - Infineon Technologies AG BSG0811ND Datasheet HTML 3Page - Infineon Technologies AG BSG0811ND Datasheet HTML 4Page - Infineon Technologies AG BSG0811ND Datasheet HTML 5Page - Infineon Technologies AG BSG0811ND Datasheet HTML 6Page - Infineon Technologies AG BSG0811ND Datasheet HTML 7Page - Infineon Technologies AG BSG0811ND Datasheet HTML 8Page - Infineon Technologies AG BSG0811ND Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
BSG0811ND
Power Block
Features
• Dual asymmetric N-channel OptiMOS™5 MOSFET
• Logic level (4.5V rated)
• Optimized for high performance buck converters
• Qualified according to JEDEC
1) for target applications
• Pb-free lead plating; RoHS compliant
• Halogen-free according to IEC61249-2-21
Maximum ratings,
at T j=25 °C, unless otherwise specified
2)
Parameter
Symbol Conditions
Unit
Q1
Q2
Continuous drain current
I D
T C=70 °C, V GS=10 V
50
50
A
T C=70 °C, V GS=4.5 V
50
50
T A=25 °C,
V GS=4.5 V
3)
31
50
T A=25 °C,
V GS=4.5 V
4)
19
41
Pulsed drain current
I D,pulse
T C=70 °C
160
160
Avalanche energy, single pulse
E AS
Q1: I D=10 A,
Q2: I D=20 A,
R GS=25 Ω
30
160
mJ
Gate source voltage
V GS
V
Power dissipation
P tot
T A=25 °C
3)
6.25
6.25
W
T A=25 °C
4)
2.5
2.5
Operating and storage temperature
T j, T stg
°C
IEC climatic category; DIN IEC 68-1
Value
-55 ... 150
55/150/56
±16
1) J-STD20 and JESD22
Type
Package
Marking
BSG0811ND
PG-TISON8-4
0811ND
Q1
Q2
V
DS
25
25
V
R
DS(on),max
V
GS=10 V
3
0.8
m
Ω
V
GS=4.5 V
4
1.1
I
D
50
50
A
Product Summary
Rev.2.0
page 1
2015-03-16


Similar Part No. - BSG0811ND

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSG0811ND INFINEON-BSG0811ND Datasheet
391Kb / 14P
   Power Block
Rev.2.1 2016-03-08
BSG0811ND INFINEON-BSG0811ND_16 Datasheet
391Kb / 14P
   Power Block
Rev.2.1 2016-03-08
More results

Similar Description - BSG0811ND

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSC009NE2LS5 INFINEON-BSC009NE2LS5 Datasheet
1Mb / 13P
   Optimized for high performance buck converters
Rev.2.0,2015-03-10
BSC0511NDI INFINEON-BSC0511NDI Datasheet
668Kb / 15P
   Optimized for high performance buck converters
Rev.2.0 2015-03-04
BSC026NE2LS5 INFINEON-BSC026NE2LS5 Datasheet
1Mb / 13P
   Optimized for high performance buck converters
Rev.2.0,2015-03-10
BSC009NE2LS5I INFINEON-BSC009NE2LS5I Datasheet
1Mb / 13P
   Optimized for high performance buck converters
Rev.2.0,2015-03-10
BSG0813NDI INFINEON-BSG0813NDI Datasheet
696Kb / 15P
   Optimized for high performance buck converters
Rev.2.0 2015-03-13
BSN011NE2LSI INFINEON-BSN011NE2LSI Datasheet
509Kb / 9P
   Optimized for high performance Buck converter
Rev. 2.0 2014-05-23
BSN012N03LS INFINEON-BSN012N03LS Datasheet
520Kb / 9P
   Optimized for high performance Buck converter
Rev. 2.0 2014-05-23
BSN045NE2LS INFINEON-BSN045NE2LS Datasheet
521Kb / 9P
   Optimized for high performance Buck converter
Rev. 2.0 2014-05-23
BSN012N03LSI INFINEON-BSN012N03LSI Datasheet
509Kb / 9P
   Optimized for high performance Buck converter
Rev. 2.0 2014-05-23
BSN011NE2LS INFINEON-BSN011NE2LS Datasheet
598Kb / 9P
   Optimized for high performance Buck converter
Rev. 2.0 2014-05-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com