Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMT2210AW-ESR Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # CMT2210AW-ESR
Description  Low-Cost 300 ??960 MHz OOK Stand-Alone RF Receiver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CMT2210AW-ESR Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button CMT2210AW-ESR Datasheet HTML 5Page - List of Unclassifed Manufacturers CMT2210AW-ESR Datasheet HTML 6Page - List of Unclassifed Manufacturers CMT2210AW-ESR Datasheet HTML 7Page - List of Unclassifed Manufacturers CMT2210AW-ESR Datasheet HTML 8Page - List of Unclassifed Manufacturers CMT2210AW-ESR Datasheet HTML 9Page - List of Unclassifed Manufacturers CMT2210AW-ESR Datasheet HTML 10Page - List of Unclassifed Manufacturers CMT2210AW-ESR Datasheet HTML 11Page - List of Unclassifed Manufacturers CMT2210AW-ESR Datasheet HTML 12Page - List of Unclassifed Manufacturers CMT2210AW-ESR Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
CMT2210/17AW
Rev 1.3 | Page 9/28
www.hoperf.com
1
2
3
4
5
6
7
14
13
12
10
9
11
VCOP
VCON
GND
RFIN
GND
VDD
CSB
nRSTO
NC
XIN
XOUT
CLKO
DOUT
8
SDA
SCL
15
16
NC
Figure 3. CMT2210AW Pin Assignments in SOP16 Package
Table 9. CMT2210AW Pin Assignments in SOP16 Package
Pin Number
Name
I/O
Descriptions
1
VCOP
IO
VCO tank, connected to an external inductor
2
VCON
3, 5
GND
I
Ground
4
RFIN
I
RF signal input to the LNA
6
VDD
I
Power supply input
7
CSB
I
3-wire SPI chip select input for EEPROM programming
8
SDA
IO
3-wire SPI data input and output for EEPROM programming
9
SCL
I
3-wire SPI clock input for EEPROM programming
10,15
NC
-
Not connected, leave floating
11
DOUT
O
Received data output
12
CLKO
O
Programmable clock output to drive an external MCU
13
XOUT
O
Crystal oscillator output
14
XIN
I
Crystal oscillator input or external reference clock input
16
nRSTO
O
Active-low power-on-reset output to reset an external MCU


Similar Part No. - CMT2210AW-ESR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMT2210LW ETC2-CMT2210LW Datasheet
496Kb / 20P
   Low-Cost 315/433.92 MHz OOK Stand-Alone Receiver
CMT2210LW-ESB ETC2-CMT2210LW-ESB Datasheet
496Kb / 20P
   Low-Cost 315/433.92 MHz OOK Stand-Alone Receiver
CMT2210LW-ESR ETC2-CMT2210LW-ESR Datasheet
496Kb / 20P
   Low-Cost 315/433.92 MHz OOK Stand-Alone Receiver
More results

Similar Description - CMT2210AW-ESR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMT2213AW-EQR ETC2-CMT2213AW-EQR Datasheet
750Kb / 25P
   Low-Cost 300 ??480 MHz (G)FSK/OOK Stand-Alone RF Receiver
CMT2210LW ETC2-CMT2210LW Datasheet
496Kb / 20P
   Low-Cost 315/433.92 MHz OOK Stand-Alone Receiver
CMT2157AW-ESR ETC2-CMT2157AW-ESR Datasheet
937Kb / 31P
   240 ??960 MHz (G)FSK/OOK Stand-Alone Transmitter with Encoder
CMT2257AW-EQR ETC2-CMT2257AW-EQR Datasheet
201Kb / 5P
   300 ??960 MHz OOK/(G)FSK Receiver with Decoder
CMT2110AW-ESR ETC2-CMT2110AW-ESR Datasheet
781Kb / 25P
   Low-Cost 240 ??960 MHz OOK Transmitter
CMT2150AW-ESR ETC2-CMT2150AW-ESR Datasheet
916Kb / 31P
   240 ??480 MHz OOK Stand-Alone Transmitter with Encoder
CMT2250AW-EQR ETC2-CMT2250AW-EQR Datasheet
355Kb / 4P
   300 ??480 MHz OOK Receiver with Decoder
RF83 ETC2-RF83 Datasheet
500Kb / 22P
   300~440MHz ASK/OOK Receiver
CMT2119AW-ESR ETC2-CMT2119AW-ESR Datasheet
858Kb / 29P
   240 ??960 MHz (G)FSK/OOK Transmitter
logo
Silicon Laboratories
SI4312 SILABS-SI4312 Datasheet
204Kb / 22P
   315/433.92 MHZ OOK RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com