Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

050_205 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 050_205
Description  Copper to Fiber DVI Media Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

050_205 Datasheet(HTML) 2 Page - Glenair, Inc.

  050_205 Datasheet HTML 1Page - Glenair, Inc. 050_205 Datasheet HTML 2Page - Glenair, Inc. 050_205 Datasheet HTML 3Page - Glenair, Inc. 050_205 Datasheet HTML 4Page - Glenair, Inc. 050_205 Datasheet HTML 5Page - Glenair, Inc. 050_205 Datasheet HTML 6Page - Glenair, Inc. 050_205 Datasheet HTML 7Page - Glenair, Inc. 050_205 Datasheet HTML 8Page - Glenair, Inc. 050_205 Datasheet HTML 9Page - Glenair, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
©2014 Glenair, Inc.
REV: 3
US Cage Code 06324
Printed in USA
GLENAIR, INC.
∙ 1211 AIR WAY ∙ GLENDALE, CA 91201-2497
∙ TEL: 818-247-6000
∙ FAX: 818-500-9912
www.glenair.com
PAGE 2 of 11
E-mail: sales@glenair.com
050-205
DVI Copper to Fiber Media Converter
D38999 (Signal, Power, BIT), D38999 (Fiber Optic)
DVI Inline Copper to Fiber Media Converter
The Glenair 050-205 Digital Visual Interface (DVI) Copper to Fiber Optic Media
Converter increases DVI operational link distance in harsh environments. It allows
both longer distance and more reliable communication on optical fibers in
ruggedized military systems using DVI protocol between graphics cards and
remote displays. This media converter is configured as either transmitter,
converting electrical DVI signals to fiber, or as a receiver, converting fiber optic
signals into the electrical DVI signals. The media converter incorporates a power
supply which has been designed to accept a wide DC input voltage range, 18V to
36V. The 050-205 is designed for harsh environments and incorporates
electronics in an environmentally sealed enclosure that incorporates three
environmental D38999 connectors. Power, Signal I/O and BIT functionality is
supplied through D38999 with a combination of Quadrax and #22D contacts. The
Fiber Optics passes through D38999 using ARINC 801 contact which can be
configured to support either single mode or multi-mode fiber applications.
KEY FEATURES/BENEFITS
1310nm FP Lasers for SMF 10km links
InGaAs PIN PD for SMF 10km links
850nm Lasers for MMF up to 500m links
GaAs PIN PD for MMF up to 500m Links
Wide Input Voltage Range: 18-36V
IP67 in mated condition
D38999 with Quadrax and #22 Pin contacts
for Power, Signal and BIT I/O
38999 ARINC 801 for Fiber Optic I/O
OPTIONAL FEATURES
Built in Test Console Port accessible via UART
(RS422)
APPLICATIONS
Harsh Environment Ethernet for Airborne, Tactical and
Shipboard applications


Similar Part No. - 050_205

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050-205 GLENAIR-050-205 Datasheet
714Kb / 11P
   Copper to Fiber DVI Media Converter
More results

Similar Description - 050_205

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050_201 GLENAIR-050_201 Datasheet
388Kb / 4P
   DVI Copper to Fiber Media Converter
050-201 GLENAIR-050-201 Datasheet
388Kb / 4P
   DVI Copper to Fiber Media Converter
050-205 GLENAIR-050-205 Datasheet
714Kb / 11P
   Copper to Fiber DVI Media Converter
050-206 GLENAIR-050-206 Datasheet
779Kb / 15P
   Dual-DVI Copper to Fiber Media Converter
050_206 GLENAIR-050_206 Datasheet
779Kb / 15P
   Dual-DVI Copper to Fiber Media Converter
050_207 GLENAIR-050_207 Datasheet
713Kb / 13P
   Copper to Fiber Media Converter
050-105 GLENAIR-050-105 Datasheet
577Kb / 15P
   Copper to Fiber Ethernet Media Converter
050_501 GLENAIR-050_501 Datasheet
703Kb / 13P
   Copper to Fiber Aggregation Media Converter
050_105 GLENAIR-050_105 Datasheet
577Kb / 15P
   Copper to Fiber Ethernet Media Converter
050-501 GLENAIR-050-501 Datasheet
703Kb / 13P
   Copper to Fiber Aggregation Media Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com