Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

050_115 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 050_115
Description  Media Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

050_115 Datasheet(HTML) 2 Page - Glenair, Inc.

  050_115 Datasheet HTML 1Page - Glenair, Inc. 050_115 Datasheet HTML 2Page - Glenair, Inc. 050_115 Datasheet HTML 3Page - Glenair, Inc. 050_115 Datasheet HTML 4Page - Glenair, Inc. 050_115 Datasheet HTML 5Page - Glenair, Inc. 050_115 Datasheet HTML 6Page - Glenair, Inc. 050_115 Datasheet HTML 7Page - Glenair, Inc. 050_115 Datasheet HTML 8Page - Glenair, Inc. 050_115 Datasheet HTML 9Page - Glenair, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
©2014 Glenair, Inc.
REV: 2
US Cage Code 06324
Printed in USA
GLENAIR, INC.
∙ 1211 AIR WAY ∙ GLENDALE, CA 91201-2497
∙ TEL: 818-247-6000
∙ FAX: 818-500-9912
www.glenair.com
PAGE 2 of 13
E-mail: sales@glenair.com
050-115
Media Converter, Single or Dual Channel, Panel Mount
10/100/1000BASE-T to CWDM Fiber Optic Ethernet
10/100/1000BASE-T to 1000BASE-CWDM
The Glenair 050-115 is a 10/100/1000BASE-T to Fiber Media converter that can
be configured for 1 or 2 channels and can support conversion to 1000BASE-
CWDM (with the optical loss budget derivative of 1000BASE-LX) protocol. It is
designed for harsh environments and incorporates electronics in an
environmentally sealed enclosure that incorporates two environmental M38999
connectors. One connector is utilized for power and electrical signal and the
second connector is used for the Fiber Optic signals and can be configured to
support either single mode or multi-mode fiber applications.
The Glenair 050-115 is intended to be used with external passive CWDM to
combine send and receive signals on a single fiber.
KEY FEATURES/BENEFITS
CWDM DFB Lasers for 1000BASE-CWDM
InGaAs PIN PD for 1000BASE-CWDM
Wide Input Voltage Range: 5-36V
Electrical Interface compliant with IEEE
802.3 (10/100/1000BASE-T)
Optical Interface derived from IEEE 802.3
(1000BASE-LX10)
-20C to +55C Operating Range
Magnetics on the electrical signal input side to support
10/100/1000BASE-T operation over 100m Cat 5E
IP67 in mated condition
M38999 Electrical Signal & Power
M38999 Fiber Optic Connector
Panel Mount
OPTIONAL FEATURES
Built In Test Console Port accessible via USB2.0
Built in Test Console Port accessible via UART
APPLICATIONS
Harsh Environment Ethernet for Airborne, Tactical and
Shipboard applications


Similar Part No. - 050_115

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050-115 GLENAIR-050-115 Datasheet
588Kb / 13P
   Media Converter
More results

Similar Description - 050_115

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050_113 GLENAIR-050_113 Datasheet
627Kb / 15P
   Media Converter
050-110 GLENAIR-050-110 Datasheet
758Kb / 13P
   Media Converter
050-112 GLENAIR-050-112 Datasheet
607Kb / 15P
   Media Converter
050-113 GLENAIR-050-113 Datasheet
627Kb / 15P
   Media Converter
050-115 GLENAIR-050-115 Datasheet
588Kb / 13P
   Media Converter
logo
Bel Fuse Inc.
T2F-DTL002-24V BEL-T2F-DTL002-24V Datasheet
760Kb / 2P
   Media Converter
logo
Red Lion Controls. Inc
302MC REDLION-302MC Datasheet
440Kb / 3P
   Industrial Media Converter
102MC REDLION-102MC Datasheet
554Kb / 3P
   Industrial Media Converter
logo
Level One
FVS-GVS-3800 LVL1-FVS-GVS-3800 Datasheet
1Mb / 3P
   Ethernet Media Converter
logo
ORing Industrial Networ...
IMC-P111FX ORING-IMC-P111FX Datasheet
706Kb / 5P
   Fiber media converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com