Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSC026NE2LS5 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BSC026NE2LS5
Description  Optimized for high performance buck converters
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSC026NE2LS5 Datasheet(HTML) 2 Page - Infineon Technologies AG

  BSC026NE2LS5 Datasheet HTML 1Page - Infineon Technologies AG BSC026NE2LS5 Datasheet HTML 2Page - Infineon Technologies AG BSC026NE2LS5 Datasheet HTML 3Page - Infineon Technologies AG BSC026NE2LS5 Datasheet HTML 4Page - Infineon Technologies AG BSC026NE2LS5 Datasheet HTML 5Page - Infineon Technologies AG BSC026NE2LS5 Datasheet HTML 6Page - Infineon Technologies AG BSC026NE2LS5 Datasheet HTML 7Page - Infineon Technologies AG BSC026NE2LS5 Datasheet HTML 8Page - Infineon Technologies AG BSC026NE2LS5 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
OptiMOSTM5Power-MOSFET,25V
BSC026NE2LS5
Rev.2.0,2015-03-10
Final Data Sheet
1
2
3
4
5
6
7
8
4
3
2
1
5
6
7
8
SuperSO8
8 D
7 D
6 D
5 D
S 1
S 2
S 3
G 4
1Description
Features
•Optimizedforhighperformancebuckconverters
•Verylowon-resistanceRDS(on)@VGS=4.5V
•100%avalanchetested
•Superiorthermalresistance
•N-channel
•QualifiedaccordingtoJEDEC1)fortargetapplications
•Pb-freeleadplating;RoHScompliant
•Halogen-freeaccordingtoIEC61249-2-21
Table1KeyPerformanceParameters
Parameter
Value
Unit
VDS
25
V
RDS(on),max
2.6
m
ID
82
A
QOSS
7.6
nC
QG(0V..4.5V)
5.6
nC
Type/OrderingCode
Package
Marking
RelatedLinks
BSC026NE2LS5
PG-TDSON-8
26NE2LS5
-
1) J-STD20 and JESD22


Similar Part No. - BSC026NE2LS5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSC026N02KSG INFINEON-BSC026N02KSG Datasheet
438Kb / 10P
   OptiMOS?? Power-Transistor
Rev.1.06 2010-07-01
BSC026N04LS INFINEON-BSC026N04LS Datasheet
1Mb / 13P
   OptiMOSTM Power-MOSFET, 40 V
Rev.2.1,2016-06-09
BSC026N08NS5 INFINEON-BSC026N08NS5 Datasheet
1Mb / 12P
   Optimized for Synchronous Rectification in server and desktop
Rev.2.1,2015-08-31
More results

Similar Description - BSC026NE2LS5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSC009NE2LS5 INFINEON-BSC009NE2LS5 Datasheet
1Mb / 13P
   Optimized for high performance buck converters
Rev.2.0,2015-03-10
BSC0511NDI INFINEON-BSC0511NDI Datasheet
668Kb / 15P
   Optimized for high performance buck converters
Rev.2.0 2015-03-04
BSG0811ND INFINEON-BSG0811ND Datasheet
699Kb / 15P
   Optimized for high performance buck converters
Rev.2.0 2015-03-16
BSC009NE2LS5I INFINEON-BSC009NE2LS5I Datasheet
1Mb / 13P
   Optimized for high performance buck converters
Rev.2.0,2015-03-10
BSG0813NDI INFINEON-BSG0813NDI Datasheet
696Kb / 15P
   Optimized for high performance buck converters
Rev.2.0 2015-03-13
BSN011NE2LSI INFINEON-BSN011NE2LSI Datasheet
509Kb / 9P
   Optimized for high performance Buck converter
Rev. 2.0 2014-05-23
BSN012N03LS INFINEON-BSN012N03LS Datasheet
520Kb / 9P
   Optimized for high performance Buck converter
Rev. 2.0 2014-05-23
BSN045NE2LS INFINEON-BSN045NE2LS Datasheet
521Kb / 9P
   Optimized for high performance Buck converter
Rev. 2.0 2014-05-23
BSN012N03LSI INFINEON-BSN012N03LSI Datasheet
509Kb / 9P
   Optimized for high performance Buck converter
Rev. 2.0 2014-05-23
BSN011NE2LS INFINEON-BSN011NE2LS Datasheet
598Kb / 9P
   Optimized for high performance Buck converter
Rev. 2.0 2014-05-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com